Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SJ610 Datasheet(PDF) 4 Page - Toshiba Semiconductor

Part # 2SJ610
Description  TOSHIBA Field Effect Transistor Silicon P-Channel MOS Type
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SJ610 Datasheet(HTML) 4 Page - Toshiba Semiconductor

  2SJ610 Datasheet HTML 1Page - Toshiba Semiconductor 2SJ610 Datasheet HTML 2Page - Toshiba Semiconductor 2SJ610 Datasheet HTML 3Page - Toshiba Semiconductor 2SJ610 Datasheet HTML 4Page - Toshiba Semiconductor 2SJ610 Datasheet HTML 5Page - Toshiba Semiconductor 2SJ610 Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
2SJ610
2009-07-13
4
0
0
40
120
160
200
10
30
40
20
80
Case temperature Tc
(°C)
RDS (ON) – Tc
Drain-source voltage VDS (V)
IDR – VDS
Case temperature Tc
(°C)
Vth – Tc
Case temperature Tc
(°C)
PD – Tc
Total gate charge Qg (nC)
Dynamic input/output characteristics
Drain-source voltage VDS (V)
Capacitance – VDS
ID = −1 A
−2 A
0
−80
−40
0
40
80
120
160
1
2
3
4
5
Common source
VGS = −10 V
Pulse test
Ciss
Coss
Crss
1000
Common source
VGS = 0 V
f
= 1 MHz
Tc
= 25°C
−0.1
100
10
1
−1
−10
−100
−0.3
−3
−30
0
−80
−40
0
40
80
120
160
−2
−3
−4
−5
−1
Common source
VDS = −10 V
ID = −1 mA
Pulse test
−50
0
035
−300
VDD = −200 V
Common source
ID = −2 A
Tc
= 25°C
Pulse test
−200
−100
25
15
5
−100
VGS
VDS
−30
−25
−20
−15
−10
−5
−0
−1
0.1
0
0.2
0.4
1.2
−10
−100
Common source
Tc
= 25°C
Pulse test
0.6
0.8
1.0
1.4
VGS = −10 V
−5 V
−3 V
0, 1


Similar Part No. - 2SJ610

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SJ610 TOSHIBA-2SJ610 Datasheet
183Kb / 6P
   Silicon P-Channel MOS Type Switching Regulator, DC/DC Converter and Motor Drive Applications
2SJ610 TOSHIBA-2SJ610 Datasheet
233Kb / 6P
   Switching Regulator
2SJ610 TOSHIBA-2SJ610 Datasheet
1Mb / 73P
   Bipolar Small-Signal Transistors
2SJ610 TOSHIBA-2SJ610_06 Datasheet
183Kb / 6P
   Silicon P-Channel MOS Type Switching Regulator, DC/DC Converter and Motor Drive Applications
More results

Similar Description - 2SJ610

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
SSM3J02F TOSHIBA-SSM3J02F Datasheet
164Kb / 5P
   TOSHIBA Field Effect Transistor Silicon P Channel MOS Type
SSM3J35MFV TOSHIBA-SSM3J35MFV Datasheet
256Kb / 5P
   TOSHIBA Field-Effect Transistor Silicon P-Channel MOS Type
SSM6P49NU TOSHIBA-SSM6P49NU Datasheet
192Kb / 6P
   TOSHIBA Field Effect Transistor Silicon P Channel MOS Type
SSM3J02T TOSHIBA-SSM3J02T Datasheet
147Kb / 5P
   TOSHIBA Field Effect Transistor Silicon P Channel MOS Type
SSM3J01T TOSHIBA-SSM3J01T Datasheet
169Kb / 5P
   TOSHIBA Field Effect Transistor Silicon P Channel MOS Type
SSM5P05FU TOSHIBA-SSM5P05FU Datasheet
144Kb / 5P
   TOSHIBA Field Effect Transistor Silicon P Channel MOS Type
SSM6J401TU TOSHIBA-SSM6J401TU Datasheet
224Kb / 6P
   TOSHIBA Field-Effect Transistor Silicon P-Channel MOS Type
SSM3J117TU TOSHIBA-SSM3J117TU_V01 Datasheet
395Kb / 5P
   TOSHIBA Field-Effect Transistor Silicon P-Channel MOS Type
2015/01/20
TPCS8104 TOSHIBA-TPCS8104 Datasheet
378Kb / 7P
   TOSHIBA Field Effect Transistor Silicon P Channel MOS Type
SSM6J207FE TOSHIBA-SSM6J207FE_14 Datasheet
211Kb / 5P
   TOSHIBA Field-Effect Transistor Silicon P-Channel MOS Type
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com