Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M392B5270CH0 Datasheet(PDF) 10 Page - Samsung semiconductor

Part # M392B5270CH0
Description  DDR3 SDRAM Memory
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

M392B5270CH0 Datasheet(HTML) 10 Page - Samsung semiconductor

Back Button M392B5270CH0 Datasheet HTML 6Page - Samsung semiconductor M392B5270CH0 Datasheet HTML 7Page - Samsung semiconductor M392B5270CH0 Datasheet HTML 8Page - Samsung semiconductor M392B5270CH0 Datasheet HTML 9Page - Samsung semiconductor M392B5270CH0 Datasheet HTML 10Page - Samsung semiconductor M392B5270CH0 Datasheet HTML 11Page - Samsung semiconductor M392B5270CH0 Datasheet HTML 12Page - Samsung semiconductor M392B5270CH0 Datasheet HTML 13Page - Samsung semiconductor M392B5270CH0 Datasheet HTML 14Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
- 10 -
Product Guide
DDR3 SDRAM Memory
May. 2010
4.8 240Pin DDR3 VLP Registered DIMM (1.35V Product)
* NOTE : 1.35V product is 1.5V operatable.
240Pin DDR3 VLP Registered DIMM
Org.
Density
Part Number
Speed
Raw Card
Composition
Comp.
Version
Internal
Banks
Rank
PKG
Height
Avail.
NOTE
128Mx 72
1GB
M392B2873EH1
YF8/H9
K(1Rx8)
128M x 8 * 9 pcs
1Gb
E-die
81
78 ball
FBGA
18.75mm
Now
M392B2873FH0
YF8/H9
128M x 8 * 9 pcs
1Gb
F-die
256Mx 72
2GB
M392B5673EH1
YF8/H9
L(2Rx8)
128M x 8 * 18 pcs
1Gb
E-die
82
78 ball
FBGA
18.75mm
Now
M392B5673FH0
YF8/H9
128M x 8 * 18 pcs
1Gb
F-die
M392B5670EH1
YF8/H9
M(1Rx4)
256M x 4 * 18 pcs
1Gb
E-die
81
M392B5670FH0
YF8/H9
256M x 4 * 18 pcs
1Gb
F-die
M392B5773CH0
YF8/H9
K(1Rx8)
512M x 4 * 9 pcs
2Gb
C-die
512Mx 72
4GB
M392B5170EM1
YF8/H9
N(2Rx4)
DDP
512M
x 4 * 18 pcs
1Gb
E-die
8
2
78 ball
FBGA
18.75mm
Now
M392B5170FM0
YF8/H9
N(2Rx4)
512M x 4 * 18 pcs
1Gb
F-die
82
M392B5273BH1
YF8/H9
L(2Rx8)
256M x 8 * 18 pcs
2Gb
B-die
M392B5273CH0
YF8/H9
256M x 8 * 18 pcs
2Gb
C-die
M392B5270BH1
YF8/H9
M(1Rx4)
512M x 4 * 18 pcs
2Gb
B-die
81
M392B5270CH0
YF8/H9
512M x 4 * 18 pcs
2Gb
C-die
1Gx 72
8GB
M392B1K73BM1
YF8
V(4Rx8)
DDP
512M
x 8 * 18 pcs
2Gb
B-die
84
78 ball
FBGA
18.75mm
Now
M392B1K73CM0
YF8
DDP
512M
x 8 * 18 pcs
2Gb
C-die
M392B1K70BM1
YF8/H9
N(2Rx4)
DDP
1G
x 4 * 18 pcs
2Gb
B-die
82
M392B1K70CM0
YF8/H9
DDP
1G
x 4 * 18 pcs
2Gb
C-die
2Gx 72
16GB
M392B2G70AM0
YF8/H9
N(2Rx4)
DDP
2G
x4 * 18 pcs
4Gb
A-die
8
2
78 ball
FBGA
18.75mm
Now
M392B2G73AM0
YF8/H9
V(4Rx8)
DDP
1G
x8 * 18 pcs
4Gb
A-die
4
Jun.’10


Similar Part No. - M392B5270CH0

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
M392B1G70DB0-CMA SAMSUNG-M392B1G70DB0-CMA Datasheet
4Mb / 28P
   PRODUCT SELECTION GUIDE Displays, Memory and Storage
2H 2014
M392B1G70DB0-YK0 SAMSUNG-M392B1G70DB0-YK0 Datasheet
4Mb / 28P
   PRODUCT SELECTION GUIDE Displays, Memory and Storage
2H 2014
M392B1G73DB0-CMA SAMSUNG-M392B1G73DB0-CMA Datasheet
4Mb / 28P
   PRODUCT SELECTION GUIDE Displays, Memory and Storage
2H 2014
M392B1G73DB0-YK0 SAMSUNG-M392B1G73DB0-YK0 Datasheet
4Mb / 28P
   PRODUCT SELECTION GUIDE Displays, Memory and Storage
2H 2014
M392B2G70DM0-CMA SAMSUNG-M392B2G70DM0-CMA Datasheet
4Mb / 28P
   PRODUCT SELECTION GUIDE Displays, Memory and Storage
2H 2014
More results

Similar Description - M392B5270CH0

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
H5TQ1G43AFP HYNIX-H5TQ1G43AFP Datasheet
4Mb / 77P
   1Gb DDR3 SDRAM
H5TQ1G43TFR HYNIX-H5TQ1G43TFR Datasheet
458Kb / 31P
   1Gb DDR3 SDRAM
H5TQ1G83DFR HYNIX-H5TQ1G83DFR Datasheet
303Kb / 34P
   1Gb DDR3 SDRAM
H5TQ1G83EFR HYNIX-H5TQ1G83EFR Datasheet
598Kb / 33P
   1Gb DDR3 SDRAM
H5TQ2G43EFR HYNIX-H5TQ2G43EFR Datasheet
401Kb / 33P
   2Gb DDR3 SDRAM
H5TQ1G63DFR HYNIX-H5TQ1G63DFR Datasheet
2Mb / 172P
   1Gb DDR3 SDRAM
H5TQ2G83FFR HYNIX-H5TQ2G83FFR Datasheet
399Kb / 33P
   2Gb DDR3 SDRAM
H5TQ2G43BFR HYNIX-H5TQ2G43BFR Datasheet
513Kb / 35P
   2Gb DDR3 SDRAM
H5TQ2G43AFR HYNIX-H5TQ2G43AFR Datasheet
456Kb / 30P
   2Gb DDR3 SDRAM
H5TQ4G43AMR HYNIX-H5TQ4G43AMR Datasheet
458Kb / 30P
   4Gb DDR3 SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com