Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M392B1K73CM0 Datasheet(PDF) 2 Page - Samsung semiconductor

Part # M392B1K73CM0
Description  DDR3 SDRAM Memory
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

M392B1K73CM0 Datasheet(HTML) 2 Page - Samsung semiconductor

  M392B1K73CM0 Datasheet HTML 1Page - Samsung semiconductor M392B1K73CM0 Datasheet HTML 2Page - Samsung semiconductor M392B1K73CM0 Datasheet HTML 3Page - Samsung semiconductor M392B1K73CM0 Datasheet HTML 4Page - Samsung semiconductor M392B1K73CM0 Datasheet HTML 5Page - Samsung semiconductor M392B1K73CM0 Datasheet HTML 6Page - Samsung semiconductor M392B1K73CM0 Datasheet HTML 7Page - Samsung semiconductor M392B1K73CM0 Datasheet HTML 8Page - Samsung semiconductor M392B1K73CM0 Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
- 2 -
Product Guide
DDR3 SDRAM Memory
May. 2010
1. DDR3 SDRAM MEMORY ORDERING INFORMATION
51 : 512Mb
1G :
1Gb
2G :
2Gb
4G :
4Gb
04 : x 4
08 : x 8
16 : x16
3 : 4 Banks
4 : 8 Banks
5 : 16 Banks
3. DRAM Type
4. Density
5. Bit Organization
6. # of Internal Banks
M
A
B
C
D
E
F
G
H
Z
H
J
M
C
L
Y
9. Package Type
8. Revision
10. Temp & Power
1. SAMSUNG Memory : K
2. DRAM : 4
Revision
# of Internal Banks
Bit Organization
Density
DRAM Type
DRAM
SAMSUNG Memory
Interface (VDD, VDDQ)
Package Type
Temp & Power
1
2
3
4
5
6
7
8
9
10
11
Speed
B : DDR3 SDRAM
: Commercial Temp.( 0
°C ~ 85°C) & Normal Power
: Commercial Temp.( 0
°C ~ 85°C) & Low Power
: Commercial Temp.( 0
°C ~ 85°C) & Low VDD(1.35V)
: FBGA (Lead-free)
: FBGA (Halogen-free & Lead-free)
: FBGA (Lead-free, DDP)
: FBGA (Halogen-free & Lead-free, DDP)
: 1st Gen.
: 2nd Gen.
: 3rd Gen.
: 4th Gen.
: 5th Gen.
: 6th Gen.
: 7th Gen
: 8th Gen
: 9th Gen
11. Speed
K 4 B X X X X X X X - X X X X
: DDR3-800 (400MHz @ CL=6, tRCD=6, tRP=6)
: DDR3-1066 (533MHz @ CL=7, tRCD=7, tRP=7)
: DDR3-1333 (667MHz @ CL=9, tRCD=9, tRP=9)
: DDR3-1600 (800MHz @ CL=11, tRCD=11, tRP=11)
F7
F8
H9
K0
6 : SSTL (1.5V, 1.5V)
7. Interface ( VDD, VDDQ)


Similar Part No. - M392B1K73CM0

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
M392B1G70DB0-CMA SAMSUNG-M392B1G70DB0-CMA Datasheet
4Mb / 28P
   PRODUCT SELECTION GUIDE Displays, Memory and Storage
2H 2014
M392B1G70DB0-YK0 SAMSUNG-M392B1G70DB0-YK0 Datasheet
4Mb / 28P
   PRODUCT SELECTION GUIDE Displays, Memory and Storage
2H 2014
M392B1G73DB0-CMA SAMSUNG-M392B1G73DB0-CMA Datasheet
4Mb / 28P
   PRODUCT SELECTION GUIDE Displays, Memory and Storage
2H 2014
M392B1G73DB0-YK0 SAMSUNG-M392B1G73DB0-YK0 Datasheet
4Mb / 28P
   PRODUCT SELECTION GUIDE Displays, Memory and Storage
2H 2014
More results

Similar Description - M392B1K73CM0

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
H5TQ1G43AFP HYNIX-H5TQ1G43AFP Datasheet
4Mb / 77P
   1Gb DDR3 SDRAM
H5TQ1G43TFR HYNIX-H5TQ1G43TFR Datasheet
458Kb / 31P
   1Gb DDR3 SDRAM
H5TQ1G83DFR HYNIX-H5TQ1G83DFR Datasheet
303Kb / 34P
   1Gb DDR3 SDRAM
H5TQ1G83EFR HYNIX-H5TQ1G83EFR Datasheet
598Kb / 33P
   1Gb DDR3 SDRAM
H5TQ2G43EFR HYNIX-H5TQ2G43EFR Datasheet
401Kb / 33P
   2Gb DDR3 SDRAM
H5TQ1G63DFR HYNIX-H5TQ1G63DFR Datasheet
2Mb / 172P
   1Gb DDR3 SDRAM
H5TQ2G83FFR HYNIX-H5TQ2G83FFR Datasheet
399Kb / 33P
   2Gb DDR3 SDRAM
H5TQ2G43BFR HYNIX-H5TQ2G43BFR Datasheet
513Kb / 35P
   2Gb DDR3 SDRAM
H5TQ2G43AFR HYNIX-H5TQ2G43AFR Datasheet
456Kb / 30P
   2Gb DDR3 SDRAM
H5TQ4G43AMR HYNIX-H5TQ4G43AMR Datasheet
458Kb / 30P
   4Gb DDR3 SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com