Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZXRE125FR Datasheet(PDF) 3 Page - Zetex Semiconductors

Part # ZXRE125FR
Description  SOT23 MICROPOWER 1.22V VOLTAGE REFERENCE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZXRE125FR Datasheet(HTML) 3 Page - Zetex Semiconductors

  ZXRE125FR Datasheet HTML 1Page - Zetex Semiconductors ZXRE125FR Datasheet HTML 2Page - Zetex Semiconductors ZXRE125FR Datasheet HTML 3Page - Zetex Semiconductors ZXRE125FR Datasheet HTML 4Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
TYPICAL CHARACTERISTICS
-40
-20
0
20
40
60
80
Temperature (°C)
Temperature Drift
1.19
1.20
1.21
1.22
1.23
1.24
1.25
0.01
0.1
1
10
100
Frequency (kHz)
Slope Resistance v Frequency
0.1
1
10
100
20mA
1mA
100
µA
0
40
80
120
140
Time (
µs)
Transient Response
0
0.5
1.5
1.0
10
0
10
µA
20mA
0
10
2030
40506070
8090
100
Reference Current (
µA)
Noise Voltage
0
10
20
30
40
50
60
70
80
100
10
1
0.1
0.01
0.001
Reference Current (mA)
Slope Resistance v Current
0
2
4
6
8
10
12
14
25°C
-40°C
0.1
1
10
100
1000
Forward Current (mA)
Forward Characteristics
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
85°C
ZXRE125
ISSUE 4 - JANUARY 2002


Similar Part No. - ZXRE125FR

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXRE125FRSTOA ZETEX-ZXRE125FRSTOA Datasheet
193Kb / 7P
   MICROPOWER 1.22V VOLTAGE REFERENCE
More results

Similar Description - ZXRE125FR

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXRE125 DIODES-ZXRE125 Datasheet
107Kb / 5P
   SOT23 MICROPOWER 1.22V VOLTAGE REFERENCE
logo
Zetex Semiconductors
ZXRE1004 ZETEX-ZXRE1004 Datasheet
62Kb / 4P
   SOT23 MICROPOWER (4uA) 1.22V VOLTAGE REFERENCE
logo
Diodes Incorporated
ZXRE1004 DIODES-ZXRE1004 Datasheet
96Kb / 5P
   SOT23 MICROPOWER (4關A) 1.22V VOLTAGE REFERENCE
logo
Zetex Semiconductors
ZXRE125 ZETEX-ZXRE125_03 Datasheet
193Kb / 7P
   MICROPOWER 1.22V VOLTAGE REFERENCE
logo
Diodes Incorporated
ZXRE4041 DIODES-ZXRE4041 Datasheet
109Kb / 5P
   SOT23 MICROPOWER 1.225V VOLTAGE REFERENCE
ZXRE4041DFTA DIODES-ZXRE4041DFTA Datasheet
109Kb / 5P
   SOT23 MICROPOWER 1.225V VOLTAGE REFERENCE
logo
Zetex Semiconductors
ZXRE4041 ZETEX-ZXRE4041 Datasheet
61Kb / 4P
   SOT23 MICROPOWER 1.225V VOLTAGE REFERENCE
logo
Maxim Integrated Produc...
MAX6010 MAXIM-MAX6010 Datasheet
170Kb / 6P
   Precision, Micropower, 3V Series Voltage Reference in SOT23
Rev 0; 4/09
MAX6018 MAXIM-MAX6018 Datasheet
300Kb / 9P
   Precision, Micropower, 1.8V Supply, Low-Dropout, SOT23 Voltage Reference
Rev 2; 12/02
MAX6018 MAXIM-MAX6018_V01 Datasheet
1Mb / 10P
   Precision, Micropower, 1.8V Supply, Low-Dropout, SOT23 Voltage Reference
2015
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com