Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ETQP5M220YFC Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # ETQP5M220YFC
Description  Power Choke Coil for Automotive application
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ETQP5M220YFC Datasheet(HTML) 1 Page - Panasonic Semiconductor

  ETQP5M220YFC Datasheet HTML 1Page - Panasonic Semiconductor ETQP5M220YFC Datasheet HTML 2Page - Panasonic Semiconductor ETQP5M220YFC Datasheet HTML 3Page - Panasonic Semiconductor ETQP5M220YFC Datasheet HTML 4Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Choke Coils
E
12
Q
3
PM
Y
F
456789
Product Code
Inductance
Classification
10
11
12
Size
Suffix
Core
Winding
Height
T
7mm size
8mm size
10 mm size
M
K
C
4R7
220
101
4.7
µH
22
µH
100
µH
0.0
10.0
20.0
30.0
IDC (A)
40.0
50.0
60.0
0.0
0.5
1.0
1.5
2.0
2.5
3.0
25
°C
100
°C
125
°C
150
°C
Explanation of Part Numbers
Recommended Applications
● Noise filter for various drive circuitry requiring high temp. operation and peak current handling capability
● DC-DC converters
Features
● High heat resistance : Operation up to 150 °C
● High-reliability
: High vibration tolerance in high temperature due to newly
developed integral construction and severe condition of
automotive application is cleared
● High bias current
: Excellent inductance stability by using ferrous alloy magnetic
material(Fig.1)
● Temp. stability
: Excellent inductance stability in wide temp. range (Fig.1)
● Low buzz noise
: New metal composite core technology
● High efficiency
: Low RDC of winding and low eddy-current loss of the core
Standard Packing Quantity
500 pcs./Reel
Power Choke Coil for Automotive application
Series:
PCC-M0754M (MC)
PCC-M0854M (MC)
PCC-M1054M (MC)
PCC-M1050M (MC)
Temperature rating
(1) Inductance is measured at 100 kHz.
(2) Rated current defines actual value of DC current which is case temperature rise becomes 15 K.
(3) Reference current defines actual value of DC current which is case temperature rise becomes 40 K.
Realize high heat resistance and high reliability
with metal composite core(MC)
Industrial Property : patents 21 (Registered 2/Pending 19)
M0754M
M0854M
M1054M
M1050M
ETQP5M470YFM(reference)
● Fig.1 Inductance v.s.
DC current, Temp.
Series
Part No.
Inductance ✽1
Rated current Reference current
DC resistance
L0
(µH)
Tolerance
(%)
T=15K✽2
(A)
T=40K✽3
(A)
Typ.
(m )
Tolerance
(%)
PCC-M0754M
ETQP5M4R7YFM
4.7
±20
2.8
4.5
20.4
±10
ETQP5M470YFM
48
±20
1.0
1.6
156
±10
PCC-M0854M
ETQP5M2R5YFK
2.45
±20
4.5
7.5
7.6
±10
ETQP5M220YFK
22
±20
1.6
2.6
63
±10
ETQP5M470YFK
48
±20
1.1
1.8
125
±10
PCC-M1054M
ETQP5M2R5YFC
2.5
±20
6.0
10
5.3
±10
ETQP5M3R3YFC
3.3
±20
5.1
8.6
7.1
±10
ETQP5M4R7YFC
4.7
±20
4.4
7.2
10.2
±10
PCC-M1050M
ETQP5M101YGC
97
±20
1.0
1.6
208
±10
Operating temperature range
Tc : -40 °C to +150 °C(Including self-temperature rise)
Storage condition
After PCB mounting
Before PCB mounting
Ta : -5 °C to +35 °C 85%RH max.
Standard Parts
Jan. 2010


Similar Part No. - ETQP5M220YFC

ManufacturerPart #DatasheetDescription
logo
Panasonic Battery Group
ETQP5M220YFC PANASONICBATTERY-ETQP5M220YFC Datasheet
156Kb / 7P
   Power Choke Coil for Automotive application
More results

Similar Description - ETQP5M220YFC

ManufacturerPart #DatasheetDescription
logo
Panasonic Battery Group
ETQP4LR36AFM PANASONICBATTERY-ETQP4LR36AFM Datasheet
156Kb / 7P
   Power Choke Coil for Automotive application
logo
Murata Manufacturing Co...
LQH32CH1R0M23L MURATA-LQH32CH1R0M23L Datasheet
69Kb / 2P
   Chip Inductor for Automotive (Chip Coil for Automotive) Power Inductor (Wire Wound Type for Choke)
logo
Allied Components Inter...
ACM0422CI ALLIED-ACM0422CI Datasheet
4Mb / 1P
   Common mode choke for power application
logo
Panasonic Semiconductor
ETQP1H0R6BFA PANASONIC-ETQP1H0R6BFA Datasheet
120Kb / 2P
   Power Choke Coil
ETQP3LR33XFN PANASONIC-ETQP3LR33XFN Datasheet
481Kb / 3P
   Power Choke Coil
ETQP4LR36AFC PANASONIC-ETQP4LR36AFC Datasheet
66Kb / 2P
   Power Choke Coil
logo
KOA Speer Electronics, ...
SDS1205TTEB2R5M KOA-SDS1205TTEB2R5M Datasheet
325Kb / 5P
   power choke coil
logo
Panasonic Semiconductor
ETQ-P2H0R7BFA PANASONIC-ETQ-P2H0R7BFA Datasheet
77Kb / 2P
   Power Choke Coil
PCC-F126F PANASONIC-PCC-F126F Datasheet
220Kb / 2P
   Power Choke Coil
ETQP6F2R5BFA PANASONIC-ETQP6F2R5BFA Datasheet
524Kb / 2P
   Power Choke Coil
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com