Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SK1365 Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # 2SK1365
Description  Switching Power Supply Applications
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SK1365 Datasheet(HTML) 1 Page - Toshiba Semiconductor

  2SK1365_09 Datasheet HTML 1Page - Toshiba Semiconductor 2SK1365_09 Datasheet HTML 2Page - Toshiba Semiconductor 2SK1365_09 Datasheet HTML 3Page - Toshiba Semiconductor 2SK1365_09 Datasheet HTML 4Page - Toshiba Semiconductor 2SK1365_09 Datasheet HTML 5Page - Toshiba Semiconductor 2SK1365_09 Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
2SK1365
2009-09-29
1
TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (π−MOSII.5)
2SK1365
Switching Power Supply Applications
Low drain−source ON resistance
: RDS (ON) = 1.5 Ω (typ.)
High forward transfer admittance
: |Yfs| = 4.0 S (typ.)
Low leakage current : IDSS = 300 μA (max) (VDS = 800 V)
Enhancement mode
: Vth = 1.5 to 3.5 V (VDS = 10 V, ID = 1 mA)
Absolute Maximum Ratings (Ta = 25°C)
Characteristics
Symbol
Rating
Unit
Drain−source voltage
VDSS
1000
V
Drain−gate voltage (RGS = 20 kΩ)
VDGR
1000
V
Gate−source voltage
VGSS
±20
V
DC
(Note 1)
ID
7
Drain current
Pulse (Note 1)
IDP
21
A
Drain power dissipation (Tc = 25°C)
PD
90
W
Channel temperature
Tch
150
°C
Storage temperature range
Tstg
−55 to 150
°C
Note: Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the significant change in
temperature, etc.) may cause this product to decrease in the reliability significantly even if the operating conditions (i.e.
operating temperature/current/voltage, etc.) are within the absolute maximum ratings. Please design the appropriate
reliability upon reviewing the Toshiba Semiconductor Reliability Handbook (“Handling Precautions”/Derating Concept and
Methods) and individual reliability data (i.e. reliability test report and estimated failure rate, etc).
Thermal Characteristics
Characteristics
Symbol
Max
Unit
Thermal resistance, channel to case
Rth (ch−c)
1.39
°C / W
Thermal resistance, channel to
ambient
Rth (ch−a)
41.6
°C / W
Note 1: Ensure that the channel temperature does not exceed 150°C.
This transistor is an electrostatic-sensitive device.
Please handle with caution.
Unit: mm
JEDEC
JEITA
TOSHIBA
2-16F1B
Weight: 5.8 g (typ.)


Similar Part No. - 2SK1365_09

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SK1365 TOSHIBA-2SK1365_06 Datasheet
765Kb / 6P
   Silicon N Channel MOS Type Switching Power Supply Applications
More results

Similar Description - 2SK1365_09

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SC5808 SANYO-2SC5808 Datasheet
34Kb / 4P
   Switching Power Supply Applications
logo
Toshiba Semiconductor
CMH02 TOSHIBA-CMH02 Datasheet
185Kb / 5P
   Switching Mode Power Supply Applications
CMH05A TOSHIBA-CMH05A Datasheet
174Kb / 5P
   Switching Mode Power Supply Applications
CMH08A TOSHIBA-CMH08A Datasheet
186Kb / 5P
   Switching Mode Power Supply Applications
CMS02 TOSHIBA-CMS02 Datasheet
150Kb / 5P
   Switching Mode Power Supply Applications
CRS12 TOSHIBA-CRS12_06 Datasheet
148Kb / 5P
   Switching Mode Power Supply Applications
CMF04 TOSHIBA-CMF04 Datasheet
170Kb / 4P
   Switching Mode Power Supply Applications
CMS14 TOSHIBA-CMS14_06 Datasheet
143Kb / 5P
   Switching Mode Power Supply Applications
logo
Shenzhen Taychipst Elec...
1DL41A TAYCHIPST-1DL41A Datasheet
4Mb / 2P
   SWITCHING TYPE POWER SUPPLY APPLICATIONS
logo
Toshiba Semiconductor
20JL2C41 TOSHIBA-20JL2C41_06 Datasheet
249Kb / 4P
   SWITCHING MODE POWER SUPPLY APPLICATIONS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com