Electronic Components Datasheet Search |
|
CARD-2415 Datasheet(PDF) 1 Page - Power Systems GmbH+Co.KG |
|
CARD-2415 Datasheet(HTML) 1 Page - Power Systems GmbH+Co.KG |
1 / 5 page www.Power-Systems.de Page: 1 / 5 Version: 4-Oct-02 CAR Series ( 2W REGULATED DC-DC CONVERTER ) DC-DC Converter UNIT OUTPUT SPECIFICATIONS INPUT SPECIFICATIONS Voltage Setpoint Accuracy +/-2% max Input Voltage Range +/-10% max Temperature Coefficient +/-0.03%/ OC Input Filter Pi Network Ripple & Noise (20MHz BW) 100mVp-p max Line Regulation 1 +/-0.2% max Load Regulation 2 +/-0.2% max GENERAL SPECIFICATIONS Short Circuit Protection Current Limit Protection Efficiency 58% min Short Circuit Restart Automatic Isolation Voltage 3 1000 VDC min ENVIRONMENTAL SPECIFICATIONS Isolation Resistance 109 ohms min Operating Temperature -25 OC to +71 OC Switching Frequency 50 KHz min Storage Temperature -55 OC to +125 OC Isolation Capacitance 80pF max Cooling Free-Air Convection MTBF 850,000 Hours Weight 12.0g-14.4g Case Material Non-Conductive Plastic Or Six-Sided Shield Case ALL SPECIFICATIONS TYPICAL AT NOMINAL LINE, FULL LOAD , AND 25 OC UNLESS OTHERWISE NOTED. Case Size 31.8mm*20.3mm*10.2mm 1 High Line to Low Line. 2 Load Regulation is for output load current change from 10% to 100%. 3 For 60 seconds FEATURES 1000VDC ISOLATION HIGH EFFICIENCY SIX-SIDED SHIELD TO REDUCE EMI LOW COST NO EXTERNAL COMPONENTS REQUIRED UP TO 2W REGULATED OUTPUT POWER DUAL IN LINE PACKAGE 100% BURNED IN LOW NOISE |
Similar Part No. - CARD-2415 |
|
Similar Description - CARD-2415 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |