Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CBRD-4812-3K Datasheet(PDF) 2 Page - Power Systems GmbH+Co.KG

Part # CBRD-4812-3K
Description  DC-DC Converter UNIT 2W-3W REGULATED DC-DC CONVERTER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER-SYSTEMS [Power Systems GmbH+Co.KG]
Direct Link  http://www.power-systems.de
Logo POWER-SYSTEMS - Power Systems GmbH+Co.KG

CBRD-4812-3K Datasheet(HTML) 2 Page - Power Systems GmbH+Co.KG

  CBRD-4812-3K Datasheet HTML 1Page - Power Systems GmbH+Co.KG CBRD-4812-3K Datasheet HTML 2Page - Power Systems GmbH+Co.KG CBRD-4812-3K Datasheet HTML 3Page - Power Systems GmbH+Co.KG CBRD-4812-3K Datasheet HTML 4Page - Power Systems GmbH+Co.KG CBRD-4812-3K Datasheet HTML 5Page - Power Systems GmbH+Co.KG  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
www.Power-Systems.de
Page: 2 / 5
Version: 4-Oct-02
CBR Series ( 2W-3W REGULATED DC-DC CONVERTER )
DC-DC Converter UNIT
SELECTION GUIDE
2W-3W OUTPUT
INPUT
CURRENT(mA)
MODEL
NUMBER
INPUT
VOLTAGE
(VDC)
OUTPUT
VOLTAGE
(VDC)
OUTPUT
CURRENT
(mA)
FULL
LOAD
NO
LOAD
EFF
(%)
ISOLATION
(VDC)
CBRS-0505-3K
4.5-5.5
5
400
645
80
62
3000
CBRS-0512-3K
4.5-5.5
12
165
634
80
63
3000
CBRS-0515-3K
4.5-5.5
15
133
634
80
63
3000
CBRD-0512-3K
4.5-5.5
+/-12
+/-83
634
80
63
3000
CBRD-0515-3K
4.5-5.5
+/-15
+/-66
634
80
63
3000
CBRS-1205-3K
10.8-13.2
5
400
264
40
63
3000
CBRS-1212-3K
10.8-13.2
12
165
256
40
65
3000
CBRS-1215-3K
10.8-13.2
15
200
378
45
66
3000
CBRD-1212-3K
10.8-13.2
+/-12
+/-83
256
40
65
3000
CBRD-1215-3K
10.8-13.2
+/-15
+/-100
378
45
66
3000
CBRS-2405-3K
21.6-26.4
5
400
132
20
63
3000
CBRS-2412-3K
21.6-26.4
12
165
128
20
65
3000
CBRS-2415-3K
21.6-26.4
15
200
192
25
65
3000
CBRD-2412-3K
21.6-26.4
+/-12
+/-83
128
20
65
3000
CBRD-2415-3K
21.6-26.4
+/-15
+/-100
192
25
65
3000
CBRS-4805-3K
43.2-52.8
5
400
66
10
63
3000
CBRS-4812-3K
43.2-52.8
12
165
65
10
64
3000
CBRS-4815-3K
43.2-52.8
15
200
97
12
64
3000
CBRD-4812-3K
43.2-52.8
+/-12
+/-83
65
10
64
3000
CBRD-4815-3K
43.2-52.8
+/-15
+/-100
97
12
64
3000
Note: Other input to output voltages may be available. Please contact factory.


Similar Part No. - CBRD-4812-3K

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CBRDFA4-100 CENTRAL-CBRDFA4-100 Datasheet
752Kb / 6P
   SURFACE MOUNT SILICON 4 AMP BRIDGE RECTIFIER
CBRDFSH1-100 CENTRAL-CBRDFSH1-100 Datasheet
807Kb / 6P
   SURFACE MOUNT 1.0 AMP SILICON SCHOTTKY BRIDGE RECTIFIERS
CBRDFSH1-40 CENTRAL-CBRDFSH1-40 Datasheet
807Kb / 6P
   SURFACE MOUNT 1.0 AMP SILICON SCHOTTKY BRIDGE RECTIFIERS
CBRDFSH1-60 CENTRAL-CBRDFSH1-60 Datasheet
807Kb / 6P
   SURFACE MOUNT 1.0 AMP SILICON SCHOTTKY BRIDGE RECTIFIERS
CBRDFSH2-100 CENTRAL-CBRDFSH2-100 Datasheet
806Kb / 6P
   SURFACE MOUNT 2.0 AMP SILICON SCHOTTKY BRIDGE RECTIFIERS
More results

Similar Description - CBRD-4812-3K

ManufacturerPart #DatasheetDescription
logo
Power Systems GmbH+Co.K...
CARS-0505 POWER-SYSTEMS-CARS-0505 Datasheet
249Kb / 5P
   DC-DC Converter UNIT 2W REGULATED DC-DC CONVERTER
CRS-0505 POWER-SYSTEMS-CRS-0505 Datasheet
242Kb / 5P
   DC-DC Converter UNIT 3W REGULATED DC-DC CONVERTER
CERS-0505M POWER-SYSTEMS-CERS-0505M Datasheet
246Kb / 5P
   DC-DC Converter UNIT 1.5 W REGULATED DC-DC CONVERTER
PRS-0505C POWER-SYSTEMS-PRS-0505C Datasheet
164Kb / 4P
   DC-DC Converter UNIT 1 W REGULATED DC-DC CONVERTER
HRS-0505 POWER-SYSTEMS-HRS-0505 Datasheet
229Kb / 5P
   DC-DC Converter UNIT 1.8 W REGULATED DC-DC CONVERTER
logo
Mean Well Enterprises C...
SPBW03 MEANWELL-SPBW03 Datasheet
116Kb / 4P
   3W SIP Package DC-DC Regulated Converter
SCW03 MEANWELL-SCW03 Datasheet
216Kb / 1P
   3W DC-DC Regulated Single Output Converter
SPB03 MEANWELL-SPB03 Datasheet
195Kb / 1P
   3W DC-DC Regulated Single Output Converter
SPA02 MEANWELL-SPA02_11 Datasheet
249Kb / 1P
   2W DC-DC Regulated Single Output Converter
SCW03 MEANWELL-SCW03_11 Datasheet
218Kb / 1P
   3W DC-DC Regulated Single Output Converter
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com