Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SK2266 Datasheet(PDF) 5 Page - Toshiba Semiconductor

Part # 2SK2266
Description  Chopper Regulator, DC- DC Converter and Motor Drive
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SK2266 Datasheet(HTML) 5 Page - Toshiba Semiconductor

  2SK2266 Datasheet HTML 1Page - Toshiba Semiconductor 2SK2266 Datasheet HTML 2Page - Toshiba Semiconductor 2SK2266 Datasheet HTML 3Page - Toshiba Semiconductor 2SK2266 Datasheet HTML 4Page - Toshiba Semiconductor 2SK2266 Datasheet HTML 5Page - Toshiba Semiconductor 2SK2266 Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
2SK2266
2009-09-29
5
=
DD
V
VDSS
B
VDSS
B
I
L
2
1
AS
E
2
RG = 25 Ω
VDD = 25 V, L = 165 μH


Similar Part No. - 2SK2266

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SK2266 TOSHIBA-2SK2266 Datasheet
288Kb / 5P
   N CHANNEL MOS TYPE (HIGH SPEED, HIGH VOLTAGE SWITCHING, CHOPPER REGULATOR, DC-DC CONVERTER AND MOTOR DRIVE APPLICATIONS)
2SK2266 TOSHIBA-2SK2266 Datasheet
771Kb / 6P
   N CHANNEL MOS TYPE (HIGH SPEED, HIGH VOLTAGE SWITCHING, CHOPPER REGULATOR, DC-DC CONVERTER AND MOTOR DRIVE APPLICATIONS)
2SK2266 TOSHIBA-2SK2266 Datasheet
284Kb / 5P
   HIGH SPEED, HIGH CURRENT SWITCHING APPLICATIONS CHOPPER REGULATOR
2SK2266 TOSHIBA-2SK2266 Datasheet
1Mb / 73P
   Bipolar Small-Signal Transistors
logo
Inchange Semiconductor ...
2SK2266-262 ISC-2SK2266-262 Datasheet
299Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - 2SK2266

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SK2201 TOSHIBA-2SK2201_10 Datasheet
413Kb / 6P
   Chopper Regulator, DC/DC Converter and Motor Drive
2SK2920 TOSHIBA-2SK2920_10 Datasheet
398Kb / 6P
   Chopper Regulator, DC/DC Converter and Motor Drive
2SK4003 TOSHIBA-2SK4003_09 Datasheet
145Kb / 3P
   Chopper Regulator, DC-DC Converter and Motor Drive
2SK3085 TOSHIBA-2SK3085_10 Datasheet
170Kb / 6P
   Chopper Regulator, DC-DC Converter and Motor Drive
2SK2231 TOSHIBA-2SK2231_10 Datasheet
426Kb / 6P
   Chopper Regulator, DC/DC Converter and Motor Drive
2SK4002 TOSHIBA-2SK4002 Datasheet
742Kb / 6P
   Chopper Regulator, DC/DC Converter and Motor Drive Applications
2SK2845 TOSHIBA-2SK2845_09 Datasheet
409Kb / 6P
   Chopper Regulator, DC/DC Converter and Motor Drive Applications
2SK2846 TOSHIBA-2SK2846_09 Datasheet
413Kb / 6P
   Chopper Regulator, DC−DC Converter and Motor Drive
2SK2842 TOSHIBA-2SK2842_09 Datasheet
433Kb / 6P
   Chopper Regulator, DC−DC Converter and Motor Drive
2SJ512 TOSHIBA-2SJ512_09 Datasheet
451Kb / 6P
   Chopper Regulator, DC−DC Converter and Motor Drive
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com