Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ECASD40J336M025K00 Datasheet(PDF) 7 Page - Murata Manufacturing Co., Ltd.

Part # ECASD40J336M025K00
Description  POLYMER Aluminum Electrolytic Capacitors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

ECASD40J336M025K00 Datasheet(HTML) 7 Page - Murata Manufacturing Co., Ltd.

  ECASD40J336M025K00 Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. ECASD40J336M025K00 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. ECASD40J336M025K00 Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. ECASD40J336M025K00 Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. ECASD40J336M025K00 Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. ECASD40J336M025K00 Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. ECASD40J336M025K00 Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. ECASD40J336M025K00 Datasheet HTML 8Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Polymer Aluminum Electrolytic Capacitors
ww w .mu r a ta. c o m
7
Series Cross Reference
Manufacturer
P/N Prefix / Series
Brand
MuRata
Series Name
Showa Denko
A705
SDK-CAP
MuRata
ECAS
Rubycon
SXB, SXE, SW
PC-CON
MuRata
ECAS
NIC
NSP, NPC
-
MuRata
ECAS
For a detailed competitor cross reference please visit: www.murata-northamerica.com/polymer_al
Part Number Breakdown
Code
Product
ECAS Chip Type Polymer Al Capacitor
1 Series
Code Rated Voltage
0D
DC 2V
0E
DC 2.5V
0G
DC 4V
0J
DC 6.3V
0K
DC 8V
1A
DC 10V
1B
DC 12.5V
1C
DC 16V
3 Rated Voltage
Code Capacitance
476
47uF
107
100uF
227
220uF
477
470uF
4 Capacitance
Code
Tolerance
M
+/-20%
5 Capacitance Tolerance
Code
ESR
4R5
4.5mΩ
009
9mΩ
010
10mΩ
6 ESR
Code
Packaging
K
Φ330mm Plastic Taping
Packaging
7
Individual Specification Code
8
Part Numbering
1
2
3
6
5
4
7
8
ECAS D4 0D 227 M 009 K 00
2 Case Size (LxWxT) (mm)
Code
L
W
T
D4 7.3+/-0.3 4.3+/-0.2 1.9+/-0.1
D6 7.3+/-0.3 4.3+/-0.2 2.8+/-0.3
D9 7.3+/-0.3 4.3+/-0.3 4.2+/-0.3


Similar Part No. - ECASD40J336M025K00

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
ECASD60J187M010K00 MURATA-ECASD60J187M010K00 Datasheet
47Kb / 1P
   Polymer Aluminum Electrolytic Capacitors
More results

Similar Description - ECASD40J336M025K00

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
C90E MURATA-C90E Datasheet
533Kb / 9P
   Polymer Aluminum Electrolytic Capacitors
logo
RUBYCON CORPORATION
4SW150M2.7X7.3 RUBYCON-4SW150M2.7X7.3 Datasheet
824Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
2.5SW470MX RUBYCON-2.5SW470MX Datasheet
824Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
2.5SWZ270MR06 RUBYCON-2.5SWZ270MR06 Datasheet
824Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
2SWZ270MR06 RUBYCON-2SWZ270MR06 Datasheet
824Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
6SW150MDR1X RUBYCON-6SW150MDR1X Datasheet
824Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
logo
Murata Manufacturing Co...
ECASD60J187M010K00 MURATA-ECASD60J187M010K00 Datasheet
47Kb / 1P
   Polymer Aluminum Electrolytic Capacitors
logo
RUBYCON CORPORATION
2SWZ270M1.9X7.3 RUBYCON-2SWZ270M1.9X7.3 Datasheet
824Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
4SWZ180MR09 RUBYCON-4SWZ180MR09 Datasheet
824Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
10SWZ47MR25 RUBYCON-10SWZ47MR25 Datasheet
824Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
2.5SWZ220MR06 RUBYCON-2.5SWZ220MR06 Datasheet
824Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com