Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM6601AU2DDM6E Datasheet(PDF) 10 Page - STMicroelectronics

Part # STM6601AU2DDM6E
Description  Smart push-button on/off controller with Smart ResetTM and power-on lockout
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM6601AU2DDM6E Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STM6601AU2DDM6E Datasheet HTML 6Page - STMicroelectronics STM6601AU2DDM6E Datasheet HTML 7Page - STMicroelectronics STM6601AU2DDM6E Datasheet HTML 8Page - STMicroelectronics STM6601AU2DDM6E Datasheet HTML 9Page - STMicroelectronics STM6601AU2DDM6E Datasheet HTML 10Page - STMicroelectronics STM6601AU2DDM6E Datasheet HTML 11Page - STMicroelectronics STM6601AU2DDM6E Datasheet HTML 12Page - STMicroelectronics STM6601AU2DDM6E Datasheet HTML 13Page - STMicroelectronics STM6601AU2DDM6E Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 51 page
background image
Pin descriptions
STM6600 - STM6601
10/51
Doc ID 15453 Rev 7
PB - power ON switch
This input is equipped with a voltage detector with a factory-trimmed threshold and has
± 8 kV HBM ESD protection.
When the PB button is pressed and held, the battery voltage is detected and EN (or EN) is
asserted if the battery voltage is above the threshold VTH+ during the whole tDEBOUNCE
period (see Figure 13).
A short push of the push-button during normal operation can initiate an interrupt through
debounced INT output (see Figure 14) and a long push of PB and SR simultaneously can
either assert reset output RST (see Figure 18) or deassert the EN or EN output (see
Figure 19) based on the option used.
Note:
A switch to GND must be connected to this input (e.g. mechanical push-button, open drain
output of external circuitry, etc.), see Figure 1. This ensures a proper startup signal on PB
(i.e. a transition from full VCC below specified VIL). PB input has an internal 100 kΩ pull-up
resistor connected.
VCCLO - high threshold detection output
During power-up, VCCLO is low when VCC supply voltage is below the VTH+ threshold. After
successful power-up (i.e. during normal operation) VCCLO is low anytime undervoltage is
detected (see Figure 13).
Output type is active low and open drain by default. Open drain output type requires a pull-
up resistor. A 10 k
Ω is sufficient in most applications.
VCCLO is floating when STM660x is in standby mode.
PBOUT - PB input state
If the push-button PB is pressed, the pin stays low during the tDEBOUNCE time period.
If PB is asserted for the entire tDEBOUNCE period, PBOUT will then stay low for at least
tINT_Min. If PB is asserted after tINT_Min expires, PBOUT will return high as soon as PB is
deasserted (see Figure 22). PBOUT ignores PB assertion during an undervoltage condition.
At startup on the STM6601 PBOUT will respond only to the first PB assertion and any other
assertion will be ignored until tON_BLANK expires. This output is active low and open drain by
default. Open drain output type requires a pull-up resistor. A 10 k
Ω is sufficient in most
applications.


Similar Part No. - STM6601AU2DDM6E

ManufacturerPart #DatasheetDescription
logo
SamHop Microelectronics...
STM6610 SAMHOP-STM6610 Datasheet
123Kb / 7P
   Dual N-Channel E nhancement Mode F ield E ffect Transistor
More results

Similar Description - STM6601AU2DDM6E

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2951-1 LINER-LTC2951-1 Datasheet
217Kb / 16P
   Push Button On/Off Controller
logo
STMicroelectronics
STM6510 STMICROELECTRONICS-STM6510 Datasheet
380Kb / 26P
   Dual push-button Smart ResetTM with capacitor-adjustable delays
logo
Linear Technology
LTC2951 LINER-LTC2951 Datasheet
193Kb / 16P
   Push Button On/Off Controller
LTC2950-1 LINER-LTC2950-1 Datasheet
427Kb / 16P
   Push Button On/Off Controller
logo
STMicroelectronics
STM6502 STMICROELECTRONICS-STM6502 Datasheet
454Kb / 29P
   Dual push-button Smart ResetTM with user-adjustable setup delays
logo
Linear Technology
LTC2953 LINER-LTC2953_15 Datasheet
215Kb / 20P
   Push Button On/Off Controller with Voltage Monitoring
LTC2953 LINER-LTC2953 Datasheet
203Kb / 20P
   Push Button On/Off Controller with Voltage Monitoring
logo
STMicroelectronics
STM6513 STMICROELECTRONICS-STM6513 Datasheet
284Kb / 29P
   Dual push-button Smart ResetTM with dual reset outputs and user-selectable setup delay
logo
Linear Technology
LTC2954 LINER-LTC2954 Datasheet
584Kb / 16P
   Push Button On/Off Controller with 關P Interrupt
logo
STMicroelectronics
STM6520 STMICROELECTRONICS-STM6520 Datasheet
263Kb / 23P
   Dual push-button Smart Reset??with push-button controlled output delay
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com