Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LWS-0512E Datasheet(PDF) 5 Page - Power Systems GmbH+Co.KG

Part # LWS-0512E
Description  DC-DC Converter UNIT 5 W WIDE INPUT RANGE DC-DC CONVERTER
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER-SYSTEMS [Power Systems GmbH+Co.KG]
Direct Link  http://www.power-systems.de
Logo POWER-SYSTEMS - Power Systems GmbH+Co.KG

LWS-0512E Datasheet(HTML) 5 Page - Power Systems GmbH+Co.KG

  LWS-0512E Datasheet HTML 1Page - Power Systems GmbH+Co.KG LWS-0512E Datasheet HTML 2Page - Power Systems GmbH+Co.KG LWS-0512E Datasheet HTML 3Page - Power Systems GmbH+Co.KG LWS-0512E Datasheet HTML 4Page - Power Systems GmbH+Co.KG LWS-0512E Datasheet HTML 5Page - Power Systems GmbH+Co.KG LWS-0512E Datasheet HTML 6Page - Power Systems GmbH+Co.KG  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
www.Power-Systems.de
Page: 5 / 6
Version: 4-Oct-02
LW Series ( 5 W WIDE INPUT RANGE DC-DC CONVERTER )
DC-DC Converter UNIT
TYPICAL APPLICATIONS
SINGLE OUTPUT
DUAL OUTPUT
LOAD
INPUT
+Vin
OUTPUT
-Vout
+Vout
-Vin
DC-DC
CONVERTER
+Vout
-Vin
-Vout
INPUT
DC-DC
CONVERTER
+Vin
LOAD1
OUTPUT
Common
LOAD2
TEMPERATURE
DERATING
RECOMMENDED
FOOTPRINT DETAILS
0%
25%
50%
75%
100%
125%
-25
0
25
50
70
100
TA(degree C)
LW SERIES APPLICATION NOTES:
EXTERNAL CAPACITANCE REQUIREMENTS:
No external capacitance is required for operation of the LW series.
To meet the reflected ripple requirements of the converter, an input impedance of less than 0.5 ohm
from DC to 100KHz is required.
External output capacitance is not required for operation, however it is recommended that 10uF
tantalum and 0.1uF ceramic capacitance be selected for reduced system noise.
Additional output capacitance may be added for increased filtering, but should not exceed 220uF.
SAFE
OPERATING
AREA


Similar Part No. - LWS-0512E

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LWS-A-1-01 ETC2-LWS-A-1-01 Datasheet
161Kb / 1P
   LOCKING WIRE SADDLE W/ ARROWHEAD
LWS-A-1-19 ETC2-LWS-A-1-19 Datasheet
161Kb / 1P
   LOCKING WIRE SADDLE W/ ARROWHEAD
LWS-A-2-01 ETC2-LWS-A-2-01 Datasheet
161Kb / 1P
   LOCKING WIRE SADDLE W/ ARROWHEAD
LWS-A-2-1-01 ETC2-LWS-A-2-1-01 Datasheet
161Kb / 1P
   LOCKING WIRE SADDLE W/ ARROWHEAD
LWS-A-2-1-19 ETC2-LWS-A-2-1-19 Datasheet
161Kb / 1P
   LOCKING WIRE SADDLE W/ ARROWHEAD
More results

Similar Description - LWS-0512E

ManufacturerPart #DatasheetDescription
logo
Power Systems GmbH+Co.K...
FWS-1203.3 POWER-SYSTEMS-FWS-1203.3 Datasheet
181Kb / 5P
   DC-DC Converter UNIT 8 W WIDE INPUT RANGE DC-DC CONVERTER
KAWS-1205 POWER-SYSTEMS-KAWS-1205 Datasheet
199Kb / 6P
   DC-DC Converter UNIT 30 W WIDE INPUT RANGE DC-DC CONVERTER
KWS-1205 POWER-SYSTEMS-KWS-1205 Datasheet
209Kb / 6P
   DC-DC Converter UNIT 15 W WIDE INPUT RANGE DC-DC CONVERTER
1WS-1205 POWER-SYSTEMS-1WS-1205 Datasheet
178Kb / 4P
   DC-DC Converter UNIT 1W WIDE INPUT RANGE DC-DC CONVERTER
FAWS-1203.3 POWER-SYSTEMS-FAWS-1203.3 Datasheet
221Kb / 6P
   DC-DC Converter UNIT 10W WIDE INPUT RANGE DC-DC CONVERTER
CERS-0505M POWER-SYSTEMS-CERS-0505M Datasheet
246Kb / 5P
   DC-DC Converter UNIT 1.5 W REGULATED DC-DC CONVERTER
MAUS-0505 POWER-SYSTEMS-MAUS-0505 Datasheet
211Kb / 5P
   DC-DC Converter UNIT 1 W UNREGULATED DC-DC CONVERTER
MBUS-0505 POWER-SYSTEMS-MBUS-0505 Datasheet
197Kb / 5P
   DC-DC Converter UNIT 1.25 W UNREGULATED DC-DC CONVERTER
PUS-0503.3-2W POWER-SYSTEMS-PUS-0503.3-2W Datasheet
185Kb / 6P
   DC-DC Converter UNIT 2 W UNREGULATED DC-DC CONVERTER
HUS-0505 POWER-SYSTEMS-HUS-0505 Datasheet
182Kb / 5P
   DC-DC Converter UNIT 1.8 W UNREGULATED DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com