Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ECASD41B156M045K00 Datasheet(PDF) 6 Page - Murata Manufacturing Co., Ltd.

Part # ECASD41B156M045K00
Description  POLYMER Aluminum Electrolytic Capacitors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

ECASD41B156M045K00 Datasheet(HTML) 6 Page - Murata Manufacturing Co., Ltd.

  ECASD41B156M045K00 Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. ECASD41B156M045K00 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. ECASD41B156M045K00 Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. ECASD41B156M045K00 Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. ECASD41B156M045K00 Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. ECASD41B156M045K00 Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. ECASD41B156M045K00 Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. ECASD41B156M045K00 Datasheet HTML 8Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Polymer Aluminum Electrolytic Capacitors
w w w .mur a ta.c om
6
Part Number Listing
Rated
Voltage
Cap
Cap
Tolerance
ESR
Max.
Leakage
Current
Ripple
Current
(VDC)
(µF)
120Hz
/25
Code
L x W
(mm)
T
(mm)
%
(m
Ω)
100kHz /
+25
(CV)
100kHz /
+20
∼105℃
ECASD40D107M016K00
2
100
D4
7343
1.9
±20%
16
0.04CV 2.0Arms
3,000
ECASD40D157M009K00
2
150
D4
7343
1.9
±20%
9
0.04CV 3.0Arms
3,000
ECASD40D227M009K00
2
220
D4
7343
1.9
±20%
9
0.04CV 3.0Arms
3,000
ECASD60D337M007K00
2
330
D6
7343
2.8
±20%
7
0.04CV 3.5Arms
2,500
ECASD60D477M006K00
2
470
D6
7343
2.8
±20%
6
0.04CV 3.5Arms
2,500
ECASD40G686M020K00
4
68
D4
7343
1.9
±20%
20
0.04CV 1.9Arms
3,000
ECASD40G826M016K00
4
82
D4
7343
1.9
±20%
16
0.04CV 2.1Arms
3,000
ECASD40G157M016K00
4
150
D4
7343
1.9
±20%
16
0.04CV 2.1Arms
3,000
ECASD60G187M012K00
4
180
D6
7343
2.8
±20%
12
0.04CV 2.5Arms
2,500
ECASD60G227M010K00
4
220
D6
7343
2.8
±20%
10
0.04CV 3.0Arms
2,500
ECASD90G337M008K00
4
330
D9
7343
4.2
±20%
8
0.04CV 3.3Arms
2,000
ECASD40J106M055K00
6.3
10
D4
7343
1.9
±20%
55
0.04CV 1.0Arms
3,000
ECASD40J226M045K00
6.3
22
D4
7343
1.9
±20%
45
0.04CV 1.0Arms
3,000
ECASD40J336M025K00
6.3
33
D4
7343
1.9
±20%
25
0.04CV 1.8Arms
3,000
ECASD40J476M025K00
6.3
47
D4
7343
1.9
±20%
25
0.04CV 1.8Arms
3,000
ECASD40J686M015K00
6.3
68
D4
7343
1.9
±20%
15
0.04CV 2.0Arms
3,000
ECASD40J107M015K00
6.3
100
D4
7343
1.9
±20%
15
0.04CV 2.0Arms
3,000
ECASD60J157M010K00
6.3
150
D6
7343
2.8
±20%
10
0.04CV 3.0Arms
2,500
ECASD90J227M010K00
6.3
220
D9
7343
4.2
±20%
10
0.04CV 3.0Arms
2,000
ECASD41A106M055K00
10
10
D4
7343
1.9
±20%
55
0.04CV 1.0Arms
3,000
ECASD41A226M028K00
10
22
D4
7343
1.9
±20%
28
0.04CV 1.6Arms
3,000
ECASD41A336M025K00
10
33
D4
7343
1.9
±20%
25
0.04CV 1.8Arms
3,000
ECASD61A686M015K00
10
68
D6
7343
2.8
±20%
15
0.04CV 2.0Arms
2,500
ECASD91A107M010K00
10
100
D9
7343
4.2
±20%
10
0.04CV 3.0Arms
2,000
ECASD91A157M010K00
10
150
D9
7343
4.2
±20%
10
0.04CV 3.0Arms
2,000
ECASD41B106M055K00
12.5
10
D4
7343
1.9
±20%
55
0.1CV
1.0Arms
3,000
ECASD41B156M045K00
12.5
15
D4
7343
1.9
±20%
45
0.1CV
1.0Arms
3,000
ECASD41B226M030K00
12.5
22
D4
7343
1.9
±20%
30
0.1CV
1.6Arms
3,000
ECASD61B336M025K00
12.5
33
D6
7343
2.8
±20%
25
0.1CV
1.8Arms
2,500
ECASD61B476M020K00
12.5
47
D6
7343
2.8
±20%
20
0.1CV
2.0Arms
2,500
ECASD91B566M020K00
12.5
56
D9
7343
4.2
±20%
20
0.1CV
2.0Arms
2,000
ECASD91B107M012K00
12.5
100
D9
7343
4.2
±20%
12
0.1CV
2.5Arms
2,000
ECASD41C685M070K00
16
6.8
D4
7343
1.9
±20%
70
0.1CV
1.0Arms
3,000
ECASD41C106M060K00
16
10
D4
7343
1.9
±20%
60
0.1CV
1.0Arms
3,000
ECASD41C156M040K00
16
15
D4
7343
1.9
±20%
40
0.1CV
1.0Arms
3,000
ECASD61C226M030K00
16
22
D6
7343
2.8
±20%
30
0.1CV
1.6Arms
2,500
Case Size
Min.
Packaging
Quantity
(Pcs)
Murata Part Number
MSL 3 Packaging (moisture sensitivity level)


Similar Part No. - ECASD41B156M045K00

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
ECASD60J187M010K00 MURATA-ECASD60J187M010K00 Datasheet
47Kb / 1P
   Polymer Aluminum Electrolytic Capacitors
More results

Similar Description - ECASD41B156M045K00

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
C90E MURATA-C90E Datasheet
533Kb / 9P
   Polymer Aluminum Electrolytic Capacitors
logo
RUBYCON CORPORATION
4SW150M2.7X7.3 RUBYCON-4SW150M2.7X7.3 Datasheet
824Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
2.5SW470MX RUBYCON-2.5SW470MX Datasheet
824Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
2.5SWZ270MR06 RUBYCON-2.5SWZ270MR06 Datasheet
824Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
2SWZ270MR06 RUBYCON-2SWZ270MR06 Datasheet
824Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
6SW150MDR1X RUBYCON-6SW150MDR1X Datasheet
824Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
logo
Murata Manufacturing Co...
ECASD60J187M010K00 MURATA-ECASD60J187M010K00 Datasheet
47Kb / 1P
   Polymer Aluminum Electrolytic Capacitors
logo
RUBYCON CORPORATION
2SWZ270M1.9X7.3 RUBYCON-2SWZ270M1.9X7.3 Datasheet
824Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
4SWZ180MR09 RUBYCON-4SWZ180MR09 Datasheet
824Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
10SWZ47MR25 RUBYCON-10SWZ47MR25 Datasheet
824Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
2.5SWZ220MR06 RUBYCON-2.5SWZ220MR06 Datasheet
824Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com