Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HRS-4809 Datasheet(PDF) 3 Page - Power Systems GmbH+Co.KG

Part # HRS-4809
Description  DC-DC Converter UNIT 1.8 W REGULATED DC-DC CONVERTER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER-SYSTEMS [Power Systems GmbH+Co.KG]
Direct Link  http://www.power-systems.de
Logo POWER-SYSTEMS - Power Systems GmbH+Co.KG

HRS-4809 Datasheet(HTML) 3 Page - Power Systems GmbH+Co.KG

  HRS-4809 Datasheet HTML 1Page - Power Systems GmbH+Co.KG HRS-4809 Datasheet HTML 2Page - Power Systems GmbH+Co.KG HRS-4809 Datasheet HTML 3Page - Power Systems GmbH+Co.KG HRS-4809 Datasheet HTML 4Page - Power Systems GmbH+Co.KG HRS-4809 Datasheet HTML 5Page - Power Systems GmbH+Co.KG  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
www.Power-Systems.de
Page: 3 / 5
Version: 4-Oct-02
HR Series ( 1.8 W REGULATED DC-DC CONVERTER )
DC-DC Converter UNIT
MECHANICAL DIMENSIONS &
RECOMMENDED FOOTPRINT DETAILS
PIN
SINGLE
1&24
+Vin
2&23
NC
10&15
-Vout
11&14
+Vout
12&13
-Vin


Similar Part No. - HRS-4809

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
HRS-40-R MSYSTEM-HRS-40-R Datasheet
102Kb / 3P
   Space-saving Plug-in Signal Conditioners H-UNIT
HRS-40-R/BL MSYSTEM-HRS-40-R/BL Datasheet
102Kb / 3P
   Space-saving Plug-in Signal Conditioners H-UNIT
HRS-40-R/K MSYSTEM-HRS-40-R/K Datasheet
102Kb / 3P
   Space-saving Plug-in Signal Conditioners H-UNIT
HRS-40-R/Q MSYSTEM-HRS-40-R/Q Datasheet
102Kb / 3P
   Space-saving Plug-in Signal Conditioners H-UNIT
HRS-41-R MSYSTEM-HRS-41-R Datasheet
102Kb / 3P
   Space-saving Plug-in Signal Conditioners H-UNIT
More results

Similar Description - HRS-4809

ManufacturerPart #DatasheetDescription
logo
Power Systems GmbH+Co.K...
HUS-0505 POWER-SYSTEMS-HUS-0505 Datasheet
182Kb / 5P
   DC-DC Converter UNIT 1.8 W UNREGULATED DC-DC CONVERTER
CERS-0505M POWER-SYSTEMS-CERS-0505M Datasheet
246Kb / 5P
   DC-DC Converter UNIT 1.5 W REGULATED DC-DC CONVERTER
PRS-0505C POWER-SYSTEMS-PRS-0505C Datasheet
164Kb / 4P
   DC-DC Converter UNIT 1 W REGULATED DC-DC CONVERTER
CARS-0505 POWER-SYSTEMS-CARS-0505 Datasheet
249Kb / 5P
   DC-DC Converter UNIT 2W REGULATED DC-DC CONVERTER
CRS-0505 POWER-SYSTEMS-CRS-0505 Datasheet
242Kb / 5P
   DC-DC Converter UNIT 3W REGULATED DC-DC CONVERTER
logo
Murata Power Solutions ...
PWR6000 MURATA-PS-PWR6000 Datasheet
123Kb / 4P
   1.8 WATT REGULATED DC/DC CONVERTER
logo
Power Systems GmbH+Co.K...
CBRS-0505-3K POWER-SYSTEMS-CBRS-0505-3K Datasheet
245Kb / 5P
   DC-DC Converter UNIT 2W-3W REGULATED DC-DC CONVERTER
SRS-0505-1 POWER-SYSTEMS-SRS-0505-1 Datasheet
203Kb / 5P
   DC-DC Converter UNIT 0,5W TO 1W REGULATED DC-DC CONVERTER
MAUS-0505 POWER-SYSTEMS-MAUS-0505 Datasheet
211Kb / 5P
   DC-DC Converter UNIT 1 W UNREGULATED DC-DC CONVERTER
MBUS-0505 POWER-SYSTEMS-MBUS-0505 Datasheet
197Kb / 5P
   DC-DC Converter UNIT 1.25 W UNREGULATED DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com