Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZICM2410P2-1C Datasheet(PDF) 7 Page - California Eastern Labs

Part # ZICM2410P2-1C
Description  Integrated Transceiver Modules for ZigBee/IEEE 802.15.4
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

ZICM2410P2-1C Datasheet(HTML) 7 Page - California Eastern Labs

Back Button ZICM2410P2-1C Datasheet HTML 3Page - California Eastern Labs ZICM2410P2-1C Datasheet HTML 4Page - California Eastern Labs ZICM2410P2-1C Datasheet HTML 5Page - California Eastern Labs ZICM2410P2-1C Datasheet HTML 6Page - California Eastern Labs ZICM2410P2-1C Datasheet HTML 7Page - California Eastern Labs ZICM2410P2-1C Datasheet HTML 8Page - California Eastern Labs ZICM2410P2-1C Datasheet HTML 9Page - California Eastern Labs ZICM2410P2-1C Datasheet HTML 10Page - California Eastern Labs ZICM2410P2-1C Datasheet HTML 11Page - California Eastern Labs Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
MeshConnect™ Module Series
Page 7
SOFTWARE TOOLS (Continued)
DEVICE PROGRAMMER
• Device Programmer is used to program the application firmware to the on-chip Flash program memory of the
IC device.
• Device Programmer supports:
• ISP Mode: Download the firmware from the host PC via serial communication through the IC’s
UART1 interface.
• The evaluation boards utilize a USB -> Serial converter.
• OTA Mode: Download the firmware from the host PC using wireless communication (Over-The-Air).
• This requires two nodes, the host (connected to a PC) and the target device to be programmed.
Device Programmer can read / write hardware information (i.e. IEEE Address, Channel #, etc) directly via the
aforementioned communication modes.
PROFILE SIMULATOR
• Profile Simulator is used to simulate and test a ZigBee network consisting of a coordinator, router and / or end devices.
• Profile Simulator includes:
• Device Manager: Setting parameters of a ZigBee node.
• Bind Manager: Managing “bindings” in a ZigBee network.
• ZStack manager: Setting parameters of a ZigBee network.
• ZigBee Device Wizard: Selects network configuration during ZigBee network formation.
Can be used to generate ZigBee standard primitive functions for MAC, NWK and APS layers and the ZDO and APP.
PACKET ANALYZER AND WIRELESS NETWORK ANALYZER
• Packet Analyzer monitors traffic over a wireless network channel by capturing RF packet data in real-time.
• Packet Analyzer requires the Wireless Network Analyzer to “sniff” the RF packets.
• Packet Analyzer also includes diagnostic tools:
• Energy Scan: Evaluates the received signal power within the bandwidth of an IEEE 802.15.4 channel
yielding available channels.
• Active Scan: Scanning for active Coordinators and Routers broadcasting a Beacon frame.
• Packet Analyzer is capable of displaying network configuration (i.e. tree vs. star), network nodes, packet details, etc.
• Can be used in conjunction with any IEEE 802.15.4 or ZigBee network.
KEIL 8051 DEVELOPMENT TOOLS (Evaluation version provided in development kit).
• Supports all 8051 derivatives and variants.
• Easy-to-Use µVision Integrated Development Environment (IDE) supports the complete development cycle.
• Supports memory banking for CODE and variables beyond the 64 kbyte threshold.
Numerous optimization levels yield the ability to place more features into less memory providing the utmost code density.


Similar Part No. - ZICM2410P2-1C

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
ZICM-EM35X-DEV-KIT-2 CEL-ZICM-EM35X-DEV-KIT-2 Datasheet
805Kb / 18P
   Integrated Transceiver Modules for ZigBee / IEEE 802.15.4 Development Kit available: ZICM-EM35X-DEV-KIT-2
ZICM357P2-1 CEL-ZICM357P2-1 Datasheet
1Mb / 15P
   Ember EM357 Transceiver Based Module
ZICM357P2-1C CEL-ZICM357P2-1C Datasheet
1Mb / 15P
   Ember EM357 Transceiver Based Module
ZICM357P2-KIT1-1 CEL-ZICM357P2-KIT1-1 Datasheet
1Mb / 15P
   Ember EM357 Transceiver Based Module
ZICM357SP0 CEL-ZICM357SP0 Datasheet
805Kb / 18P
   Integrated Transceiver Modules for ZigBee / IEEE 802.15.4 Development Kit available: ZICM-EM35X-DEV-KIT-2
More results

Similar Description - ZICM2410P2-1C

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT86RF230 ATMEL-AT86RF230 Datasheet
423Kb / 50P
   ZigBee/IEEE 802.15.4-Transceiver
logo
Laird Tech Smart Techno...
450-0035 LSTD-450-0035 Datasheet
1Mb / 33P
   Integrated Transceiver Modules for ZigBee / 802.15.4 (2.4 GHz)
450-0075 LSTD-450-0075 Datasheet
1Mb / 46P
   Integrated Transceiver Modules for ZigBee / 802.15.4 (2.4 GHz)
logo
California Eastern Labs
ZICM357SP2-1C CEL-ZICM357SP2-1C Datasheet
805Kb / 18P
   Integrated Transceiver Modules for ZigBee / IEEE 802.15.4 Development Kit available: ZICM-EM35X-DEV-KIT-2
logo
List of Unclassifed Man...
EM2420 ETC-EM2420 Datasheet
1Mb / 89P
   2.4 GHz IEEE 802.15.4 / ZigBee RF Transceiver
logo
Texas Instruments
CC2520 TI-CC2520_11 Datasheet
2Mb / 133P
[Old version datasheet]   2.4 GHZ IEEE 802.15.4/ZIGBEE RF TRANSCEIVER
CC2520 TI1-CC2520_17 Datasheet
2Mb / 134P
[Old version datasheet]   2.4 GHZ IEEE 802.15.4/ZIGBEE RF TRANSCEIVER
CC2420ZRTC TI1-CC2420ZRTC Datasheet
1Mb / 96P
[Old version datasheet]   2.4 GHz IEEE 802.15.4 / ZigBee-ready RF Transceiver
CC2420RTCR TI1-CC2420RTCR Datasheet
1Mb / 94P
[Old version datasheet]   2.4 GHz IEEE 802.15.4 / ZigBee-ready RF Transceiver
logo
List of Unclassifed Man...
CC2420 ETC1-CC2420 Datasheet
1Mb / 87P
   2.4 GHz IEEE 802.15.4 / ZigBee-ready RF Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com