Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBUS-2415 Datasheet(PDF) 4 Page - Power Systems GmbH+Co.KG

Part # MBUS-2415
Description  DC-DC Converter UNIT 1.25 W UNREGULATED DC-DC CONVERTER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER-SYSTEMS [Power Systems GmbH+Co.KG]
Direct Link  http://www.power-systems.de
Logo POWER-SYSTEMS - Power Systems GmbH+Co.KG

MBUS-2415 Datasheet(HTML) 4 Page - Power Systems GmbH+Co.KG

  MBUS-2415 Datasheet HTML 1Page - Power Systems GmbH+Co.KG MBUS-2415 Datasheet HTML 2Page - Power Systems GmbH+Co.KG MBUS-2415 Datasheet HTML 3Page - Power Systems GmbH+Co.KG MBUS-2415 Datasheet HTML 4Page - Power Systems GmbH+Co.KG MBUS-2415 Datasheet HTML 5Page - Power Systems GmbH+Co.KG  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
www.Power-Systems.de
Page: 4 / 5
Version: 4-Oct-02
MBU Series ( 1.25 W UNREGULATED DC-DC CONVERTER )
DC-DC Converter UNIT
TYPICAL PERFORMANCE CUREVES
Specifications typical at ta=25 OC , nominal input voltage , rated output current unless otherwise specified.
VOUT VS LOAD(5Vout Models)
VOUT VS LOAD(9Vout Models)
4.8
5.2
5.6
6.0
6.4
0
60
120
180
250
Output Current(mA)
8.8
9.2
9.6
10.0
10.4
035
70
105
140
Output Current(mA)
VOUT VS LOAD(12Vout Models)
VOUT VS LOAD(15Vout Models)
11.8
12.2
12.6
13.0
13.4
13.8
026
52
78
104
Output Current(mA)
14.5
15.0
15.5
16.0
16.5
0
21426384
Output Current(mA)
EFFICIENCY VS LOAD
DERATING CURVE
0.0
20.0
40.0
60.0
80.0
0
2040
6080
100
% OF RATED LOAD(%)
-25
0
20
40
60
80
100
120
SAFE
OPERATING
AREA
TA(degree C)
100%
125%
50%
25%
75%


Similar Part No. - MBUS-2415

ManufacturerPart #DatasheetDescription
logo
First Silicon Co., Ltd
MBUS1BS FS-MBUS1BS Datasheet
144Kb / 3P
   Fast Recovery Diode Bridge Rectifier
MBUS1DS FS-MBUS1DS Datasheet
144Kb / 3P
   Fast Recovery Diode Bridge Rectifier
MBUS1GS FS-MBUS1GS Datasheet
144Kb / 3P
   Fast Recovery Diode Bridge Rectifier
MBUS1JS FS-MBUS1JS Datasheet
144Kb / 3P
   Fast Recovery Diode Bridge Rectifier
MBUS1KS FS-MBUS1KS Datasheet
144Kb / 3P
   Fast Recovery Diode Bridge Rectifier
More results

Similar Description - MBUS-2415

ManufacturerPart #DatasheetDescription
logo
Power Systems GmbH+Co.K...
MAUS-0505 POWER-SYSTEMS-MAUS-0505 Datasheet
211Kb / 5P
   DC-DC Converter UNIT 1 W UNREGULATED DC-DC CONVERTER
PUS-0503.3-2W POWER-SYSTEMS-PUS-0503.3-2W Datasheet
185Kb / 6P
   DC-DC Converter UNIT 2 W UNREGULATED DC-DC CONVERTER
HUS-0505 POWER-SYSTEMS-HUS-0505 Datasheet
182Kb / 5P
   DC-DC Converter UNIT 1.8 W UNREGULATED DC-DC CONVERTER
MUS-0505 POWER-SYSTEMS-MUS-0505 Datasheet
234Kb / 5P
   DC-DC Converter UNIT 1 W UNREGULATED DC-DC CONVERTER
DUS-0503.3 POWER-SYSTEMS-DUS-0503.3 Datasheet
222Kb / 5P
   DC-DC Converter UNIT 5W UNREGULATED DC-DC CONVERTER
TUS-0505 POWER-SYSTEMS-TUS-0505 Datasheet
181Kb / 6P
   DC-DC Converter UNIT 1W UNREGULATED DC-DC CONVERTER
PUS-0505 POWER-SYSTEMS-PUS-0505 Datasheet
316Kb / 9P
   DC-DC Converter UNIT 1W UNREGULATED DC-DC CONVERTER
SUS-0505-1 POWER-SYSTEMS-SUS-0505-1 Datasheet
217Kb / 6P
   DC-DC Converter UNIT 0,5W TO 1W UNREGULATED DC-DC CONVERTER
CERS-0505M POWER-SYSTEMS-CERS-0505M Datasheet
246Kb / 5P
   DC-DC Converter UNIT 1.5 W REGULATED DC-DC CONVERTER
PRS-0505C POWER-SYSTEMS-PRS-0505C Datasheet
164Kb / 4P
   DC-DC Converter UNIT 1 W REGULATED DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com