Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBUS-4812 Datasheet(PDF) 5 Page - Power Systems GmbH+Co.KG

Part # MBUS-4812
Description  DC-DC Converter UNIT 1.25 W UNREGULATED DC-DC CONVERTER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER-SYSTEMS [Power Systems GmbH+Co.KG]
Direct Link  http://www.power-systems.de
Logo POWER-SYSTEMS - Power Systems GmbH+Co.KG

MBUS-4812 Datasheet(HTML) 5 Page - Power Systems GmbH+Co.KG

  MBUS-4812 Datasheet HTML 1Page - Power Systems GmbH+Co.KG MBUS-4812 Datasheet HTML 2Page - Power Systems GmbH+Co.KG MBUS-4812 Datasheet HTML 3Page - Power Systems GmbH+Co.KG MBUS-4812 Datasheet HTML 4Page - Power Systems GmbH+Co.KG MBUS-4812 Datasheet HTML 5Page - Power Systems GmbH+Co.KG  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
www.Power-Systems.de
Page: 5 / 5
Version: 4-Oct-02
MBU Series ( 1.25 W UNREGULATED DC-DC CONVERTER )
DC-DC Converter UNIT
MBU SERIES APPLICATION NOTES:
EXTERNAL CAPACITANCE REQUIREMENTS:
Output filtering is required for operation. A minimum of 10uF is needed. Output
capacitance may be increased for additional filtering, not to exceed 220uF.
To meet the reflected ripple requirements of the converter, an input impedance of
less than 0.5 ohm from DC to 250KHz is required.
Negative Outputs:
A negative output voltage may be obtained by connecting the +OUT to circuit ground
and connecting –OUT as the negative output.
FOR MORE INFORMATION CALL:
Power Systems – The Power Solution
Ilsfeld-Auenstein ( Germany ) Dörnet 8
Tel: + 49 / 70 62 / 67 59 – 6
Fax: + 49 / 70 62 / 67 59 -80
E-mail: Info@Power-Systems.de
Home Page: www.Power-Systems.de


Similar Part No. - MBUS-4812

ManufacturerPart #DatasheetDescription
logo
First Silicon Co., Ltd
MBUS1BS FS-MBUS1BS Datasheet
144Kb / 3P
   Fast Recovery Diode Bridge Rectifier
MBUS1DS FS-MBUS1DS Datasheet
144Kb / 3P
   Fast Recovery Diode Bridge Rectifier
MBUS1GS FS-MBUS1GS Datasheet
144Kb / 3P
   Fast Recovery Diode Bridge Rectifier
MBUS1JS FS-MBUS1JS Datasheet
144Kb / 3P
   Fast Recovery Diode Bridge Rectifier
MBUS1KS FS-MBUS1KS Datasheet
144Kb / 3P
   Fast Recovery Diode Bridge Rectifier
More results

Similar Description - MBUS-4812

ManufacturerPart #DatasheetDescription
logo
Power Systems GmbH+Co.K...
MAUS-0505 POWER-SYSTEMS-MAUS-0505 Datasheet
211Kb / 5P
   DC-DC Converter UNIT 1 W UNREGULATED DC-DC CONVERTER
PUS-0503.3-2W POWER-SYSTEMS-PUS-0503.3-2W Datasheet
185Kb / 6P
   DC-DC Converter UNIT 2 W UNREGULATED DC-DC CONVERTER
HUS-0505 POWER-SYSTEMS-HUS-0505 Datasheet
182Kb / 5P
   DC-DC Converter UNIT 1.8 W UNREGULATED DC-DC CONVERTER
MUS-0505 POWER-SYSTEMS-MUS-0505 Datasheet
234Kb / 5P
   DC-DC Converter UNIT 1 W UNREGULATED DC-DC CONVERTER
DUS-0503.3 POWER-SYSTEMS-DUS-0503.3 Datasheet
222Kb / 5P
   DC-DC Converter UNIT 5W UNREGULATED DC-DC CONVERTER
TUS-0505 POWER-SYSTEMS-TUS-0505 Datasheet
181Kb / 6P
   DC-DC Converter UNIT 1W UNREGULATED DC-DC CONVERTER
PUS-0505 POWER-SYSTEMS-PUS-0505 Datasheet
316Kb / 9P
   DC-DC Converter UNIT 1W UNREGULATED DC-DC CONVERTER
SUS-0505-1 POWER-SYSTEMS-SUS-0505-1 Datasheet
217Kb / 6P
   DC-DC Converter UNIT 0,5W TO 1W UNREGULATED DC-DC CONVERTER
CERS-0505M POWER-SYSTEMS-CERS-0505M Datasheet
246Kb / 5P
   DC-DC Converter UNIT 1.5 W REGULATED DC-DC CONVERTER
PRS-0505C POWER-SYSTEMS-PRS-0505C Datasheet
164Kb / 4P
   DC-DC Converter UNIT 1 W REGULATED DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com