Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MUS-2409 Datasheet(PDF) 4 Page - Power Systems GmbH+Co.KG

Part # MUS-2409
Description  DC-DC Converter UNIT 1 W UNREGULATED DC-DC CONVERTER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER-SYSTEMS [Power Systems GmbH+Co.KG]
Direct Link  http://www.power-systems.de
Logo POWER-SYSTEMS - Power Systems GmbH+Co.KG

MUS-2409 Datasheet(HTML) 4 Page - Power Systems GmbH+Co.KG

  MUS-2409 Datasheet HTML 1Page - Power Systems GmbH+Co.KG MUS-2409 Datasheet HTML 2Page - Power Systems GmbH+Co.KG MUS-2409 Datasheet HTML 3Page - Power Systems GmbH+Co.KG MUS-2409 Datasheet HTML 4Page - Power Systems GmbH+Co.KG MUS-2409 Datasheet HTML 5Page - Power Systems GmbH+Co.KG  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
www.Power-Systems.de
Page: 4 / 5
Version: 4-Oct-02
MU Series ( 1 W UNREGULATED DC-DC CONVERTER )
DC-DC Converter UNIT
RECOMMENDED FOOTPRINT DETAILS
PACKAGE "A"
PACKAGE "B"
SIMPLIFIED SCHEMATIC
TYPICAL APPLICATIONS
-Vin
+Vin
+Vout
-Vout
OSCILLATOR
DRIVER
LOAD
INPUT
+Vin
OUTPUT
-Vout
+Vout
-Vin
DC-DC
CONVERTER
TYPICAL PERFORMANCE CUREVES
Specifications typical at ta=25 OC , nominal input voltage , rated output current unless otherwise specified.
EFFICIENCY VS LOAD
DERATING CURVE
0.0
20.0
40.0
60.0
80.0
0
2040
6080
100
% OF RATED LOAD(%)
0.0
0.3
0.6
0.9
1.2
-25
0
25
50
70
100
TA(degree C)
SAFE
OPERATING
AREA


Similar Part No. - MUS-2409

ManufacturerPart #DatasheetDescription
logo
Level One
MUS-2500 LVL1-MUS-2500 Datasheet
123Kb / 2P
   The LevelOne MUS-2500 Smart Mobile USB Storage is an intelligent Plug-and-Play high speed USB 2.0 compatible
More results

Similar Description - MUS-2409

ManufacturerPart #DatasheetDescription
logo
Power Systems GmbH+Co.K...
MAUS-0505 POWER-SYSTEMS-MAUS-0505 Datasheet
211Kb / 5P
   DC-DC Converter UNIT 1 W UNREGULATED DC-DC CONVERTER
MBUS-0505 POWER-SYSTEMS-MBUS-0505 Datasheet
197Kb / 5P
   DC-DC Converter UNIT 1.25 W UNREGULATED DC-DC CONVERTER
PUS-0503.3-2W POWER-SYSTEMS-PUS-0503.3-2W Datasheet
185Kb / 6P
   DC-DC Converter UNIT 2 W UNREGULATED DC-DC CONVERTER
HUS-0505 POWER-SYSTEMS-HUS-0505 Datasheet
182Kb / 5P
   DC-DC Converter UNIT 1.8 W UNREGULATED DC-DC CONVERTER
DUS-0503.3 POWER-SYSTEMS-DUS-0503.3 Datasheet
222Kb / 5P
   DC-DC Converter UNIT 5W UNREGULATED DC-DC CONVERTER
TUS-0505 POWER-SYSTEMS-TUS-0505 Datasheet
181Kb / 6P
   DC-DC Converter UNIT 1W UNREGULATED DC-DC CONVERTER
PUS-0505 POWER-SYSTEMS-PUS-0505 Datasheet
316Kb / 9P
   DC-DC Converter UNIT 1W UNREGULATED DC-DC CONVERTER
PRS-0505C POWER-SYSTEMS-PRS-0505C Datasheet
164Kb / 4P
   DC-DC Converter UNIT 1 W REGULATED DC-DC CONVERTER
SUS-0505-1 POWER-SYSTEMS-SUS-0505-1 Datasheet
217Kb / 6P
   DC-DC Converter UNIT 0,5W TO 1W UNREGULATED DC-DC CONVERTER
logo
Texas Instruments
DCP010505B TI1-DCP010505B Datasheet
1Mb / 30P
[Old version datasheet]   1-W, Isolated, Unregulated DC/DC Converter Modules
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com