Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SRS-1212-1 Datasheet(PDF) 4 Page - Power Systems GmbH+Co.KG

Part # SRS-1212-1
Description  DC-DC Converter UNIT 0,5W TO 1W REGULATED DC-DC CONVERTER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER-SYSTEMS [Power Systems GmbH+Co.KG]
Direct Link  http://www.power-systems.de
Logo POWER-SYSTEMS - Power Systems GmbH+Co.KG

SRS-1212-1 Datasheet(HTML) 4 Page - Power Systems GmbH+Co.KG

  SRS-1212-1 Datasheet HTML 1Page - Power Systems GmbH+Co.KG SRS-1212-1 Datasheet HTML 2Page - Power Systems GmbH+Co.KG SRS-1212-1 Datasheet HTML 3Page - Power Systems GmbH+Co.KG SRS-1212-1 Datasheet HTML 4Page - Power Systems GmbH+Co.KG SRS-1212-1 Datasheet HTML 5Page - Power Systems GmbH+Co.KG  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
www.Power-Systems.de
Page: 4 / 5
Version: 4-Oct-02
SR Series (0,5W TO 1W REGULATED DC-DC CONVERTER)
DC-DC Converter UNIT
SIMPLIFIED SCHEMATIC
TYPICAL
APPLICATIONS
-Vin
+Vout
+Vin
OSCILLATOR
DRIVER
-Vout
REGULATOR
LOAD
INPUT
+Vin
OUTPUT
-Vout
+Vout
-Vin
DC-DC
CONVERTER
TYPICAL PERFORMANCE CUREVES
DERATING CURVE
EFFICIENCY VS LOAD
0.0
0.3
0.6
0.9
1.2
-25
0
25
50
70
100
TA(degree C)
0.0
20.0
40.0
60.0
80.0
0
2040
6080
100
% OF RATED LOAD(%)
SR SERIES APPLICATION NOTES:
EXTERNAL CAPACITANCE REQUIREMENTS:
No external capacitance is required for operation of the SR series.
To meet the reflected ripple requirements of the converter, an input impedance of less than 0.5 ohm
from DC to 250KHz is required.
External output capacitance is not required for operation, however it is recommended that 10uF
tantalum and 0.1uF ceramic capacitance be selected for reduced system noise.
Additional output capacitance may be added for increased filtering, but should not exceed 100uF.
SAFE
OPERATING
AREA


Similar Part No. - SRS-1212-1

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
SRS-1212 MEANWELL-SRS-1212 Datasheet
159Kb / 1P
   0.5W DC-DC Regulated Single Output Converter
SRS-1212 MEANWELL-SRS-1212 Datasheet
161Kb / 1P
   0.5W DC-DC Regulated Single Output Converter
More results

Similar Description - SRS-1212-1

ManufacturerPart #DatasheetDescription
logo
Power Systems GmbH+Co.K...
SUS-0505-1 POWER-SYSTEMS-SUS-0505-1 Datasheet
217Kb / 6P
   DC-DC Converter UNIT 0,5W TO 1W UNREGULATED DC-DC CONVERTER
TUS-0505 POWER-SYSTEMS-TUS-0505 Datasheet
181Kb / 6P
   DC-DC Converter UNIT 1W UNREGULATED DC-DC CONVERTER
PUS-0505 POWER-SYSTEMS-PUS-0505 Datasheet
316Kb / 9P
   DC-DC Converter UNIT 1W UNREGULATED DC-DC CONVERTER
CARS-0505 POWER-SYSTEMS-CARS-0505 Datasheet
249Kb / 5P
   DC-DC Converter UNIT 2W REGULATED DC-DC CONVERTER
CRS-0505 POWER-SYSTEMS-CRS-0505 Datasheet
242Kb / 5P
   DC-DC Converter UNIT 3W REGULATED DC-DC CONVERTER
CERS-0505M POWER-SYSTEMS-CERS-0505M Datasheet
246Kb / 5P
   DC-DC Converter UNIT 1.5 W REGULATED DC-DC CONVERTER
CBRS-0505-3K POWER-SYSTEMS-CBRS-0505-3K Datasheet
245Kb / 5P
   DC-DC Converter UNIT 2W-3W REGULATED DC-DC CONVERTER
PRS-0505C POWER-SYSTEMS-PRS-0505C Datasheet
164Kb / 4P
   DC-DC Converter UNIT 1 W REGULATED DC-DC CONVERTER
HRS-0505 POWER-SYSTEMS-HRS-0505 Datasheet
229Kb / 5P
   DC-DC Converter UNIT 1.8 W REGULATED DC-DC CONVERTER
1WS-1205 POWER-SYSTEMS-1WS-1205 Datasheet
178Kb / 4P
   DC-DC Converter UNIT 1W WIDE INPUT RANGE DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com