Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TUD-1215 Datasheet(PDF) 4 Page - Power Systems GmbH+Co.KG

Part # TUD-1215
Description  DC-DC Converter UNIT 1W UNREGULATED DC-DC CONVERTER
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER-SYSTEMS [Power Systems GmbH+Co.KG]
Direct Link  http://www.power-systems.de
Logo POWER-SYSTEMS - Power Systems GmbH+Co.KG

TUD-1215 Datasheet(HTML) 4 Page - Power Systems GmbH+Co.KG

  TUD-1215 Datasheet HTML 1Page - Power Systems GmbH+Co.KG TUD-1215 Datasheet HTML 2Page - Power Systems GmbH+Co.KG TUD-1215 Datasheet HTML 3Page - Power Systems GmbH+Co.KG TUD-1215 Datasheet HTML 4Page - Power Systems GmbH+Co.KG TUD-1215 Datasheet HTML 5Page - Power Systems GmbH+Co.KG TUD-1215 Datasheet HTML 6Page - Power Systems GmbH+Co.KG  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
www.Power-Systems.de
Page: 4 / 6
Version: 4-Oct-02
TU Series ( 1W UNREGULATED DC-DC CONVERTER )
DC-DC Converter UNIT
TYPICAL APPLICATIONS
SINGLE OUTPUT
DUAL OUTPUT
LOAD
INPUT
+Vin
OUTPUT
-Vout
+Vout
-Vin
DC-DC
CONVERTER
+Vout
-Vin
-Vout
INPUT
DC-DC
CONVERTER
+Vin
LOAD1
OUTPUT
Common
LOAD2
TYPICAL PERFORMANCE CUREVES
Specifications typical at TA=25 O
C,nominal input voltage , rated output current unless otherwise specified.
VOUT VS LOAD(5Vout Models)
VOUT VS LOAD(+/- 5Vout Models)
4.8
5.2
5.6
6.0
6.4
0
50
100
150
200
Output Current(mA)
4.8
5.2
5.6
6.0
6.4
0
+/-25
+/-50
+/-75
+/-100
Output Current(mA)
VOUT VS LOAD(12Vout Models)
VOUT VS LOAD(+/- 12Vout Models)
11.5
12.0
12.5
13.0
13.5
0
20
406080
Output Current(mA)
11.5
12.0
12.5
13.0
13.5
0
+/-10
+/-20
+/-30
+/-40
Output Current(mA)


Similar Part No. - TUD-1215

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TUD-4010 ETC-TUD-4010 Datasheet
576Kb / 3P
   The high performanceblade server for enterprise,data center and HPC applications
More results

Similar Description - TUD-1215

ManufacturerPart #DatasheetDescription
logo
Power Systems GmbH+Co.K...
PUS-0505 POWER-SYSTEMS-PUS-0505 Datasheet
316Kb / 9P
   DC-DC Converter UNIT 1W UNREGULATED DC-DC CONVERTER
SUS-0505-1 POWER-SYSTEMS-SUS-0505-1 Datasheet
217Kb / 6P
   DC-DC Converter UNIT 0,5W TO 1W UNREGULATED DC-DC CONVERTER
DUS-0503.3 POWER-SYSTEMS-DUS-0503.3 Datasheet
222Kb / 5P
   DC-DC Converter UNIT 5W UNREGULATED DC-DC CONVERTER
MAUS-0505 POWER-SYSTEMS-MAUS-0505 Datasheet
211Kb / 5P
   DC-DC Converter UNIT 1 W UNREGULATED DC-DC CONVERTER
MBUS-0505 POWER-SYSTEMS-MBUS-0505 Datasheet
197Kb / 5P
   DC-DC Converter UNIT 1.25 W UNREGULATED DC-DC CONVERTER
PUS-0503.3-2W POWER-SYSTEMS-PUS-0503.3-2W Datasheet
185Kb / 6P
   DC-DC Converter UNIT 2 W UNREGULATED DC-DC CONVERTER
HUS-0505 POWER-SYSTEMS-HUS-0505 Datasheet
182Kb / 5P
   DC-DC Converter UNIT 1.8 W UNREGULATED DC-DC CONVERTER
MUS-0505 POWER-SYSTEMS-MUS-0505 Datasheet
234Kb / 5P
   DC-DC Converter UNIT 1 W UNREGULATED DC-DC CONVERTER
logo
Mean Well Enterprises C...
SMA01L-05 MEANWELL-SMA01L-05 Datasheet
141Kb / 1P
   1W DC-DC Unregulated Single Output Converter
SBT01 MEANWELL-SBT01 Datasheet
266Kb / 1P
   1W DC-DC Unregulated Single Output Converter
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com