Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VEG15B-120F Datasheet(PDF) 2 Page - Power Systems GmbH+Co.KG

Part # VEG15B-120F
Description  AC-DC Power Supplies 15 WATTS GREEN-MODE DESKTOP AC ADAPTER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER-SYSTEMS [Power Systems GmbH+Co.KG]
Direct Link  http://www.power-systems.de
Logo POWER-SYSTEMS - Power Systems GmbH+Co.KG

VEG15B-120F Datasheet(HTML) 2 Page - Power Systems GmbH+Co.KG

  VEG15B-120F Datasheet HTML 1Page - Power Systems GmbH+Co.KG VEG15B-120F Datasheet HTML 2Page - Power Systems GmbH+Co.KG  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
AC-DC Power Supplies
VEG15B SERIES (15 WATTS GREEN-MODE DESKTOP AC ADAPTER)
Power Systems – The Power Solution
Web:
www.Power-Systems.de
Address: Hauptstr. 48 ; 74360 Ilsfeld-Auenstein / Germany
Email:
Info@Power-Systems.de
Tel. :
+ 49 / 70 62 / 67 59 - 6
Fax:
+ 49 / 70 62 / 67 59 - 800
All specifications are subject to change without notice.
Page (2)
Version 1.0, 20th April 2009
(PRELIMINARY INFORMATION)
ELECTRICAL CHARACTERISTICS :
INPUT:
Nominal Voltage:
100-240 Vac
Variation Range:
90-264 Vac
Nominal Frequency:
50-60 Hz
Variation Range:
47-63 Hz
Current:
0,5 Arms max.
Inrush Current:
80A max. @ 264 Vac
Efficiency:
75% min. @
nominal input & full load /
115 Vac
OUTPUT:
Voltage (Vo):
(see table)
Tolerance:
+/- 5%
Power (Po):
15W max.
Hold up time:
8ms min. @ full load / 115 VAC
Overvoltage protection:
Built-in
Short circuit protection:
Pulsing mode, auto recovery
Ripple/Noise (Vp-p):
1% (20MHz bandwidth)
SAFETY:
UL / cUL, TUV / GS,
CE, CCC, PSE,
RCM, CE, B / S, FCC
TEMPERATURE:
Operating temperature range:
0 ˚C ~ +40˚C
Storage temperature range:
-20˚C ~ +85˚C
EMI:
Meet FCC class B, CISPR 22 class B, VCCI class B
OUTPUT ELECTRONIC SPECIFICATION:
1,25A
12V
15W
VEG15B-120F
Lo max.
Vo
Po
Model No.
Note 1 :
For other output volltage please ask factory.


Similar Part No. - VEG15B-120F

ManufacturerPart #DatasheetDescription
logo
Power Systems GmbH+Co.K...
VEG120A-190X POWER-SYSTEMS-VEG120A-190X Datasheet
362Kb / 2P
   AC-DC Power Supplies 120 WATTS
More results

Similar Description - VEG15B-120F

ManufacturerPart #DatasheetDescription
logo
Power Systems GmbH+Co.K...
VEG20X-050F POWER-SYSTEMS-VEG20X-050F Datasheet
109Kb / 2P
   AC-DC Power Supplies 20 WATTS GREEN-MODE DESKTOP AC ADAPTER
VEG65X-120FAA POWER-SYSTEMS-VEG65X-120FAA Datasheet
125Kb / 2P
   AC-DC Power Supplies 65 WATTS DESKTOP AC ADAPTER
VE3502 POWER-SYSTEMS-VE3502 Datasheet
409Kb / 1P
   AC-DC Power Supplies 34 WATTS DESKTOP AC ADAPTER
VAN70-120 POWER-SYSTEMS-VAN70-120 Datasheet
1Mb / 1P
   AC-DC Power Supplies 72 WATTS DESKTOP AC ADAPTER
VE15A-050 POWER-SYSTEMS-VE15A-050 Datasheet
111Kb / 1P
   AC-DC Power Supplies 15 WATTS DESK TOP AC ADAPTER
VE15B-050 POWER-SYSTEMS-VE15B-050 Datasheet
111Kb / 1P
   AC-DC Power Supplies 15 WATTS DESK TOP AC ADAPTER
VAN60-150C POWER-SYSTEMS-VAN60-150C Datasheet
381Kb / 2P
   AC-DC Power Supplies 60 WATTS DESK TOP AC ADAPTER
WN10A-050 POWER-SYSTEMS-WN10A-050 Datasheet
102Kb / 1P
   AC-DC Power Supplies 10 WATTS WALL MOUNT AC ADAPTER
VE50-1200 POWER-SYSTEMS-VE50-1200 Datasheet
65Kb / 2P
   AC-DC POWER SUPPLIES 50 WATTS DESK TOP AC ADAPTER
WN10B-050 POWER-SYSTEMS-WN10B-050 Datasheet
107Kb / 1P
   AC-DC Power Supplies 10 WATTS WALL MOUNT AC ADAPTER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com