Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LWD-1212T Datasheet(PDF) 2 Page - Power Systems GmbH+Co.KG

Part # LWD-1212T
Description  DC-DC Converter UNIT 5 W WIDE INPUT RANGE DC-DC CONVERTER
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER-SYSTEMS [Power Systems GmbH+Co.KG]
Direct Link  http://www.power-systems.de
Logo POWER-SYSTEMS - Power Systems GmbH+Co.KG

LWD-1212T Datasheet(HTML) 2 Page - Power Systems GmbH+Co.KG

  LWD-1212T Datasheet HTML 1Page - Power Systems GmbH+Co.KG LWD-1212T Datasheet HTML 2Page - Power Systems GmbH+Co.KG LWD-1212T Datasheet HTML 3Page - Power Systems GmbH+Co.KG LWD-1212T Datasheet HTML 4Page - Power Systems GmbH+Co.KG LWD-1212T Datasheet HTML 5Page - Power Systems GmbH+Co.KG LWD-1212T Datasheet HTML 6Page - Power Systems GmbH+Co.KG  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
www.Power-Systems.de
Page: 2 / 6
Version: 4-Oct-02
LW Series ( 5 W WIDE INPUT RANGE DC-DC CONVERTER )
DC-DC Converter UNIT
SELECTION GUIDE(1)
2:1 5W OUTPUT
INPUT
4
CURRENT(mA)
MODEL
NUMBER
INPUT
VOLTAGE
(VDC)
OUTPUT
VOLTAGE
(VDC)
OUTPUT
CURRENT
(mA)
FULL
LOAD
NO
LOAD
EFF
(%)
5
ISOLATION
(VDC)
LWS-0505E
4.5-9
5
1000
1535
30
65
1000
LWS-0512E
4.5-9
12
417
1420
30
70
1000
LWS-0515E
4.5-9
15
333
1390
20
72
1000
LWS-1203.3E
9-18
3.3
1500
589
33
70
1000
LWS-1205E
9-18
5
1000
556
30
75
1000
LWS-1209E
9-18
9
556
520
30
80
1000
LWS-1212E
9-18
12
417
519
28
80
1000
LWS-1215E
9-18
15
333
514
28
81
1000
LWD-1205E
9-18
+/-5
+/-500
556
29
75
1000
LWD-1209E
9-18
+/-9
+/-278
525
28
79
1000
LWD-1212E
9-18
+/-12
+/-208
519
28
80
1000
LWD-1215E
9-18
+/-15
+/-167
514
28
81
1000
LWS-2403.3E
18-36
3.3
1500
290
16
71
1000
LWS-2405E
18-36
5
1000
270
14
77
1000
LWS-2409E
18-36
9
556
257
14
81
1000
LWS-2412E
18-36
12
417
254
13
82
1000
LWS-2415E
18-36
15
333
251
13
83
1000
LWD-2405E
18-36
+/-5
+/-500
270
14
77
1000
LWD-2409E
18-36
+/-9
+/-278
257
14
81
1000
LWD-2412E
18-36
+/-12
+/-208
254
13
82
1000
LWD-2415E
18-36
+/-15
+/-167
251
12
83
1000
LWS-4803.3E
36-72
3.3
1500
135
10
77
1000
LWS-4805E
36-72
5
1000
135
8
77
1000
LWS-4809E
36-72
9
556
126
7
83
1000
LWS-4812E
36-72
12
417
126
7
83
1000
LWS-4815E
36-72
15
333
123
7
85
1000
LWD-4805E
36-72
+/-5
+/-500
135
8
77
1000
LWD-4809E
36-72
+/-9
+/-278
126
7
83
1000
LWD-4812E
36-72
+/-12
+/-208
126
7
83
1000
LWD-4815E
36-72
+/-15
+/-167
123
7
85
1000
Note: Other input to output voltages may be available. Please contact factory.
4 NOMINAL INPUT VOLTAGE.
5 NOMINAL INPUT VOLTAGE,FULL LOAD.


Similar Part No. - LWD-1212T

ManufacturerPart #DatasheetDescription
logo
DENSEI-LAMBDA
LWD15-0512 LAMBDA-LWD15-0512 Datasheet
118Kb / 2P
   Dual output 15W ~ 50W
LWD15-0524 LAMBDA-LWD15-0524 Datasheet
118Kb / 2P
   Dual output 15W ~ 50W
LWD15-1212 LAMBDA-LWD15-1212 Datasheet
118Kb / 2P
   Dual output 15W ~ 50W
LWD15-1224 LAMBDA-LWD15-1224 Datasheet
118Kb / 2P
   Dual output 15W ~ 50W
LWD15-1515 LAMBDA-LWD15-1515 Datasheet
118Kb / 2P
   Dual output 15W ~ 50W
More results

Similar Description - LWD-1212T

ManufacturerPart #DatasheetDescription
logo
Power Systems GmbH+Co.K...
FWS-1203.3 POWER-SYSTEMS-FWS-1203.3 Datasheet
181Kb / 5P
   DC-DC Converter UNIT 8 W WIDE INPUT RANGE DC-DC CONVERTER
KAWS-1205 POWER-SYSTEMS-KAWS-1205 Datasheet
199Kb / 6P
   DC-DC Converter UNIT 30 W WIDE INPUT RANGE DC-DC CONVERTER
KWS-1205 POWER-SYSTEMS-KWS-1205 Datasheet
209Kb / 6P
   DC-DC Converter UNIT 15 W WIDE INPUT RANGE DC-DC CONVERTER
1WS-1205 POWER-SYSTEMS-1WS-1205 Datasheet
178Kb / 4P
   DC-DC Converter UNIT 1W WIDE INPUT RANGE DC-DC CONVERTER
FAWS-1203.3 POWER-SYSTEMS-FAWS-1203.3 Datasheet
221Kb / 6P
   DC-DC Converter UNIT 10W WIDE INPUT RANGE DC-DC CONVERTER
CERS-0505M POWER-SYSTEMS-CERS-0505M Datasheet
246Kb / 5P
   DC-DC Converter UNIT 1.5 W REGULATED DC-DC CONVERTER
MAUS-0505 POWER-SYSTEMS-MAUS-0505 Datasheet
211Kb / 5P
   DC-DC Converter UNIT 1 W UNREGULATED DC-DC CONVERTER
MBUS-0505 POWER-SYSTEMS-MBUS-0505 Datasheet
197Kb / 5P
   DC-DC Converter UNIT 1.25 W UNREGULATED DC-DC CONVERTER
PUS-0503.3-2W POWER-SYSTEMS-PUS-0503.3-2W Datasheet
185Kb / 6P
   DC-DC Converter UNIT 2 W UNREGULATED DC-DC CONVERTER
HUS-0505 POWER-SYSTEMS-HUS-0505 Datasheet
182Kb / 5P
   DC-DC Converter UNIT 1.8 W UNREGULATED DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com