Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PUS-1205A Datasheet(PDF) 1 Page - Power Systems GmbH+Co.KG

Part # PUS-1205A
Description  DC-DC Converter UNIT 1W UNREGULATED DC-DC CONVERTER
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER-SYSTEMS [Power Systems GmbH+Co.KG]
Direct Link  http://www.power-systems.de
Logo POWER-SYSTEMS - Power Systems GmbH+Co.KG

PUS-1205A Datasheet(HTML) 1 Page - Power Systems GmbH+Co.KG

  PUS-1205A Datasheet HTML 1Page - Power Systems GmbH+Co.KG PUS-1205A Datasheet HTML 2Page - Power Systems GmbH+Co.KG PUS-1205A Datasheet HTML 3Page - Power Systems GmbH+Co.KG PUS-1205A Datasheet HTML 4Page - Power Systems GmbH+Co.KG PUS-1205A Datasheet HTML 5Page - Power Systems GmbH+Co.KG PUS-1205A Datasheet HTML 6Page - Power Systems GmbH+Co.KG PUS-1205A Datasheet HTML 7Page - Power Systems GmbH+Co.KG PUS-1205A Datasheet HTML 8Page - Power Systems GmbH+Co.KG PUS-1205A Datasheet HTML 9Page - Power Systems GmbH+Co.KG  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
www.Power-Systems.de
Page: 1 / 9
Version: 4-Oct-02
PU Series ( 1W UNREGULATED DC-DC CONVERTER)
DC-DC Converter UNIT
OUTPUT SPECIFICATIONS
INPUT SPECIFICATIONS
Voltage Setpoint Accuracy
+/-2% max
Input Voltage Range
+/-10% max
Temperature Coefficient
+/-0.03%/ OC
Input Filter
Capacitor Type
Ripple & Noise (20MHz
BW)
100mVp-p max
Line Regulation
1
+/-1.2% max
Load Regulation
2
+/-8% max
GENERAL SPECIFICATIONS
Short Circuit Protection
Momentary
Efficiency
70%-83%
Isolation Voltage
3
1000-3000 VDC min
ENVIRONMENTAL SPECIFICATIONS
Isolation Resistance
109 ohms min
Operating Temperature
-25 OC to +71 OC
Switching Frequency
100 KHz min
Storage Temperature
-55 OC to +125 OC
Isolation Capacitance
80pF max
Cooling
Free-Air Convection
MTBF
2,000,000 Hours
Weight
2.1g Typ
Case Material
Non-Conductive Plastic
Case Size
19.6mm*6.1mm*10.2mm
ALL SPECIFICATIONS TYPICAL AT NOMINAL
LINE, FULL LOAD , AND 25 OC UNLESS
OTHERWISE NOTED.
19.6mm*7.1mm*10.2mm
1 Line Regulation is for a 1.0% change in input Voltage.
2 Load Regulation is for output load current change from 20% to 100%.
3 For 10 seconds
FEATURES
1000VDC-3000VDC ISOLATION
EFFICIENCY UP TO 83%
INTERNAL SMD TECHNOLOGY
LOW COST
NO HEATSINK REQUIRED
1W UNREGULATED OUTPUT
POWER
SINGLE IN LINE PACKAGE
100% BURNED IN
MTBF > 2,000,000 HOURS


Similar Part No. - PUS-1205A

ManufacturerPart #DatasheetDescription
logo
Power Systems GmbH+Co.K...
PUS-1205-2W POWER-SYSTEMS-PUS-1205-2W Datasheet
185Kb / 6P
   DC-DC Converter UNIT 2 W UNREGULATED DC-DC CONVERTER
More results

Similar Description - PUS-1205A

ManufacturerPart #DatasheetDescription
logo
Power Systems GmbH+Co.K...
TUS-0505 POWER-SYSTEMS-TUS-0505 Datasheet
181Kb / 6P
   DC-DC Converter UNIT 1W UNREGULATED DC-DC CONVERTER
SUS-0505-1 POWER-SYSTEMS-SUS-0505-1 Datasheet
217Kb / 6P
   DC-DC Converter UNIT 0,5W TO 1W UNREGULATED DC-DC CONVERTER
DUS-0503.3 POWER-SYSTEMS-DUS-0503.3 Datasheet
222Kb / 5P
   DC-DC Converter UNIT 5W UNREGULATED DC-DC CONVERTER
MAUS-0505 POWER-SYSTEMS-MAUS-0505 Datasheet
211Kb / 5P
   DC-DC Converter UNIT 1 W UNREGULATED DC-DC CONVERTER
MBUS-0505 POWER-SYSTEMS-MBUS-0505 Datasheet
197Kb / 5P
   DC-DC Converter UNIT 1.25 W UNREGULATED DC-DC CONVERTER
PUS-0503.3-2W POWER-SYSTEMS-PUS-0503.3-2W Datasheet
185Kb / 6P
   DC-DC Converter UNIT 2 W UNREGULATED DC-DC CONVERTER
HUS-0505 POWER-SYSTEMS-HUS-0505 Datasheet
182Kb / 5P
   DC-DC Converter UNIT 1.8 W UNREGULATED DC-DC CONVERTER
MUS-0505 POWER-SYSTEMS-MUS-0505 Datasheet
234Kb / 5P
   DC-DC Converter UNIT 1 W UNREGULATED DC-DC CONVERTER
logo
Mean Well Enterprises C...
SMA01L-05 MEANWELL-SMA01L-05 Datasheet
141Kb / 1P
   1W DC-DC Unregulated Single Output Converter
SBT01 MEANWELL-SBT01 Datasheet
266Kb / 1P
   1W DC-DC Unregulated Single Output Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com