Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PS-DA0104-01S Datasheet(PDF) 2 Page - Power Systems GmbH+Co.KG

Part # PS-DA0104-01S
Description  DC-AC INVERTER UNIT 4 W SINGLE OUTPUTS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER-SYSTEMS [Power Systems GmbH+Co.KG]
Direct Link  http://www.power-systems.de
Logo POWER-SYSTEMS - Power Systems GmbH+Co.KG

PS-DA0104-01S Datasheet(HTML) 2 Page - Power Systems GmbH+Co.KG

  PS-DA0104-01S Datasheet HTML 1Page - Power Systems GmbH+Co.KG PS-DA0104-01S Datasheet HTML 2Page - Power Systems GmbH+Co.KG PS-DA0104-01S Datasheet HTML 3Page - Power Systems GmbH+Co.KG PS-DA0104-01S Datasheet HTML 4Page - Power Systems GmbH+Co.KG  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
DC-AC INVERTER UNIT
PS-DA0104-01(S) (4 W SINGLE OUTPUTS)
Power Systems – The Power Solution
Web:
www.Power-Systems.de
Address: Hauptstr. 48 ; 74360 Ilsfeld-Auenstein / Germany
Email:
Info@Power-Systems.de
Tel. :
+ 49 / 70 62 / 67 59 - 6
Fax:
+ 49 / 70 62 / 67 59 - 800
All specifications are subject to change without notice.
Page (2)
Version 1.0.1, 22th March 2007
(PRELIMINARY INFORMATION)
ELECTRICAL CHARACTERISTICS :
TEST CIRCUIT :
Note 1 :
Please keep minimum of 2mm clearance (all directions) between inverter high voltage area as marked
on mechanical drawing and any conductors.
SW 1
a
b
Operation of unit
Operation
Non operation
Vin (V)
Vbr (V)
Tu (°C)
Min.
Typ.
Max.
Output Current
Iout
12±1.2
0.0
0 ~ +50
5.4
6.0
6.6
m Arm s
Dut y 10 0 %
Output Current
Iout
12±0.6
5.0
0 ~ +50
-
20
-
%
Input Current
Iin
12±1.2
0.0
0 ~ +50
-
0.29
0.57
Adc
Frequency
F
12±1.2
0.0
0 ~ +50
45
50
55
kHz
Open Circuit Voltage
Vopen
11.4
0.0
0 ~ +50
1.000
1.300
1.800
Vrm s
Unit
Note
Parameters
Symbols
Conditions
Specification
A
~
RL1
Iout1
A
V
1000:1
PROBE
V
~
Vin
9 ~ 18 Vdc
Iin
Vopen
F
CN1-1
CN1-2
CN1-5
CN2-1
F
CN2-2
T1
SW3
CL1
V
a
b
SW1
CN1-4
Vbr
0 ~ 5 Vdc
CN1-3
SW4
Vrmt
2.5 Vdc ~ Vin


Similar Part No. - PS-DA0104-01S

ManufacturerPart #DatasheetDescription
logo
Power Systems GmbH+Co.K...
PS-DA0105-01 POWER-SYSTEMS-PS-DA0105-01 Datasheet
275Kb / 4P
   DC-AC INVERTER UNIT 4 W SINGLE OUTPUTS
PS-DA0105-01S POWER-SYSTEMS-PS-DA0105-01S Datasheet
275Kb / 4P
   DC-AC INVERTER UNIT 4 W SINGLE OUTPUTS
PS-DA0105-03 POWER-SYSTEMS-PS-DA0105-03 Datasheet
275Kb / 4P
   DC-AC INVERTER UNIT 4 W SINGLE OUTPUTS
PS-DA0105-03S POWER-SYSTEMS-PS-DA0105-03S Datasheet
275Kb / 4P
   DC-AC INVERTER UNIT 4 W SINGLE OUTPUTS
PS-DA0105-07 POWER-SYSTEMS-PS-DA0105-07 Datasheet
275Kb / 4P
   DC-AC INVERTER UNIT 3.5 W SINGLE OUTPUTS
More results

Similar Description - PS-DA0104-01S

ManufacturerPart #DatasheetDescription
logo
Power Systems GmbH+Co.K...
PS-DA0250-01 POWER-SYSTEMS-PS-DA0250-01 Datasheet
102Kb / 2P
   DC-AC INVERTER UNIT 4 W SINGLE OUTPUTS
PS-DA0250-02 POWER-SYSTEMS-PS-DA0250-02 Datasheet
85Kb / 2P
   DC-AC INVERTER UNIT 4 W SINGLE OUTPUTS
PS-DA0105-03 POWER-SYSTEMS-PS-DA0105-03 Datasheet
275Kb / 4P
   DC-AC INVERTER UNIT 4 W SINGLE OUTPUTS
PS-DA0105-01 POWER-SYSTEMS-PS-DA0105-01 Datasheet
275Kb / 4P
   DC-AC INVERTER UNIT 4 W SINGLE OUTPUTS
PS-DA0109-01 POWER-SYSTEMS-PS-DA0109-01 Datasheet
174Kb / 4P
   DC-AC INVERTER UNIT 4 W SINGLE OUTPUTS
PS-DA0105-07 POWER-SYSTEMS-PS-DA0105-07 Datasheet
275Kb / 4P
   DC-AC INVERTER UNIT 3.5 W SINGLE OUTPUTS
PS-DA0130-01 POWER-SYSTEMS-PS-DA0130-01 Datasheet
192Kb / 5P
   DC-AC INVERTER UNIT 4 W SINGLE OUTPUT
PS-DA0276-01-B POWER-SYSTEMS-PS-DA0276-01-B Datasheet
252Kb / 4P
   DC-AC INVERTER UNIT 10 W DUAL OUTPUTS
PS-DA0288-02-X POWER-SYSTEMS-PS-DA0288-02-X Datasheet
204Kb / 4P
   DC-AC INVERTER UNIT 8 W DUAL OUTPUTS
PS-DA0401-01 POWER-SYSTEMS-PS-DA0401-01 Datasheet
473Kb / 4P
   DC-AC INVERTER UNIT 20 W QUAD OUTPUTS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com