Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC68HC711EA9CP3 Datasheet(PDF) 9 Page - Freescale Semiconductor, Inc

Part # MC68HC711EA9CP3
Description  8-Bit Microcontrollers
Download  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68HC711EA9CP3 Datasheet(HTML) 9 Page - Freescale Semiconductor, Inc

Back Button MC68HC711EA9CP3 Datasheet HTML 5Page - Freescale Semiconductor, Inc MC68HC711EA9CP3 Datasheet HTML 6Page - Freescale Semiconductor, Inc MC68HC711EA9CP3 Datasheet HTML 7Page - Freescale Semiconductor, Inc MC68HC711EA9CP3 Datasheet HTML 8Page - Freescale Semiconductor, Inc MC68HC711EA9CP3 Datasheet HTML 9Page - Freescale Semiconductor, Inc MC68HC711EA9CP3 Datasheet HTML 10Page - Freescale Semiconductor, Inc MC68HC711EA9CP3 Datasheet HTML 11Page - Freescale Semiconductor, Inc MC68HC711EA9CP3 Datasheet HTML 12Page - Freescale Semiconductor, Inc MC68HC711EA9CP3 Datasheet HTML 13Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 58 page
background image
MC68HC11EA9
MC68HC11EA9TS/D
9
3.2.3 Index Register Y (IY)
The 16-bit IY register performs an indexed mode function similar to that of the IX register. However,
most instructions using the IY register require an extra byte of machine code and an extra cycle of ex-
ecution time because of the way the opcode map is implemented.
3.2.4 Stack Pointer (SP)
The M68HC11 CPU has an automatic program stack. This stack can be located anywhere in the ad-
dress space and can be any size up to the amount of memory available in the system. Normally the SP
is initialized by one of the first instructions in an application program. The stack is configured as a data
structure that grows downward from high memory to low memory. Each time a new byte is pushed onto
the stack, the SP is decremented. Each time a byte is pulled from the stack, the SP is incremented. At
any given time, the SP holds the 16-bit address of the next free location in the stack.
3.2.5 Program Counter (PC)
The program counter, a 16-bit register, contains the address of the next instruction to be executed. After
reset, the program counter is initialized from one of six possible vectors, depending on operating mode
and the cause of reset.
3.2.6 Condition Code Register (CCR)
This 8-bit register contains five condition code indicators (C, V, Z, N, and H), two interrupt masking bits,
(IRQ and XIRQ) and a stop disable bit (S). In the M68HC11 CPU, condition codes are automatically
updated by most instructions. For example, load accumulator A (LDAA) and store accumulator A
(STAA) instructions automatically set or clear the N, Z, and V condition code flags.
3.2.7 Addressing Modes
Six addressing modes can be used to access memory: immediate, direct, extended, indexed, inherent,
and relative. These modes are not detailed in this manual. For a complete description of the CPU reg-
isters, addressing modes, and instruction set refer to the
M68HC11 Reference Manual (M68HC11RM/
AD).
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Similar Part No. - MC68HC711EA9CP3

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC68HC711EA9 MOTOROLA-MC68HC711EA9 Datasheet
270Kb / 2P
   8 BIT HCMOS SINGLE CHIP MICROCONTOROLLER WITH A/D CONVERTER
MC68HC711EA9 MOTOROLA-MC68HC711EA9 Datasheet
678Kb / 4P
   CONFIG Register Programming for EEPROM-based M68HC11 Microcontrollers
More results

Similar Description - MC68HC711EA9CP3

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
1509381 ATMEL-1509381 Datasheet
2Mb / 9P
   8-bit Microcontrollers
logo
Motorola, Inc
MC68HC11A8TS MOTOROLA-MC68HC11A8TS Datasheet
286Kb / 45P
   8-Bit Microcontrollers
logo
ELAN Microelectronics C...
EM78P5840N EMC-EM78P5840N Datasheet
807Kb / 68P
   8-Bit Microcontrollers
logo
Freescale Semiconductor...
MC9RS08KA2FS FREESCALE-MC9RS08KA2FS Datasheet
185Kb / 2P
   8-bit Microcontrollers
logo
NXP Semiconductors
MC908JL16 NXP-MC908JL16 Datasheet
681Kb / 2P
   8-bit Microcontrollers
REV 0
P83C524 PHILIPS-P83C524 Datasheet
400Kb / 76P
   8-bit microcontrollers
1997 Dec 15
logo
Freescale Semiconductor...
MC9RS08KA84FS FREESCALE-MC9RS08KA84FS Datasheet
200Kb / 2P
   8-bit Microcontrollers
logo
Fujitsu Component Limit...
MB95430 FUJITSU-MB95430 Datasheet
2Mb / 56P
   8-bit Microcontrollers
MB95F562H FUJITSU-MB95F562H Datasheet
609Kb / 84P
   8-bit Microcontrollers
MB95130MB FUJITSU-MB95130MB Datasheet
790Kb / 64P
   8-bit Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com