Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PUD-0515E Datasheet(PDF) 9 Page - Power Systems GmbH+Co.KG

Part # PUD-0515E
Description  DC-DC Converter UNIT 1W UNREGULATED DC-DC CONVERTER
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER-SYSTEMS [Power Systems GmbH+Co.KG]
Direct Link  http://www.power-systems.de
Logo POWER-SYSTEMS - Power Systems GmbH+Co.KG

PUD-0515E Datasheet(HTML) 9 Page - Power Systems GmbH+Co.KG

  PUD-0515E Datasheet HTML 1Page - Power Systems GmbH+Co.KG PUD-0515E Datasheet HTML 2Page - Power Systems GmbH+Co.KG PUD-0515E Datasheet HTML 3Page - Power Systems GmbH+Co.KG PUD-0515E Datasheet HTML 4Page - Power Systems GmbH+Co.KG PUD-0515E Datasheet HTML 5Page - Power Systems GmbH+Co.KG PUD-0515E Datasheet HTML 6Page - Power Systems GmbH+Co.KG PUD-0515E Datasheet HTML 7Page - Power Systems GmbH+Co.KG PUD-0515E Datasheet HTML 8Page - Power Systems GmbH+Co.KG PUD-0515E Datasheet HTML 9Page - Power Systems GmbH+Co.KG  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
www.Power-Systems.de
Page: 9 / 9
Version: 4-Oct-02
PU Series ( 1W UNREGULATED DC-DC CONVERTER)
DC-DC Converter UNIT
PU SERIES APPLICATION NOTES:
EXTERNAL CAPACITANCE REQUIREMENTS:
Output filtering is required for operation. A minimum of 10uF is needed. Output
capacitance may be increased for additional filtering, not to exceed 220uF.
To meet the reflected ripple requirements of the converter, an input impedance of
less than 0.5ohm from DC to 250KHz is required.
Negative Outputs:
A negative output voltage may be obtained by connecting the +OUT to circuit ground
and connecting –OUT as the negative output.
FOR MORE INFORMATION CALL:
Power Systems – The Power Solution
74360 Ilsfeld-Auenstein ( Germany ) Dörnet 8
Tel: + 49 / 70 62 / 67 59 – 6
Fax: + 49 / 70 62 / 67 59 -80
E-mail: Info@Power-Systems.de
Home Page: www.Power-Systems.de


Similar Part No. - PUD-0515E

ManufacturerPart #DatasheetDescription
logo
Power Systems GmbH+Co.K...
PUD-0515-2W POWER-SYSTEMS-PUD-0515-2W Datasheet
185Kb / 6P
   DC-DC Converter UNIT 2 W UNREGULATED DC-DC CONVERTER
More results

Similar Description - PUD-0515E

ManufacturerPart #DatasheetDescription
logo
Power Systems GmbH+Co.K...
TUS-0505 POWER-SYSTEMS-TUS-0505 Datasheet
181Kb / 6P
   DC-DC Converter UNIT 1W UNREGULATED DC-DC CONVERTER
SUS-0505-1 POWER-SYSTEMS-SUS-0505-1 Datasheet
217Kb / 6P
   DC-DC Converter UNIT 0,5W TO 1W UNREGULATED DC-DC CONVERTER
DUS-0503.3 POWER-SYSTEMS-DUS-0503.3 Datasheet
222Kb / 5P
   DC-DC Converter UNIT 5W UNREGULATED DC-DC CONVERTER
MAUS-0505 POWER-SYSTEMS-MAUS-0505 Datasheet
211Kb / 5P
   DC-DC Converter UNIT 1 W UNREGULATED DC-DC CONVERTER
MBUS-0505 POWER-SYSTEMS-MBUS-0505 Datasheet
197Kb / 5P
   DC-DC Converter UNIT 1.25 W UNREGULATED DC-DC CONVERTER
PUS-0503.3-2W POWER-SYSTEMS-PUS-0503.3-2W Datasheet
185Kb / 6P
   DC-DC Converter UNIT 2 W UNREGULATED DC-DC CONVERTER
HUS-0505 POWER-SYSTEMS-HUS-0505 Datasheet
182Kb / 5P
   DC-DC Converter UNIT 1.8 W UNREGULATED DC-DC CONVERTER
MUS-0505 POWER-SYSTEMS-MUS-0505 Datasheet
234Kb / 5P
   DC-DC Converter UNIT 1 W UNREGULATED DC-DC CONVERTER
logo
Mean Well Enterprises C...
SMA01L-05 MEANWELL-SMA01L-05 Datasheet
141Kb / 1P
   1W DC-DC Unregulated Single Output Converter
SBT01 MEANWELL-SBT01 Datasheet
266Kb / 1P
   1W DC-DC Unregulated Single Output Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com