Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PS-DA0125-05S Datasheet(PDF) 3 Page - Power Systems GmbH+Co.KG

Part # PS-DA0125-05S
Description  DC-AC INVERTER UNIT 4.5 W DUAL OUTPUTS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER-SYSTEMS [Power Systems GmbH+Co.KG]
Direct Link  http://www.power-systems.de
Logo POWER-SYSTEMS - Power Systems GmbH+Co.KG

PS-DA0125-05S Datasheet(HTML) 3 Page - Power Systems GmbH+Co.KG

  PS-DA0125-05S Datasheet HTML 1Page - Power Systems GmbH+Co.KG PS-DA0125-05S Datasheet HTML 2Page - Power Systems GmbH+Co.KG PS-DA0125-05S Datasheet HTML 3Page - Power Systems GmbH+Co.KG PS-DA0125-05S Datasheet HTML 4Page - Power Systems GmbH+Co.KG PS-DA0125-05S Datasheet HTML 5Page - Power Systems GmbH+Co.KG  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
DC-AC INVERTER UNIT
PS-DA0125-05(S) (4.5 W DUAL OUTPUTS)
Power Systems – The Power Solution
Web:
www.Power-Systems.de
Address: Hauptstr. 48 ; 74360 Ilsfeld-Auenstein / Germany
Email:
Info@Power-Systems.de
Tel. :
+ 49 / 70 62 / 67 59 - 6
Fax:
+ 49 / 70 62 / 67 59 - 800
All specifications are subject to change without notice.
Page (3)
Version 1.0.2, 22th March 2007
(PRELIMINARY INFORMATION)
TEST CIRCUIT :
A
V
1000:1
PROBE
V
~
Vin
11.4 ~ 12.6 V
Iin
Vopen
F
Pin 1
Pin 2
F
T1
A
~
RL1
Iout1
Pin 4
Pin 5
CL1
Pin 3
A
V
1000:1
PROBE
V
~
Vin
11.4 ~ 12.6 V
Iin
Vopen
F
Pin 1
Pin 2
F
T1
A
~
RL1
Iout1
Pin 4
Pin 5
CL1
Pin 3
N.C.
A
V
1000:1
PROBE
V
~
Vin
11.4 ~ 12.6 V
Iin
Vopen
F
Pin 1
Pin 2
F
T1
A
~
RL1
Iout1
Pin 4
Pin 5
CL1
Pin 3
A
V
1000:1
PROBE
V
~
Vin
11.4 ~ 12.6 V
Iin
Vopen
F
Pin 1
Pin 2
F
T1
A
~
RL1
Iout1
Pin 4
Pin 5
CL1
Pin 3
A
~
RL2
Iout2
CL2
Output side Connection 1
Pin No.
Symbols
Ratings
3
Vhigh
450 Vrm s (10 m Arm s )
4
Vhigh
5
Vlow
(GND)
Output side Connection 2
Pin No.
Symbols
Ratings
3
Vhigh
750 Vrm s (6 m Arm s )
4
N.C.
5
Vlow
(GND)
Output side Connection 3
Pin No.
Symbols
Ratings
3
Vhigh
900 Vrm s (5 m Arm s )
4
N.C.
5
Vlow
(GND)
Output side Connection 4
Pin No.
Symbols
Ratings
3
Vhigh
450 Vrm s (5 m Arm s )
4
Vhigh
450 Vrm s (5 m Arm s )
5
Vlow
(GND)


Similar Part No. - PS-DA0125-05S

ManufacturerPart #DatasheetDescription
logo
Power Systems GmbH+Co.K...
PS-DA0125-01 POWER-SYSTEMS-PS-DA0125-01 Datasheet
199Kb / 4P
   DC-AC INVERTER UNIT 4.5 W SINGLE OUTPUT
PS-DA0125-01S POWER-SYSTEMS-PS-DA0125-01S Datasheet
199Kb / 4P
   DC-AC INVERTER UNIT 4.5 W SINGLE OUTPUT
PS-DA0125-02 POWER-SYSTEMS-PS-DA0125-02 Datasheet
208Kb / 5P
   DC-AC INVERTER UNIT 4.5 W DUAL OUTPUTS
PS-DA0125-02S POWER-SYSTEMS-PS-DA0125-02S Datasheet
208Kb / 5P
   DC-AC INVERTER UNIT 4.5 W DUAL OUTPUTS
PS-DA0125-03 POWER-SYSTEMS-PS-DA0125-03 Datasheet
207Kb / 5P
   DC-AC INVERTER UNIT 4.5 W DUAL OUTPUTS
More results

Similar Description - PS-DA0125-05S

ManufacturerPart #DatasheetDescription
logo
Power Systems GmbH+Co.K...
PS-DA0125-04 POWER-SYSTEMS-PS-DA0125-04 Datasheet
208Kb / 5P
   DC-AC INVERTER UNIT 4.5 W DUAL OUTPUTS
PS-DA0125-03 POWER-SYSTEMS-PS-DA0125-03 Datasheet
207Kb / 5P
   DC-AC INVERTER UNIT 4.5 W DUAL OUTPUTS
PS-DA0125-02 POWER-SYSTEMS-PS-DA0125-02 Datasheet
208Kb / 5P
   DC-AC INVERTER UNIT 4.5 W DUAL OUTPUTS
PS-DA0276-01-B POWER-SYSTEMS-PS-DA0276-01-B Datasheet
252Kb / 4P
   DC-AC INVERTER UNIT 10 W DUAL OUTPUTS
PS-DA0288-02-X POWER-SYSTEMS-PS-DA0288-02-X Datasheet
204Kb / 4P
   DC-AC INVERTER UNIT 8 W DUAL OUTPUTS
PS-DA0203-01 POWER-SYSTEMS-PS-DA0203-01 Datasheet
404Kb / 4P
   DC-AC INVERTER UNIT 9 W DUAL OUTPUTS
PS-M05D05S3-NJ4L-011 POWER-SYSTEMS-PS-M05D05S3-NJ4L-011 Datasheet
786Kb / 2P
   DC-AC INVERTER UNIT 6,5 W DUAL OUTPUTS
PS-DA0211-01 POWER-SYSTEMS-PS-DA0211-01 Datasheet
336Kb / 4P
   DC-AC INVERTER UNIT 12 W DUAL OUTPUTS
PS-DA0253-02 POWER-SYSTEMS-PS-DA0253-02 Datasheet
377Kb / 4P
   DC-AC INVERTER UNIT 9 W DUAL OUTPUTS
PS-DA0253-11 POWER-SYSTEMS-PS-DA0253-11 Datasheet
348Kb / 4P
   DC-AC INVERTER UNIT 9 W DUAL OUTPUTS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com