Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC68HC711EA9MFS3 Datasheet(PDF) 1 Page - Freescale Semiconductor, Inc

Part # MC68HC711EA9MFS3
Description  8-Bit Microcontrollers
Download  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68HC711EA9MFS3 Datasheet(HTML) 1 Page - Freescale Semiconductor, Inc

  MC68HC711EA9MFS3 Datasheet HTML 1Page - Freescale Semiconductor, Inc MC68HC711EA9MFS3 Datasheet HTML 2Page - Freescale Semiconductor, Inc MC68HC711EA9MFS3 Datasheet HTML 3Page - Freescale Semiconductor, Inc MC68HC711EA9MFS3 Datasheet HTML 4Page - Freescale Semiconductor, Inc MC68HC711EA9MFS3 Datasheet HTML 5Page - Freescale Semiconductor, Inc MC68HC711EA9MFS3 Datasheet HTML 6Page - Freescale Semiconductor, Inc MC68HC711EA9MFS3 Datasheet HTML 7Page - Freescale Semiconductor, Inc MC68HC711EA9MFS3 Datasheet HTML 8Page - Freescale Semiconductor, Inc MC68HC711EA9MFS3 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 58 page
background image
Order this document
by MC68HC11EA9TS/D
© MOTOROLA INC., 1995, 1997
MC68HC11EA9
MC68HC711EA9
Technical Summary
8-Bit Microcontrollers
1 Introduction
The MC68HC11EA9 and MC68HC711EA9 microcontroller units (MCUs) are high-performance mem-
bers of the M68HC11 family of MCUs. The MC68HC(7)11EA9 MCUs have a multiplexed external ad-
dress and data bus and are characterized by high speed and low power consumption. Their fully static
design allows operation at frequencies from 3 MHz to dc. The addition of a phase-locked loop (PLL)
frequency synthesizer to the timer circuitry further enhances low-power operation and allows the use of
lower frequency crystals while maintaining a clock speed of up to 3 MHz.
This document contains information concerning standard and custom-ROM devices. Standard devices
are those with ROM or with EPROM replacing ROM (MC68HC711EA9). Custom-ROM devices have a
ROM array that is programmed at the factory to customer specifications. Where information in this doc-
ument refers to both the ROM and EPROM versions, the device is referred to as MC68HC(7)11EA9.
1.1 Features
• M68HC11 CPU
• 512 Bytes RAM (Data Retained During Standby, by use of VSTBY)
• 12 Kbytes Mask-Programmed ROM or EPROM
• 512 Bytes Electrically Erasable Programmable ROM (EEPROM)
• PROG Mode Allows Use of Standard EPROM Programmer (27C256 Footprint)
• Multiplexed Address and Data Buses Reduce Pin Count
• Enhanced 16-Bit Timer with Four-Stage Programmable Prescaler
— Three Input Capture (IC) Channels
— Four Output Compare (OC) Channels
— One Additional Channel, Selectable as Fourth IC or Fifth OC
• 8-Bit Pulse Accumulator
• Phase-Locked Loop (PLL) Frequency Synthesizer for Reduced Power Consumption
• Power Saving STOP and WAIT Modes
• Real-Time Interrupt Circuit
• Computer Operating Properly (COP) Watchdog Timer
• Clock Monitor Circuit
• Enhanced Asynchronous Nonreturn to Zero (NRZ) Serial Communications Interface (SCI)
• Eight-Channel 8-Bit Analog-to-Digital (A/D) Converter
• Five Input/Output (I/O) Ports (34 Pins)
— Four Bidirectional I/O Ports (26 Pins)
— One Fixed Input-Only Port (8 Pins)
• Two Alternate, Fixed Input-Only Pins (XIRQ pin/XPIN bit and IRQ pin/IPIN bit)
• Available in 52-Pin Plastic Leaded Chip Carrier (PLCC), 52-Pin Windowed Ceramic Leaded Chip
Carrier (CLCC), and 56-Pin SDIP (0.070” Lead Spacing)
Freescale Semiconductor
© Freescale Semiconductor, Inc., 2004. All rights reserved.


Similar Part No. - MC68HC711EA9MFS3

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC68HC711EA9 MOTOROLA-MC68HC711EA9 Datasheet
270Kb / 2P
   8 BIT HCMOS SINGLE CHIP MICROCONTOROLLER WITH A/D CONVERTER
MC68HC711EA9 MOTOROLA-MC68HC711EA9 Datasheet
678Kb / 4P
   CONFIG Register Programming for EEPROM-based M68HC11 Microcontrollers
More results

Similar Description - MC68HC711EA9MFS3

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
1509381 ATMEL-1509381 Datasheet
2Mb / 9P
   8-bit Microcontrollers
logo
Motorola, Inc
MC68HC11A8TS MOTOROLA-MC68HC11A8TS Datasheet
286Kb / 45P
   8-Bit Microcontrollers
logo
ELAN Microelectronics C...
EM78P5840N EMC-EM78P5840N Datasheet
807Kb / 68P
   8-Bit Microcontrollers
logo
Freescale Semiconductor...
MC9RS08KA2FS FREESCALE-MC9RS08KA2FS Datasheet
185Kb / 2P
   8-bit Microcontrollers
logo
NXP Semiconductors
MC908JL16 NXP-MC908JL16 Datasheet
681Kb / 2P
   8-bit Microcontrollers
REV 0
P83C524 PHILIPS-P83C524 Datasheet
400Kb / 76P
   8-bit microcontrollers
1997 Dec 15
logo
Freescale Semiconductor...
MC9RS08KA84FS FREESCALE-MC9RS08KA84FS Datasheet
200Kb / 2P
   8-bit Microcontrollers
logo
Fujitsu Component Limit...
MB95430 FUJITSU-MB95430 Datasheet
2Mb / 56P
   8-bit Microcontrollers
MB95F562H FUJITSU-MB95F562H Datasheet
609Kb / 84P
   8-bit Microcontrollers
MB95130MB FUJITSU-MB95130MB Datasheet
790Kb / 64P
   8-bit Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com