Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZXT13P20DE6TA Datasheet(PDF) 5 Page - Zetex Semiconductors

Part # ZXT13P20DE6TA
Description  20V PNP SILICON LOW SATURATION SWITCHING TRANSISTOR
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZXT13P20DE6TA Datasheet(HTML) 5 Page - Zetex Semiconductors

  ZXT13P20DE6TA Datasheet HTML 1Page - Zetex Semiconductors ZXT13P20DE6TA Datasheet HTML 2Page - Zetex Semiconductors ZXT13P20DE6TA Datasheet HTML 3Page - Zetex Semiconductors ZXT13P20DE6TA Datasheet HTML 4Page - Zetex Semiconductors ZXT13P20DE6TA Datasheet HTML 5Page - Zetex Semiconductors ZXT13P20DE6TA Datasheet HTML 6Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
ISSUE 1 - DECEMBER 1999
ZXT13P20DE6
1m
10m
100m
1
10
1m
10m
100m
VCE(SAT) vIC
Tamb=25°C
IC/IB=100
IC/IB=50
IC/IB=10
IC Collector Current (A)
1m
10m
100m
1
10
0.00
0.05
0.10
0.15
0.20
0.25
VCE(SAT) vIC
IC/IB=50
100°C
25°C
-55°C
IC Collector Current (A)
1m
10m
100m
1
10
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
hFE vIC
VCE=2V
-55°C
25°C
100°C
IC Collector Current (A)
1m
10m
100m
1
10
0.4
0.6
0.8
1.0
VBE(SAT) vIC
IC/IB=50
100°C
25°C
-55°C
IC Collector Current (A)
1m
10m
100m
1
10
0.4
0.6
0.8
1.0
VBE(ON) vIC
VCE=2V
100°C
25°C
-55°C
IC Collector Current (A)
TYPICAL CHARACTERISTICS
5


Similar Part No. - ZXT13P20DE6TA

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXT13P20DE6TA DIODES-ZXT13P20DE6TA Datasheet
418Kb / 6P
   20V PNP SILICON LOW SATURATION SWITCHING TRANSISTOR
ZXT13P20DE6TA DIODES-ZXT13P20DE6TA Datasheet
376Kb / 7P
   PNP LOW SATURATION SWITCHING TRANSISTOR
More results

Similar Description - ZXT13P20DE6TA

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXT10P20DE6 DIODES-ZXT10P20DE6 Datasheet
242Kb / 6P
   20V PNP SILICON LOW SATURATION SWITCHING TRANSISTOR
logo
Zetex Semiconductors
ZXT14P20DX ZETEX-ZXT14P20DX Datasheet
265Kb / 6P
   20V PNP SILICON LOW SATURATION SWITCHING TRANSISTOR
logo
Diodes Incorporated
ZXT14P20DX DIODES-ZXT14P20DX Datasheet
269Kb / 6P
   20V PNP SILICON LOW SATURATION SWITCHING TRANSISTOR
logo
Zetex Semiconductors
ZXT10P20DE6 ZETEX-ZXT10P20DE6 Datasheet
230Kb / 6P
   20V PNP SILICON LOW SATURATION SWITCHING TRANSISTOR
logo
Diodes Incorporated
ZXT13P20DE6 DIODES-ZXT13P20DE6 Datasheet
418Kb / 6P
   20V PNP SILICON LOW SATURATION SWITCHING TRANSISTOR
logo
Zetex Semiconductors
ZXT12P20DX ZETEX-ZXT12P20DX Datasheet
255Kb / 6P
   DUAL 20V PNP SILICON LOW SATURATION SWITCHING TRANSISTOR
logo
Diodes Incorporated
ZXTP718MA DIODES-ZXTP718MA Datasheet
163Kb / 7P
   20V PNP LOW SATURATION SWITCHING TRANSISTOR
ZXT2MA DIODES-ZXT2MA_15 Datasheet
160Kb / 7P
   20V PNP LOW SATURATION SWITCHING TRANSISTOR
ZX5T2E6 DIODES-ZX5T2E6_16 Datasheet
330Kb / 7P
   20V PNP LOW SATURATION SWITCHING TRANSISTOR
ZXT2MA DIODES-ZXT2MA Datasheet
160Kb / 7P
   20V PNP LOW SATURATION SWITCHING TRANSISTOR
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com