Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPL01001033RD Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # SPL01001033RD
Description  Linear Position Sensor- IP65 Dust Proof, Water Proof (Intense Spray)
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SPL01001033RD Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  SPL01001033RD Datasheet HTML 1Page - List of Unclassifed Manufacturers SPL01001033RD Datasheet HTML 2Page - List of Unclassifed Manufacturers SPL01001033RD Datasheet HTML 3Page - List of Unclassifed Manufacturers SPL01001033RD Datasheet HTML 4Page - List of Unclassifed Manufacturers SPL01001033RD Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
spectrasymbol.com
(888) 795-2283
Page 3
Customization
How It Works
Top Circuit (Collector)
Circuit Spacer
Bottom Circuit (Resistor)
Bottom Adhesive
In simple terms, the SoftPot membrane potentiometer is a resistive element, which comprises a conductive
resistor, a sealed encasement and a simple wiper assembly. A membrane potentiometer can also function as a
voltage divider.
The SoftPot is a three-wire system with two resistive output channels and an electrical collector channel.
By pressing a wiper down onto the top circuit the SoftPot produces the desired electrical output. The "wiper" is a
non-conductive mechanism that depresses the top circuit actuating the potentiometer from the outside of the
element. The top and bottom circuits are separated by 0.15mm (0.006") of spacer adhesive build-up and contact
between the circuit occurs by pressure (usually 1-3 Newtons) from the wiper on the top circuit, pushing down until
the top circuit connects with the bottom circuit to create a potentiometric output.
The construction of the wiper design can adapt to any application because most materials can serve as the wiper:
plastics, metals, sliders, rollers, wheels, etc. Also, the SoftPot can also be manually (hand) actuated.
Customize the size, shape, and even the number of tracks. Such custom requests, for example, can be: multiple
ganged sensors (up to 40 tracks); serpentine active area track; custom lengths 10mm-2000mm; custom rotary
diameters, etc. Feel free to contact Spectra Symbol with your custom request at sales@spectrasymbol.com or
(888)795-2283..


Similar Part No. - SPL01001033RD

ManufacturerPart #DatasheetDescription
logo
American Accurate Compo...
SPL0111 AAC-SPL0111 Datasheet
209Kb / 2P
   RF Power Splitter
SPL0141 AAC-SPL0141 Datasheet
209Kb / 2P
   RF Power Splitter
More results

Similar Description - SPL01001033RD

ManufacturerPart #DatasheetDescription
logo
ETAL Group
MPR10 ETAL-MPR10 Datasheet
553Kb / 4P
   water-proof and dust-proof
HPR ETAL-HPR Datasheet
553Kb / 4P
   water-proof and dust-proof
logo
PHOENIX CONTACT
1212598 PHOENIX-1212598 Datasheet
45Kb / 2P
   Shock-proof, dust-proof, and splash-proof housing, IP65
logo
TOKO, Inc
STA8121 TOKO-STA8121 Datasheet
118Kb / 1P
   Dust and Water proof structure
logo
Axiomtek Co., Ltd.
GOT815-834 AXIOMTEK-GOT815-834 Datasheet
452Kb / 2P
   Water/dust/corrosion-proof design IP66/IP69K
logo
FOTEK CONTROLS CO., LTD...
MR-30X FOTEK-MR-30X Datasheet
784Kb / 3P
   MINI & WATER-PROOF PHOTO SENSOR
logo
List of Unclassifed Man...
MP1L00501035ST ETC2-MP1L00501035ST Datasheet
319Kb / 4P
   Contactless Linear Sensor - IP64 Debris Proof, Splash Proof
logo
ALPS ELECTRIC CO.,LTD.
SPVQA ALPS-SPVQA Datasheet
1Mb / 5P
   Water-proof Type
SPVQ6 ALPS-SPVQ6 Datasheet
188Kb / 3P
   Water-proof Type
SPVQ6 ALPS-SPVQ6_15 Datasheet
950Kb / 4P
   Water-proof Type
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com