Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BR24S256FV-WTR Datasheet(PDF) 2 Page - Rohm

Part # BR24S256FV-WTR
Description  High Reliability Series EEPROMs I2C BUS
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BR24S256FV-WTR Datasheet(HTML) 2 Page - Rohm

  BR24S256FV-WTR Datasheet HTML 1Page - Rohm BR24S256FV-WTR Datasheet HTML 2Page - Rohm BR24S256FV-WTR Datasheet HTML 3Page - Rohm BR24S256FV-WTR Datasheet HTML 4Page - Rohm BR24S256FV-WTR Datasheet HTML 5Page - Rohm BR24S256FV-WTR Datasheet HTML 6Page - Rohm BR24S256FV-WTR Datasheet HTML 7Page - Rohm BR24S256FV-WTR Datasheet HTML 8Page - Rohm BR24S256FV-WTR Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 41 page
background image
Technical Note
2/40
www.rohm.com
2009.09 - Rev.D
© 2009 ROHM Co., Ltd. All rights reserved.
BR24L□□-W Series,BR24S□□□-W Series
Serial EEPROM Series
High Reliability Series
EEPROMs I2C BUS
BR24L□□-W Series
Description
BR24L□□-W series is a serial EEPROM of I
2C BUS interface method.
Features
1)
Completely conforming to the world standard I
2C BUS. All controls available by 2 ports of serial clock(SCL) and serial data(SDA)
2)
Other devices than EEPROM can be connected to the same port, saving microcontroller port
3)
1.8V~5.5V
*1 single power source action most suitable for battery use
4)
Page write mode useful for initial value write at factory shipment
5)
Highly reliable connection by Au pad and Au wire
6)
Auto erase and auto end function at data rewrite
7)
Low current consumption
At write operation (5V)
: 1.2mA (Typ.)
*2
At read operation (5V)
: 0.2mA (Typ.)
At standby operation (5V) : 0.1μA (Typ.)
8)
Write mistake prevention function
Write (write protect) function added
9)
Write mistake prevention function at low voltage
10) SOP8/SOP-J8/SSOP-B8/TSSOP-B8/MSOP8/TSSOP-B8J/VSON008X2030 compact package
*3
11) Data rewrite up to 1,000,000 times
12) Data kept for 40 years
13) Noise filter built in SCL / SDA terminal
14) Shipment data all address FFh
*1 BR24L02-W, BR24L16-W, BR24L32-W : 1.7~5.5V
*2 BR24L32-W, BR24L64-W : 1.5mA
*3 Refer to following list
Page write
Number of
Pages
8Byte
16Byte
32Byte
Product
number
BR24L01A-W
BR24L02-W
BR24L04-W
BR24L08-W
BR24L16-W
BR24L32-W
BR24L64-W
BR24L series
Capacity
Bit
format
Type
Power source
Voltage
SOP8
SOP-J8
SSOP-B8 TSSOP-B8
MSOP8
TSSOP-B8J
VSON008
X2030
1Kbit
128×8
BR24L01A-W
1.8~5.5V
2Kbit
256×8
BR24L02-W
1.7~5.5V
4Kbit
512×8
BR24L04-W
1.8~5.5V
8Kbit
1K×8
BR24L08-W
1.8~5.5V
16Kbit
2K×8
BR24L16-W
1.7~5.5V
32Kbit
4K×8
BR24L32-W
1.7~5.5V
64Kbit
8K×8
BR24L64-W
1.8~5.5V


Similar Part No. - BR24S256FV-WTR

ManufacturerPart #DatasheetDescription
logo
Rohm
BR24S256-W ROHM-BR24S256-W Datasheet
881Kb / 33P
   I2C BUS Serial EEPROMs
BR24S256-W ROHM-BR24S256-W Datasheet
747Kb / 41P
   High Reliability Series EEPROMs I2C BUS
BR24S256-W ROHM-BR24S256-W Datasheet
747Kb / 41P
   High Reliability Series EEPROMs I2C BUS
BR24S256-W ROHM-BR24S256-W Datasheet
747Kb / 41P
   High Reliability Series EEPROMs I2C BUS
More results

Similar Description - BR24S256FV-WTR

ManufacturerPart #DatasheetDescription
logo
Rohm
BR24A01AFJ-WM ROHM-BR24A01AFJ-WM Datasheet
456Kb / 18P
   High Reliability Series EEPROMs I2C BUS
BR24L01AFV-WE2 ROHM-BR24L01AFV-WE2 Datasheet
747Kb / 41P
   High Reliability Series EEPROMs I2C BUS
BR24L01AFVM-WTR ROHM-BR24L01AFVM-WTR Datasheet
747Kb / 41P
   High Reliability Series EEPROMs I2C BUS
BR24L01AF-WE2 ROHM-BR24L01AF-WE2 Datasheet
747Kb / 41P
   High Reliability Series EEPROMs I2C BUS
BR24A ROHM-BR24A Datasheet
449Kb / 18P
   High Reliability Series EEPROMs I2C BUS
BR24G32-3A ROHM-BR24G32-3A Datasheet
949Kb / 37P
   High Reliability Serial EEPROMs I2C BUS BR24xxxxfamily
BR24G64-3A ROHM-BR24G64-3A Datasheet
949Kb / 37P
   High Reliability Serial EEPROMs I2C BUS BR24xxxxfamily
BR93LXX-W ROHM-BR93LXX-W Datasheet
1Mb / 41P
   High Reliability Series EEPROMs Microwire BUS
BR93L46FV-WE2 ROHM-BR93L46FV-WE2 Datasheet
1Mb / 41P
   High Reliability Series EEPROMs Microwire BUS
BR93L46-W ROHM-BR93L46-W_11 Datasheet
1Mb / 41P
   High Reliability Series EEPROMs Microwire BUS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com