Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS8201IBRGER Datasheet(PDF) 6 Page - Texas Instruments

Part # ADS8201IBRGER
Description  2.2V to 5.5V,Low-Power, 12-Bit, 100kSPS, 8-Channel Data Acquisition System with PGA and SPI??Interface
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS8201IBRGER Datasheet(HTML) 6 Page - Texas Instruments

Back Button ADS8201IBRGER Datasheet HTML 2Page - Texas Instruments ADS8201IBRGER Datasheet HTML 3Page - Texas Instruments ADS8201IBRGER Datasheet HTML 4Page - Texas Instruments ADS8201IBRGER Datasheet HTML 5Page - Texas Instruments ADS8201IBRGER Datasheet HTML 6Page - Texas Instruments ADS8201IBRGER Datasheet HTML 7Page - Texas Instruments ADS8201IBRGER Datasheet HTML 8Page - Texas Instruments ADS8201IBRGER Datasheet HTML 9Page - Texas Instruments ADS8201IBRGER Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 33 page
background image
AGND
REF-
+IN[0:7]
PGAREF
PGAOUT
ADCIN
REF+
SDO
CS
SDI
SCLK
CONVST
BUSY/INT
RST
Mux
PGA
G=1/2/4/8
S/H
CDAC
Comparator
SAR
OutputLatches
and
3-State
Drivers
OSC
Conversion
and
ControlLogic
ADS8201
SLAS534B – JULY 2009 – REVISED MAY 2010
www.ti.com
TIMING CHARACTERISTICS (continued)
Table 1. Timing Specifications
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tWL
CONVST (Convert Start) pulse width
40
ns
tOSC
Oscillation time
250
ns
tH
Hold time
2
ns
tSU
Setup time
10
ns
tD
Delay time
20
ns
tSH
Clock high time
10
ns
tSL
Clock low time
10
ns
tSP
Clock period
40
ns
tCD
Conversion delay time
18
tOSC
tACQ
Acquisition time
8.5
tOSC
tCONV
Conversion time
13.5
tOSC
tTP
Throughput time
40
tOSC
FUNCTIONAL BLOCK DIAGRAM
6
Submit Documentation Feedback
Copyright © 2009–2010, Texas Instruments Incorporated
Product Folder Link(s): ADS8201


Similar Part No. - ADS8201IBRGER

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS8201IBRGER TI-ADS8201IBRGER Datasheet
678Kb / 35P
[Old version datasheet]   2.2V to 5.5V,Low-Power, 12-Bit, 100kSPS, 8-Channel Data Acquisition System with PGA and SPI??Interface
ADS8201IBRGER TI1-ADS8201IBRGER Datasheet
808Kb / 36P
[Old version datasheet]   2.2V to 5.5V, Low-Power, 12-Bit, 100kSPS, 8-Channel Data Acquisition System with PGA and SPI??Interface
More results

Similar Description - ADS8201IBRGER

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS8201 TI-ADS8201_1 Datasheet
678Kb / 35P
[Old version datasheet]   2.2V to 5.5V,Low-Power, 12-Bit, 100kSPS, 8-Channel Data Acquisition System with PGA and SPI??Interface
ADS8201 TI1-ADS8201_14 Datasheet
808Kb / 36P
[Old version datasheet]   2.2V to 5.5V, Low-Power, 12-Bit, 100kSPS, 8-Channel Data Acquisition System with PGA and SPI??Interface
logo
API Technologies Corp
HS9410 APITECH-HS9410 Datasheet
2Mb / 3P
   8 Channel, 12 Bit Data Acquisition System With 關P Interface
logo
Burr-Brown (TI)
ADS7870 BURR-BROWN-ADS7870 Datasheet
262Kb / 27P
   12-Bit ADC, MUX, PGA and Internal Reference DATA ACQUISITION SYSTEM
logo
Analog Devices
AD7890 AD-AD7890_17 Datasheet
392Kb / 29P
   8-Channel, 12-Bit Serial Data Acquisition System
AD7890 AD-AD7890 Datasheet
302Kb / 20P
   LC2MOS 8-Channel, 12-Bit Serial, Data Acquisition System
REV. A
AD7891 AD-AD7891_17 Datasheet
394Kb / 21P
   8-Channel, 12-Bit High Speed Data Acquisition System
logo
Texas Instruments
ADS7870 TI1-ADS7870 Datasheet
494Kb / 43P
[Old version datasheet]   12-BIT, 52-kSPS, DATA ACQUISITION SYSTEM WITH ANALOG-TO-DIGITAL CONVERTER, MUX, PGA, AND REFERENCE
ADS7870 TI1-ADS7870_14 Datasheet
887Kb / 45P
[Old version datasheet]   12-BIT, 52-kSPS, DATA ACQUISITION SYSTEM WITH ANALOG-TO-DIGITAL CONVERTER, MUX, PGA, AND REFERENCE
logo
Analog Devices
AD1362 AD-AD1362 Datasheet
431Kb / 8P
   16-Channel,12-Bit Data Acquisition System
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com