Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CC2591 Datasheet(PDF) 8 Page - Texas Instruments

Part # CC2591
Description  2.4-GHz RF Front End
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC2591 Datasheet(HTML) 8 Page - Texas Instruments

Back Button CC2591_10 Datasheet HTML 4Page - Texas Instruments CC2591_10 Datasheet HTML 5Page - Texas Instruments CC2591_10 Datasheet HTML 6Page - Texas Instruments CC2591_10 Datasheet HTML 7Page - Texas Instruments CC2591_10 Datasheet HTML 8Page - Texas Instruments CC2591_10 Datasheet HTML 9Page - Texas Instruments CC2591_10 Datasheet HTML 10Page - Texas Instruments CC2591_10 Datasheet HTML 11Page - Texas Instruments CC2591_10 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
InputPower − dBM
0
2
4
6
8
10
12
14
16
18
20
22
24
26
28
30
32
34
36
38
-20 -18 -16 -14 -12 -10 -8
-6 -4 -2
0
2
4
6
0
20
30
40
50
60
70
80
90
100
110
120
130
140
150
160
170
180
190
10
PAE
I_VDD
POUT
f
Frequency
− MHz
18
26
28
30
32
34
36
38
85
90
95
100
105
110
115
120
125
130
135
2400 2410
2420
2430
2440
2450
2460
2470 2480
24
22
20
PAE
I_VDD
POUT
T − Temperature − C
o
18
26
28
30
32
34
36
38
95
100
105
110
115
120
125
130
135
140
145
24
22
20
-40 -30 -20 -10 0
10 20 30 40 50 60 70 80
PAE
I_VDD
POUT
PowerSupply − V
16
26
28
30
32
34
36
38
80
90
95
100
105
110
115
120
125
130
135
24
22
20
2 2.1 2.2 2.3 2.4 2.5 2.6 2.7 2.8 2.9
3 3.1 3.2 3.3 3.4 3.5 3.6
PAE
I_VDD
POUT
18
85
CC2591
SWRS070A – MARCH 2008 – REVISED JUNE 2008 ........................................................................................................................................................ www.ti.com
TYPICAL CHARACTERISTICS (continued)
OUTPUT POWER, PAE AND
OUTPUT POWER, PAE AND
CURRENT CONSUMPTION
CURRENT CONSUMPTION
vs
vs
INPUT POWER
FREQUENCY
Figure 6.
Figure 7.
OUTPUT POWER, PAE AND
OUTPUT POWER, PAE AND
CURRENT CONSUMPTION
CURRENT CONSUMPTION
vs
vs
TEMPERATURE
POWER SUPPLY
Figure 8.
Figure 9.
8
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): CC2591


Similar Part No. - CC2591_10

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC2591 TI1-CC2591_17 Datasheet
989Kb / 25P
[Old version datasheet]   2.4-GHz RF Front End
More results

Similar Description - CC2591_10

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC2595 TI-CC2595_15 Datasheet
777Kb / 14P
[Old version datasheet]   2.4-GHz RF FRONT END
CC2591 TI1-CC2591_17 Datasheet
989Kb / 25P
[Old version datasheet]   2.4-GHz RF Front End
CC2591 TI-CC2591 Datasheet
721Kb / 18P
[Old version datasheet]   2.4-GHz RF Front End
CC2595 TI-CC2595 Datasheet
613Kb / 13P
[Old version datasheet]   2.4-GHz RF FRONT END
logo
Silicon Storage Technol...
SST12LF01 SST-SST12LF01 Datasheet
335Kb / 21P
   2.4 GHz Front-End Module
logo
Texas Instruments
CC2590 TI-CC2590 Datasheet
664Kb / 18P
[Old version datasheet]   2.4-GHz RF Front End, 14-dBm output power
CC2590 TI-CC2590 Datasheet
497Kb / 16P
[Old version datasheet]   2.4-GHz RF Front End, 14-dBm output power
logo
Skyworks Solutions Inc.
SKY85312-11 SKYWORKS-SKY85312-11 Datasheet
197Kb / 2P
   2.4 GHz, 802.11ac Front-End Module
SKY85320-11 SKYWORKS-SKY85320-11 Datasheet
176Kb / 2P
   2.4 GHz, 802.11ac Front-End Module
logo
ATMEL Corporation
T7026 ATMEL-T7026_05 Datasheet
245Kb / 10P
   ISM 2.4 GHz Front End IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com