Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZXTD4591E6 Datasheet(PDF) 7 Page - Zetex Semiconductors

Part # ZXTD4591E6
Description  DUAL 60V NPN/PNP SILICON MEDIUM POWER TRANSISTORS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZXTD4591E6 Datasheet(HTML) 7 Page - Zetex Semiconductors

  ZXTD4591E6 Datasheet HTML 1Page - Zetex Semiconductors ZXTD4591E6 Datasheet HTML 2Page - Zetex Semiconductors ZXTD4591E6 Datasheet HTML 3Page - Zetex Semiconductors ZXTD4591E6 Datasheet HTML 4Page - Zetex Semiconductors ZXTD4591E6 Datasheet HTML 5Page - Zetex Semiconductors ZXTD4591E6 Datasheet HTML 6Page - Zetex Semiconductors ZXTD4591E6 Datasheet HTML 7Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
ISSUE 1 - JULY 2000
ZXTD4591E6
PACKAGE DIMENSIONS
PAD LAYOUT DETAILS
7
Zetex plc.
Fields New Road, Chadderton, Oldham, OL9-8NP, United Kingdom.
Telephone: (44)161 622 4422 (Sales), (44)161 622 4444 (General Enquiries)
Fax: (44)161 622 4420
Zetex GmbH
Zetex Inc.
Zetex (Asia) Ltd.
These are supported by
Streitfeldstraße 19
47 Mall Drive, Unit 4
3701-04 Metroplaza, Tower 1
agents and distributors in
D-81673 München
Commack NY 11725
Hing Fong Road,
major countries world-wide
Germany
USA
Kwai Fong, Hong Kong
© Zetex plc 2000
Telefon: (49) 89 45 49 49 0
Telephone: (631) 543-7100
Telephone:(852) 26100 611
Fax: (49) 89 45 49 49 49
Fax: (631) 864-7630
Fax: (852) 24250 494
Internet:http://www.zetex.com
This publication is issued to provide outline information only which (unless agreed by the Company in writing) may not be used, applied or reproduced for
any purpose or form part of any order or contract or be regarded as a representation relating to the products or services concerned. The Company reserves
the right to alter without notice the specification, design, price or conditions of supply of any product or service.
A1
2
L
DATUM A
a
C
E
AA2
E1
D
b
e
e1
DIM
Millimetres
Inches
Min
Max
Min
Max
A
0.90
1.45
0.35
0.057
A1
0.00
0.15
0
0.006
A2
0.90
1.30
0.035
0.051
b
0.35
0.50
0.014
0.019
C
0.09
0.20
0.0035
0.008
D
2.80
3.00
0.110
0.118
E
2.60
3.00
0.102
0.118
E1
1.50
1.75
0.059
0.069
L
0.10
0.60
0.004
0.002
e
0.95 REF
0.037 REF
e1
1.90 REF
0.074 REF
L
10°
10°


Similar Part No. - ZXTD4591E6

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXTD4591E6 DIODES-ZXTD4591E6 Datasheet
174Kb / 7P
   DUAL 60V NPN/PNP SILICON MEDIUM POWER TRANSISTORS
ZXTD4591E6TA DIODES-ZXTD4591E6TA Datasheet
174Kb / 7P
   DUAL 60V NPN/PNP SILICON MEDIUM POWER TRANSISTORS
ZXTD4591E6TA DIODES-ZXTD4591E6TA Datasheet
691Kb / 8P
   COMPLEMENTARY 60V NPN/PNP MEDIUM POWER TRANSISTORS
ZXTD4591E6TC DIODES-ZXTD4591E6TC Datasheet
174Kb / 7P
   DUAL 60V NPN/PNP SILICON MEDIUM POWER TRANSISTORS
ZXTD4591E6 DIODES-ZXTD4591E6_15 Datasheet
174Kb / 7P
   DUAL 60V NPN/PNP SILICON MEDIUM POWER TRANSISTORS
More results

Similar Description - ZXTD4591E6

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXTD4591E6 DIODES-ZXTD4591E6_15 Datasheet
174Kb / 7P
   DUAL 60V NPN/PNP SILICON MEDIUM POWER TRANSISTORS
ZXTD4591E6 DIODES-ZXTD4591E6 Datasheet
174Kb / 7P
   DUAL 60V NPN/PNP SILICON MEDIUM POWER TRANSISTORS
ZXTD4591E6 DIODES-ZXTD4591E6_16 Datasheet
691Kb / 8P
   COMPLEMENTARY 60V NPN/PNP MEDIUM POWER TRANSISTORS
logo
Zetex Semiconductors
ZDT751 ZETEX-ZDT751 Datasheet
84Kb / 3P
   DUAL PNP MEDIUM POWER TRANSISTORS
ZDT758 ZETEX-ZDT758 Datasheet
51Kb / 3P
   DUAL PNP MEDIUM POWER TRANSISTORS
ZDT749 ZETEX-ZDT749 Datasheet
61Kb / 3P
   DUAL PNP MEDIUM POWER TRANSISTORS
logo
New Jersey Semi-Conduct...
2N4898 NJSEMI-2N4898 Datasheet
91Kb / 2P
   MEDIUM-POWER PNP SILICON TRANSISTORS
logo
Zetex Semiconductors
ZDT649 ZETEX-ZDT649 Datasheet
68Kb / 3P
   DUAL NPN MEDIUM POWER TRANSISTORS
ZDT651 ZETEX-ZDT651 Datasheet
50Kb / 3P
   DUAL NPN MEDIUM POWER TRANSISTORS
logo
New Jersey Semi-Conduct...
MJE205 NJSEMI-MJE205 Datasheet
78Kb / 2P
   MEDIUM-POWER NPN SILICON TRANSISTORS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com