Electronic Components Datasheet Search |
|
DB14S145S Datasheet(PDF) 6 Page - Sanyo Semicon Device |
|
DB14S145S Datasheet(HTML) 6 Page - Sanyo Semicon Device |
6 / 68 page 5 Stepping motor 2-phase STEPPING SYSTEMS Specifications Stepping motors with integrated drivers Features 1.Driver and motor are now integrated into a single unit. A driver incorporating a motion control function needed for driving a motor and a 2-phase stepping motor were integrated into a single unit for enabling a more compact installation space and less wiring. 2.Three types of operation modes can be selected to match the specific application. (1)Control by command pulses (2)Program control by general-purpose I/O(Parallel) (3)Compliant with RS-485, half-duplex asynchronous communication DB21M142S-01 E=DC24V I=Rated current JL=0.94×10-4kg ・m2 0.1 0.6 0.5 0.4 0.3 0.2 0 0.1 1 10 100 DB22M162S-01 E=DC24V I=Rated current JL=2.6×10-4kg ・m2 Pulse rate (kpulse/s) Pulse rate (kpulse/s) 0.1 1 10 100 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 0 70 80 0 60 50 40 30 20 10 1 2 3 4 5 6 0 140 160 180 200 220 0 120 100 80 60 40 20 2 4 6 8 10 12 14 16 0 Number of rotations (min-1) Number of rotations (min-1) 2000 3000 5000 100 1000 2000 3000 5000 100 1000 Pulse rate-torque characteristics Dimensions[Unit : mm(inch)] D C B CN1:POWER 1 ・・・・19 2 ・・・・20 1 2 CN2:I/O RSW PSW DSW 4.5 31 ±0.25(1.22±.01) 42 ± 0.5(1.65±.02) R3MIN. 70 +2 0 1.5 ± 0.76(.59±.03) 24 ±0.5(.94±.02) 0.05 0.025 (EFFECTIVE LENGTH) Manufacturer :JST CONNECTOR :S02B-PASK-2 CONNECTOR :SM20B-SHLDS-GW-TF Manufacturer :JST ± 0.15(1.18±.01) TAP DEPTH 4 (.16)MIN. 4-M3 ×0.5 A A EARTH TERMINAL M2.5X0.45X4L Use proper techniques. grounding 15 () 2.76 +.08 .00 () 59 +.04 .00 DC input □42mm (□1.65inch) □60mm (□2.36inch) □42mm (□1.65inch) The date are measured under the drive condition of our company. The drive torque may very depending on the accuracy of customer-side equipment. |
Similar Part No. - DB14S145S |
|
Similar Description - DB14S145S |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |