Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PS-DA0253-124S Datasheet(PDF) 2 Page - Power Systems GmbH+Co.KG

Part # PS-DA0253-124S
Description  DC-AC INVERTER UNIT 8 W DUAL OUTPUTS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER-SYSTEMS [Power Systems GmbH+Co.KG]
Direct Link  http://www.power-systems.de
Logo POWER-SYSTEMS - Power Systems GmbH+Co.KG

PS-DA0253-124S Datasheet(HTML) 2 Page - Power Systems GmbH+Co.KG

  PS-DA0253-124S Datasheet HTML 1Page - Power Systems GmbH+Co.KG PS-DA0253-124S Datasheet HTML 2Page - Power Systems GmbH+Co.KG  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
DC-AC INVERTER UNIT
PS-DA0253-124(S) (8 W DUAL OUTPUTS)
Power Systems – The Power Solution
Web:
www.Power-Systems.de
Address: Hauptstr. 48 ; 74360 Ilsfeld-Auenstein / Germany
Email:
Info@Power-Systems.de
Tel. :
+ 49 / 70 62 / 67 59 - 6
Fax:
+ 49 / 70 62 / 67 59 - 800
All specifications are subject to change without notice.
Page (2)
Version 1.0.1, 16th May 2007
(PRELIMINARY INFORMATION)
ELECTRICAL CHARACTERISTICS :
TEST CIRCUIT :
Note 1 :
Please keep minimum of 2mm clearance (all directions) between inverter high voltage area as marked
on mechanical drawing and any conductors.
Note 2 :
Open circuit on all lamps for more than 3 seconds, will shut the inverter down.
SW 1
a
b
Operation of unit
Operation
Non operation
Input side CN1:
Pin No.
Symbols
Ratings
CN 1-1+2
Vin
9.6 ~ 14.4 Vdc
CN 1-3+4
GND
-
CN 1-5
Vrm t
0 ~ 0.4 = OFF
/ 2.5 ~ Vin = ON
CN 1-6
N.C.
-
CN 1-7
Vbr
0 ~ 2.5 Vdc
Output side CN2
Pin No.
Symbols
Ratings
CN 2-1
Vhigh
466 Vrm s (6.0 m Arm s )
CN 2-2
Vhigh
466 Vrm s (6.0 m Arm s )
CN 2-3
N.C.
-
CN 2-4
Vlow
(GND)
A
V
1000:1
PROBE
V
~
Vin
9.6 ~ 14.4 V
Iin
Vopen
F
CN1-1
CN1-2
F
T1
CN1-4
CN1-3
CN1-5
V
a
b
SW1
Vrmt
0.4 / 2.5 Vdc
CN1-6
Vbr
0 ~ 2.5 Vdc
A
~
A
~
RL2
RL1
Iout
2
Iout1
CN2-1
CN2-4
CN2-2
SW3
SW4
CL2
CL1
CN1-7
V
N.C.
CN2-3
N.C.
Vin (V)
Vbr (V)
Tu (°C)
Min.
Typ.
Max.
Output Current
Iout
9.6~14.4
0.0
-10 ~ +65
5.5
6.0
6.5
m Arm s
Dut y 10 0 %
Output Current
Iout
9.6~14.4
2.5
-10 ~ +65
1.5
2.0
2.5
m Arm s
Input Current
Iin
9.6~14.4
0.0
-10 ~ +65
-
0.75
1.0
Adc
Frequency
F
9.6~14.4
0.0
-10 ~ +65
35
40
45
kHz
Open Circuit Voltage
Vopen
10.8
0.0
-10 ~ +65
1.500
1.700
-
Vrm s
No Load Shutdow n
Ts d
9.6~14.4
0.0
-10 ~ +65
-
1.0
-
s ec
wit ho ut lo ad
Unit
Note
Parameters
Symbols
Conditions
Specification


Similar Part No. - PS-DA0253-124S

ManufacturerPart #DatasheetDescription
logo
Power Systems GmbH+Co.K...
PS-DA0253-11 POWER-SYSTEMS-PS-DA0253-11 Datasheet
348Kb / 4P
   DC-AC INVERTER UNIT 9 W DUAL OUTPUTS
PS-DA0253-11S POWER-SYSTEMS-PS-DA0253-11S Datasheet
348Kb / 4P
   DC-AC INVERTER UNIT 9 W DUAL OUTPUTS
PS-DA0253-13 POWER-SYSTEMS-PS-DA0253-13 Datasheet
365Kb / 4P
   DC-AC INVERTER UNIT 9 W DUAL OUTPUTS
PS-DA0253-13S POWER-SYSTEMS-PS-DA0253-13S Datasheet
365Kb / 4P
   DC-AC INVERTER UNIT 9 W DUAL OUTPUTS
PS-DA0253-146-B POWER-SYSTEMS-PS-DA0253-146-B Datasheet
174Kb / 2P
   DC-AC INVERTER UNIT 9 W DUAL OUTPUTS
More results

Similar Description - PS-DA0253-124S

ManufacturerPart #DatasheetDescription
logo
Power Systems GmbH+Co.K...
PS-DA0288-02-X POWER-SYSTEMS-PS-DA0288-02-X Datasheet
204Kb / 4P
   DC-AC INVERTER UNIT 8 W DUAL OUTPUTS
PS-DA0288-01-X POWER-SYSTEMS-PS-DA0288-01-X Datasheet
190Kb / 5P
   DC-AC INVERTER UNIT 8 W DUAL OUTPUTS
CXA-0454 POWER-SYSTEMS-CXA-0454 Datasheet
148Kb / 2P
   DC-AC INVERTER UNIT 8 W DUAL OUTPUTS
PS-DA0204-01 POWER-SYSTEMS-PS-DA0204-01 Datasheet
151Kb / 4P
   DC-AC INVERTER UNIT 8 W DUAL OUTPUTS
PS-DA0263-02 POWER-SYSTEMS-PS-DA0263-02 Datasheet
658Kb / 4P
   DC-AC INVERTER UNIT 8 W DUAL OUTPUTS
PS-DA0276-01-B POWER-SYSTEMS-PS-DA0276-01-B Datasheet
252Kb / 4P
   DC-AC INVERTER UNIT 10 W DUAL OUTPUTS
PS-DA0203-01 POWER-SYSTEMS-PS-DA0203-01 Datasheet
404Kb / 4P
   DC-AC INVERTER UNIT 9 W DUAL OUTPUTS
PS-M05D05S3-NJ4L-011 POWER-SYSTEMS-PS-M05D05S3-NJ4L-011 Datasheet
786Kb / 2P
   DC-AC INVERTER UNIT 6,5 W DUAL OUTPUTS
PS-DA0211-01 POWER-SYSTEMS-PS-DA0211-01 Datasheet
336Kb / 4P
   DC-AC INVERTER UNIT 12 W DUAL OUTPUTS
PS-DA0253-02 POWER-SYSTEMS-PS-DA0253-02 Datasheet
377Kb / 4P
   DC-AC INVERTER UNIT 9 W DUAL OUTPUTS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com