Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SK2699 Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # 2SK2699
Description  Chopper Regulator, DC−DC Converter and Motor Drive Applications
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SK2699 Datasheet(HTML) 1 Page - Toshiba Semiconductor

  2SK2699_09 Datasheet HTML 1Page - Toshiba Semiconductor 2SK2699_09 Datasheet HTML 2Page - Toshiba Semiconductor 2SK2699_09 Datasheet HTML 3Page - Toshiba Semiconductor 2SK2699_09 Datasheet HTML 4Page - Toshiba Semiconductor 2SK2699_09 Datasheet HTML 5Page - Toshiba Semiconductor 2SK2699_09 Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
2SK2699
2009-09-29
1
TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (π−MOSV)
2SK2699
Chopper Regulator, DC−DC Converter and Motor Drive
Applications
Low drain−source ON resistance
: RDS (ON) = 0.5 Ω (typ.)
High forward transfer admittance
: |Yfs| = 11 S (typ.)
Low leakage current
: IDSS = 100 μA (max) (VDS = 600 V)
Enhancement mode
: Vth = 2.0 to 4.0 V (VDS = 10 V, ID = 1 mA)
Absolute Maximum Ratings (Ta = 25°C)
Characteristics
Symbol
Rating
Unit
Drain−source voltage
VDSS
600
V
Drain−gate voltage (RGS = 20 kΩ)
VDGR
600
V
Gate−source voltage
VGSS
±30
V
DC
(Note 1)
ID
12
A
Drain current
Pulse (Note 1)
IDP
48
A
Drain power dissipation (Tc = 25°C)
PD
150
W
Single pulse avalanche energy
(Note 2)
EAS
605
mJ
Avalanche current
IAR
12
A
Repetitive avalanche energy (Note 3)
EAR
15
mJ
Channel temperature
Tch
150
°C
Storage temperature range
Tstg
−55 to 150
°C
Note: Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the significant change in
temperature, etc.) may cause this product to decrease in the reliability significantly even if the operating conditions (i.e.
operating temperature/current/voltage, etc.) are within the absolute maximum ratings. Please design the appropriate
reliability upon reviewing the Toshiba Semiconductor Reliability Handbook (“Handling Precautions”/Derating Concept and
Methods) and individual reliability data (i.e. reliability test report and estimated failure rate, etc).
Thermal Characteristics
Characteristics
Symbol
Max
Unit
Thermal resistance, channel to case
Rth (ch−c)
0.833
°C / W
Thermal resistance, channel to ambient
Rth (ch−a)
50
°C / W
Note 1: Ensure that the channel temperature does not exceed 150°C.
Note 2: VDD = 90 V, Tch = 25°C (initial), L = 7.35 mH, RG = 25 Ω, IAR = 12 A
Note 3: Repetitive rating: pulse width limited by maximum channel temperature
This transistor is an electrostatic-sensitive device.
Please handle with caution.
Unit: mm
1. GATE
2. DRAIN (HEAT SINK)
3. SOURCE
JEDEC
JEITA
SC-65
TOSHIBA
2-16C1B
Weight: 4.6 g (typ.)


Similar Part No. - 2SK2699_09

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SK2699 TOSHIBA-2SK2699_06 Datasheet
716Kb / 6P
   Silicon N Channel MOS Type Chopper Regulator, DC−DC Converter and Motor Drive Applications
More results

Similar Description - 2SK2699_09

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SK2883 TOSHIBA-2SK2883_09 Datasheet
455Kb / 6P
   Chopper Regulator, DC−DC Converter and Motor Drive Applications
2SK2598 TOSHIBA-2SK2598_09 Datasheet
445Kb / 6P
   Chopper Regulator, DC−DC Converter and Motor Drive Applications
2SK2749 TOSHIBA-2SK2749_09 Datasheet
417Kb / 6P
   Chopper Regulator, DC−DC Converter and Motor Drive Applications
2SK2837 TOSHIBA-2SK2837_09 Datasheet
431Kb / 6P
   Chopper Regulator, DC−DC Converter and Motor Drive Applications
2SJ407 TOSHIBA-2SJ407_09 Datasheet
420Kb / 6P
   Chopper Regulator, DC−DC Converter and Motor Drive Applications
2SK2267 TOSHIBA-2SK2267_09 Datasheet
435Kb / 6P
   Chopper Regulator, DC−DC Converter and Motor Drive Applications
2SJ360 TOSHIBA-2SJ360_09 Datasheet
211Kb / 6P
   Chopper Regulator, DC−DC Converter and Motor Drive Applications
2SK2376 TOSHIBA-2SK2376_09 Datasheet
431Kb / 6P
   Chopper Regulator, DC−DC Converter and Motor Drive Applications
2SK2381 TOSHIBA-2SK2381_09 Datasheet
403Kb / 6P
   Chopper Regulator, DC−DC Converter and Motor Drive Applications
2SK2401 TOSHIBA-2SK2401_09 Datasheet
442Kb / 6P
   Chopper Regulator, DC−DC Converter and Motor Drive Applications
2SK2989 TOSHIBA-2SK2989_09 Datasheet
243Kb / 6P
   Chopper Regulator, DC−DC Converter and Motor Drive Applications
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com