Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC908QY4MFQE Datasheet(PDF) 4 Page - Freescale Semiconductor, Inc

Part # MC908QY4MFQE
Description  M68HC08 Microcontrollers
Download  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC908QY4MFQE Datasheet(HTML) 4 Page - Freescale Semiconductor, Inc

  MC908QY4MFQE Datasheet HTML 1Page - Freescale Semiconductor, Inc MC908QY4MFQE Datasheet HTML 2Page - Freescale Semiconductor, Inc MC908QY4MFQE Datasheet HTML 3Page - Freescale Semiconductor, Inc MC908QY4MFQE Datasheet HTML 4Page - Freescale Semiconductor, Inc MC908QY4MFQE Datasheet HTML 5Page - Freescale Semiconductor, Inc MC908QY4MFQE Datasheet HTML 6Page - Freescale Semiconductor, Inc MC908QY4MFQE Datasheet HTML 7Page - Freescale Semiconductor, Inc MC908QY4MFQE Datasheet HTML 8Page - Freescale Semiconductor, Inc MC908QY4MFQE Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 168 page
background image
Revision History
MC68HC908QY/QT Family Data Sheet, Rev. 6
4
Freescale Semiconductor
The following revision history table summarizes changes contained in this document. For your
convenience, the page number designators have been linked to the appropriate location.
Revision History (Sheet 1 of 3)
Date
Revision
Level
Description
Page
Number(s)
September,
2002
N/A
Initial release
N/A
December,
2002
0.1
1.2 Features — Added 8-pin dual flat no lead (DFN) packages to features list.
19
Figure 1-2. MCU Pin Assignments — Figure updated to include DFN packages.
21
Figure 2-1. Memory Map — Clarified illegal address and unimplemented
memory.
27
Figure 2-2. Control, Status, and Data Registers — Corrected bit definitions for
Port A Data Register (PTA) and Data Direction Register A (DDRA).
27
Table 13-3. Interrupt Sources — Corrected vector addresses for keyboard
interrupt and ADC conversion complete interrupt.
118
Chapter 13 System Integration Module (SIM) — Removed reference to break
status register as it is duplicated in break module.
113
11.3.1 Internal Oscillator and 11.3.1.1 Internal Oscillator Trimming — Clarified
oscillator trim option ordering information and what to expect with untrimmed
device.
92
Figure 11-5. Oscillator Trim Register (OSCTRIM) — Bit 1 designation corrected.
98
Figure 15-13. Monitor Mode Circuit (Internal Clock, No High Voltage) —
Diagram updated for clarity.
150
Figure 12-1. I/O Port Register Summary — Corrected bit definitions for PTA7,
DDRA7, and DDRA6.
99
Figure 12-2. Port A Data Register (PTA) — Corrected bit definition for PTA7.
100
Figure 12-3. Data Direction Register A (DDRA) — Corrected bit definitions for
DDRA7 and DDRA6.
101
Figure 12-6. Port B Data Register (PTB) — Corrected bit definition for PTB1
103
Chapter 9 Keyboard Interrupt Module (KBI) — Section reworked after deletion
of auto wakeup for clarity.
83
Chapter 4 Auto Wakeup Module (AWU) — New section added for clarity.
49
Figure 10-1. LVI Module Block Diagram — Corrected LVI stop representation.
87
Chapter 16 Electrical Specifications — Extensive changes made to electrical
specifications.
169
17.5 8-Pin Dual Flat No Lead (DFN) Package (Case #1452) — Added case
outline drawing for DFN package.
177
Chapter 17 Ordering Information and Mechanical Specifications — Added
ordering information for DFN package.
185
January,
2003
0.2
4.2 Features — Corrected third bulleted item.
49


Similar Part No. - MC908QY4MFQE

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC908QY4MFQE FREESCALE-MC908QY4MFQE Datasheet
1Mb / 184P
   Microcontrollers
More results

Similar Description - MC908QY4MFQE

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC68HC908JW32 FREESCALE-MC68HC908JW32_09 Datasheet
2Mb / 232P
   M68HC08 Microcontrollers
logo
Motorola, Inc
MC68HC908QT4CPE MOTOROLA-MC68HC908QT4CPE Datasheet
3Mb / 192P
   M68HC08 Microcontrollers
logo
Freescale Semiconductor...
MC68HC908JB8 FREESCALE-MC68HC908JB8 Datasheet
1Mb / 286P
   M68HC08 Microcontrollers
MC68HC908JB16 FREESCALE-MC68HC908JB16 Datasheet
3Mb / 332P
   M68HC08 Microcontrollers
MC68HC908QF4 FREESCALE-MC68HC908QF4 Datasheet
2Mb / 196P
   M68HC08 Microcontrollers
MC908AS60ACFU FREESCALE-MC908AS60ACFU Datasheet
2Mb / 414P
   M68HC08 Microcontrollers
MC68HC908KX8 FREESCALE-MC68HC908KX8 Datasheet
1Mb / 210P
   M68HC08 Microcontrollers
MC68HC908LJ24 FREESCALE-MC68HC908LJ24 Datasheet
4Mb / 464P
   M68HC08 Microcontrollers
MC68HC908QC16 FREESCALE-MC68HC908QC16_08 Datasheet
3Mb / 274P
   M68HC08 Microcontrollers
MC68908GZ16CFJE FREESCALE-MC68908GZ16CFJE Datasheet
4Mb / 314P
   M68HC08 Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com