Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74AUP1T158 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # SN74AUP1T158
Description  LOW POWER, 1.8/2.5/3.3-V INPUT, 3.3-V CMOS OUTPUT, SINGLE 2-INPUT SCHMITT-TRIGGER BUFFER MULTIPLEXER (INVERTED)
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74AUP1T158 Datasheet(HTML) 3 Page - Texas Instruments

  SN74AUP1T158 Datasheet HTML 1Page - Texas Instruments SN74AUP1T158 Datasheet HTML 2Page - Texas Instruments SN74AUP1T158 Datasheet HTML 3Page - Texas Instruments SN74AUP1T158 Datasheet HTML 4Page - Texas Instruments SN74AUP1T158 Datasheet HTML 5Page - Texas Instruments SN74AUP1T158 Datasheet HTML 6Page - Texas Instruments SN74AUP1T158 Datasheet HTML 7Page - Texas Instruments SN74AUP1T158 Datasheet HTML 8Page - Texas Instruments SN74AUP1T158 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
1
3
4
C
B
A
6
Y
AUP
LVC
AUP
AUP
LVC
Static-Power Consumption
(
µA)
Dynamic-Power Consumption
(pF)
Single, dual, and triple gates
3.3-V
Logic
3.3-V
Logic
0%
20%
40%
60%
80%
100%
0%
20%
40%
60%
80%
100%
−0.5
0
0.5
1
1.5
2
2.5
3
3.5
0
5
10
15
20
25
30
35
40
45
Time − ns
† AUP1G08 data at C
L = 15 pF
Switching Characteristics
at 25 MHz
Output
Input
1.8-V
System
3.3-V
System
VIH = 1.19 V
VIL = 0.5 V
3.3 V
2.5-V
System
3.3-V
System
VIH = 1.19 V
VIL = 0.5 V
3.3 V
1.8-V
System
2.5-V
System
VIH = 1.10 V
VIL = 0.35 V
2.5 V
3.3-V
System
2.5-V
System
VIH = 1.10 V
VIL = 0.35 V
2.5 V
SN74AUP1T158
www.ti.com
SCES808 – APRIL 2010
LOGIC DIAGRAM (BUFFER MULTIPLEXER)
Figure 2. AUP – The Lowest-Power Family
Figure 3. Excellent Signal Integrity
Figure 4. Typical Design Examples
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): SN74AUP1T158


Similar Part No. - SN74AUP1T158

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AUP1T157 TI-SN74AUP1T157 Datasheet
283Kb / 13P
[Old version datasheet]   LOW POWER, 1.8/2.5/3.3-V INPUT, 3.3-V CMOS OUTPUT, SINGLE 2-INPUT SCHMITT-TRIGGER BUFFER MULTIPLEXER (NONINVERTED)
SN74AUP1T157DCKR TI-SN74AUP1T157DCKR Datasheet
283Kb / 13P
[Old version datasheet]   LOW POWER, 1.8/2.5/3.3-V INPUT, 3.3-V CMOS OUTPUT, SINGLE 2-INPUT SCHMITT-TRIGGER BUFFER MULTIPLEXER (NONINVERTED)
SN74AUP1T157DCKT TI-SN74AUP1T157DCKT Datasheet
283Kb / 13P
[Old version datasheet]   LOW POWER, 1.8/2.5/3.3-V INPUT, 3.3-V CMOS OUTPUT, SINGLE 2-INPUT SCHMITT-TRIGGER BUFFER MULTIPLEXER (NONINVERTED)
More results

Similar Description - SN74AUP1T158

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AUP1T157 TI-SN74AUP1T157 Datasheet
283Kb / 13P
[Old version datasheet]   LOW POWER, 1.8/2.5/3.3-V INPUT, 3.3-V CMOS OUTPUT, SINGLE 2-INPUT SCHMITT-TRIGGER BUFFER MULTIPLEXER (NONINVERTED)
SN74AUP1T50 TI1-SN74AUP1T50 Datasheet
762Kb / 15P
[Old version datasheet]   LOW POWER, 1.8/2.5/3.3-V INPUT, 3.3-V CMOS OUTPUT, SINGLE SCHMITT-TRIGGER BUFFER GATE
SN74AUP1T17 TI-SN74AUP1T17 Datasheet
164Kb / 11P
[Old version datasheet]   LOW POWER, 1.8/2.5/3.3-V INPUT, 3.3-V CMOS OUTPUT, SINGLE SCHMITT-TRIGGER BUFFER GATE
SN74AUP1T14 TI1-SN74AUP1T14_15 Datasheet
761Kb / 14P
[Old version datasheet]   LOW POWER, 1.8/2.5/3.3-V INPUT, 3.3-V CMOS OUTPUT, SINGLE SCHMITT-TRIGGER INVERTER GATE
SN74AUP1T14 TI-SN74AUP1T14 Datasheet
164Kb / 11P
[Old version datasheet]   LOW POWER, 1.8/2.5/3.3-V INPUT, 3.3-V CMOS OUTPUT, SINGLE SCHMITT-TRIGGER INVERTER GATE
SN74AUP1T00 TI-SN74AUP1T00 Datasheet
164Kb / 11P
[Old version datasheet]   LOW POWER, 1.8/2.5/3.3-V INPUT, 3.3-V CMOS OUTPUT, SINGLE 2-INPUT POSITIVE-NAND GATE
SN74AUP1T02 TI-SN74AUP1T02 Datasheet
164Kb / 11P
[Old version datasheet]   LOW POWER, 1.8/2.5/3.3-V INPUT, 3.3-V CMOS OUTPUT,SINGLE 2-INPUT POSITIVE-NOR GATE
SN74AUP1T08 TI-SN74AUP1T08 Datasheet
167Kb / 11P
[Old version datasheet]   LOW POWER, 1.8/2.5/3.3-V INPUT, 3.3-V CMOS OUTPUT, SINGLE 2-INPUT POSITIVE-AND GATE
SN74AUP1T86 TI-SN74AUP1T86 Datasheet
173Kb / 11P
[Old version datasheet]   LOW POWER, 1.8/2.5/3.3-V INPUT, 3.3-V CMOS OUTPUT, 2-INPUT EXCLUSIVE-OR GATE
SN74AUP1T32 TI-SN74AUP1T32 Datasheet
167Kb / 11P
[Old version datasheet]   LOW POWER, 1.8/2.5/3.3-V INPUT,3.3-V CMOS OUTPUT, 2-INPUT POSITIVE-OR GATE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com