Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PS-DA0288-01-5 Datasheet(PDF) 1 Page - Power Systems GmbH+Co.KG

Part # PS-DA0288-01-5
Description  DC-AC INVERTER UNIT 8 W DUAL OUTPUTS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER-SYSTEMS [Power Systems GmbH+Co.KG]
Direct Link  http://www.power-systems.de
Logo POWER-SYSTEMS - Power Systems GmbH+Co.KG

PS-DA0288-01-5 Datasheet(HTML) 1 Page - Power Systems GmbH+Co.KG

  PS-DA0288-01-5 Datasheet HTML 1Page - Power Systems GmbH+Co.KG PS-DA0288-01-5 Datasheet HTML 2Page - Power Systems GmbH+Co.KG PS-DA0288-01-5 Datasheet HTML 3Page - Power Systems GmbH+Co.KG PS-DA0288-01-5 Datasheet HTML 4Page - Power Systems GmbH+Co.KG PS-DA0288-01-5 Datasheet HTML 5Page - Power Systems GmbH+Co.KG  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
DC-AC INVERTER UNIT
PS-DA0288-01-x (S) (8 W DUAL OUTPUTS)
Power Systems – The Power Solution
Web:
www.Power-Systems.de
Address: Hauptstr. 48 ; 74360 Ilsfeld-Auenstein / Germany
Email:
Info@Power-Systems.de
Tel. :
+ 49 / 70 62 / 67 59 - 6
Fax:
+ 49 / 70 62 / 67 59 - 800
All specifications are subject to change without notice.
Page (1)
Version 1.0,1 08th July 2009
(PRELIMINARY INFORMATION)
DESCRIPTION :
This low profile DC to AC Inverter is developed for dual lamps.
Many different output connector possibilities will make this
Backlight Inverter so flexible.
APPLICABLE LCD:
5.7 to 12 inches double lamp type
Lamp Voltage 600 Vrms
Lamp Current
2 x 5 mArms
Lamp Start Up Voltage 1.500 Vrms (Vin : 12 Vdc)
FEATURES :
Remote ON/OFF
Dimming with analogue voltage or by resistor dimming
RoHS compliant (S)
Alarm-signal-function
Different models (see order key)
TEMPERATURE & HUMIDITY :
Operating Temperature Range
-10
°C ~ +60°C
Storage Temperature Range
-20
°C ~ +85°C
Humidity
95 %RH max
DIMENSIONS :
L x W x H
103 x 30 x 9 mm
Unit : mm
Weight :20 (g) typ.
Note: Please use plastic screw in case of a non-insulating mounting base!
Components
No.
Part Description
Qty.
Material
Note
1
PCB
1
UL94V-0 (CEM-3)
t=1.0m m
2
Connector CN1
1
53261-0890
MOLEX
3
Connector CN3
1
SM03(4.0)B-BHS-1-TB
JST or equal
Input side CN1:
Pin No.
Symbols
Ratings
CN 1-1
CN 1-2
CN 1-3
CN 1-4
CN 1-5
Vrm t
0~0.4V=OFF / 2.5V~Vin=ON
CN 1-6
Vbr/Rbr
0~2.5V / 0~50k
CN 1-7
Vbr/GND
0 ~ 50k
CN 1-8
Vst
0V / 5V (Note 3)
Vin
10.8 ~ 13.2V
GND
0 V
Output side CN3:
Pin No.
Symbols
Ratings
CN 3-1
Vlow
0 Vdc
CN 3-2
Vhigh
600Vrm s
CN 3-3
Vhigh
600Vrm s


Similar Part No. - PS-DA0288-01-5

ManufacturerPart #DatasheetDescription
logo
Power Systems GmbH+Co.K...
PS-DA0288-02-1 POWER-SYSTEMS-PS-DA0288-02-1 Datasheet
204Kb / 4P
   DC-AC INVERTER UNIT 8 W DUAL OUTPUTS
PS-DA0288-02-1S POWER-SYSTEMS-PS-DA0288-02-1S Datasheet
204Kb / 4P
   DC-AC INVERTER UNIT 8 W DUAL OUTPUTS
PS-DA0288-02-2 POWER-SYSTEMS-PS-DA0288-02-2 Datasheet
204Kb / 4P
   DC-AC INVERTER UNIT 8 W DUAL OUTPUTS
PS-DA0288-02-2S POWER-SYSTEMS-PS-DA0288-02-2S Datasheet
204Kb / 4P
   DC-AC INVERTER UNIT 8 W DUAL OUTPUTS
PS-DA0288-02-3 POWER-SYSTEMS-PS-DA0288-02-3 Datasheet
204Kb / 4P
   DC-AC INVERTER UNIT 8 W DUAL OUTPUTS
More results

Similar Description - PS-DA0288-01-5

ManufacturerPart #DatasheetDescription
logo
Power Systems GmbH+Co.K...
PS-DA0288-02-X POWER-SYSTEMS-PS-DA0288-02-X Datasheet
204Kb / 4P
   DC-AC INVERTER UNIT 8 W DUAL OUTPUTS
CXA-0454 POWER-SYSTEMS-CXA-0454 Datasheet
148Kb / 2P
   DC-AC INVERTER UNIT 8 W DUAL OUTPUTS
PS-DA0204-01 POWER-SYSTEMS-PS-DA0204-01 Datasheet
151Kb / 4P
   DC-AC INVERTER UNIT 8 W DUAL OUTPUTS
PS-DA0263-02 POWER-SYSTEMS-PS-DA0263-02 Datasheet
658Kb / 4P
   DC-AC INVERTER UNIT 8 W DUAL OUTPUTS
PS-DA0253-124 POWER-SYSTEMS-PS-DA0253-124 Datasheet
114Kb / 2P
   DC-AC INVERTER UNIT 8 W DUAL OUTPUTS
PS-DA0276-01-B POWER-SYSTEMS-PS-DA0276-01-B Datasheet
252Kb / 4P
   DC-AC INVERTER UNIT 10 W DUAL OUTPUTS
PS-DA0203-01 POWER-SYSTEMS-PS-DA0203-01 Datasheet
404Kb / 4P
   DC-AC INVERTER UNIT 9 W DUAL OUTPUTS
PS-M05D05S3-NJ4L-011 POWER-SYSTEMS-PS-M05D05S3-NJ4L-011 Datasheet
786Kb / 2P
   DC-AC INVERTER UNIT 6,5 W DUAL OUTPUTS
PS-DA0211-01 POWER-SYSTEMS-PS-DA0211-01 Datasheet
336Kb / 4P
   DC-AC INVERTER UNIT 12 W DUAL OUTPUTS
PS-DA0253-02 POWER-SYSTEMS-PS-DA0253-02 Datasheet
377Kb / 4P
   DC-AC INVERTER UNIT 9 W DUAL OUTPUTS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com