Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PS-DA0401-01 Datasheet(PDF) 2 Page - Power Systems GmbH+Co.KG

Part # PS-DA0401-01
Description  DC-AC INVERTER UNIT 20 W QUAD OUTPUTS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER-SYSTEMS [Power Systems GmbH+Co.KG]
Direct Link  http://www.power-systems.de
Logo POWER-SYSTEMS - Power Systems GmbH+Co.KG

PS-DA0401-01 Datasheet(HTML) 2 Page - Power Systems GmbH+Co.KG

  PS-DA0401-01 Datasheet HTML 1Page - Power Systems GmbH+Co.KG PS-DA0401-01 Datasheet HTML 2Page - Power Systems GmbH+Co.KG PS-DA0401-01 Datasheet HTML 3Page - Power Systems GmbH+Co.KG PS-DA0401-01 Datasheet HTML 4Page - Power Systems GmbH+Co.KG  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
DC-AC INVERTER UNIT
PS-DA0401-01(S) (20 W QUAD OUTPUTS)
Power Systems – The Power Solution
Web:
www.Power-Systems.de
Address: Hauptstr. 48 ; 74360 Ilsfeld-Auenstein / Germany
Email:
Info@Power-Systems.de
Tel. :
+ 49 / 70 62 / 67 59 - 6
Fax:
+ 49 / 70 62 / 67 59 - 800
All specifications are subject to change without notice.
Page (2)
Version 1.1.2, 11th June 2007
(PRELIMINARY INFORMATION)
ELECTRICAL CHARACTERISTICS :
TEST CIRCUIT :
Note 1 :
Please keep minimum of 2mm clearance (all directions) between inverter high voltage area as marked
on mechanical drawing and any conductors.
SW 1
a
b
Operation of unit
Operation
Non operation
Vin (V)
Vbr (V)
Tu (°C)
Min.
Typ.
Max.
Output Current
Iout
12±1.2
0.0
0 ~ +50
5.5
6.0
6.5
m Arm s
Dut y 10 0 %
Output Current
Iout
12±0.6
5.0
0 ~ +50
1.7
2.0
2.3
m Arm s
Input Current
Iin
12±1.2
0.0
0 ~ +50
-
1.77
2.2
Adc
Frequency
F
12±1.2
0.0
0 ~ +50
45
52
60
kHz
Open Circuit Voltage
Vopen
11.4
0.0
0 ~ +50
1.300
1.500
-
Vrm s
No load Shutdow n
Ts d
12±1.2
0.0
0 ~ +50
1.0
-
-
s ec
wit ho ut lo ad
Unit
Note
Parameters
Symbols
Conditions
Specification
A
V
1000:1
PROBE
V
~
Vin
12 V
Iin
Vopen
F
CN1-1
CN1-2
CN1-5
CN2-1
CN3-1
F
CN2-4
T1
V
a
b
SW1
CN1-4
CN1-3
CN3-4
Vrmt
0 / 5 Vdc
Vbr
0 ~ 5.0 Vdc
CN1-6
CN1-7
A
~
A
~
RL2
RL1
Iout
2
Iout
1
SW3
SW4
SW5
CL2
CL1
A
~
A
~
RL2
RL1
Iout
2
Iout
1
SW3
SW4
SW5
CL2
CL1
CN2-2
CN3-2


Similar Part No. - PS-DA0401-01

ManufacturerPart #DatasheetDescription
logo
Power Systems GmbH+Co.K...
PS-DA0401-02 POWER-SYSTEMS-PS-DA0401-02 Datasheet
164Kb / 4P
   DC-AC INVERTER UNIT 20 W QUAD OUTPUTS
PS-DA0401-02S POWER-SYSTEMS-PS-DA0401-02S Datasheet
164Kb / 4P
   DC-AC INVERTER UNIT 20 W QUAD OUTPUTS
More results

Similar Description - PS-DA0401-01

ManufacturerPart #DatasheetDescription
logo
Power Systems GmbH+Co.K...
PS-DA0401-02 POWER-SYSTEMS-PS-DA0401-02 Datasheet
164Kb / 4P
   DC-AC INVERTER UNIT 20 W QUAD OUTPUTS
PS-DA0404-007 POWER-SYSTEMS-PS-DA0404-007 Datasheet
80Kb / 2P
   DC-AC INVERTER UNIT 20 W QUAD OUTPUTS
PS-DA0412-03 POWER-SYSTEMS-PS-DA0412-03 Datasheet
254Kb / 4P
   DC-AC INVERTER UNIT 20 W QUAD OUTPUTS
PS-DA0412-04 POWER-SYSTEMS-PS-DA0412-04 Datasheet
252Kb / 4P
   DC-AC INVERTER UNIT 20 W QUAD OUTPUTS
PS-DA0416-02 POWER-SYSTEMS-PS-DA0416-02 Datasheet
233Kb / 4P
   DC-AC INVERTER UNIT 20 W DUAL OR QUAD OUTPUTS
PS-DA0412-02 POWER-SYSTEMS-PS-DA0412-02 Datasheet
254Kb / 4P
   DC-AC INVERTER UNIT 22 W QUAD OUTPUTS
PS-DA0412-210 POWER-SYSTEMS-PS-DA0412-210 Datasheet
374Kb / 2P
   DC-AC INVERTER UNIT 25 W QUAD OUTPUTS
PS-DA0404-02 POWER-SYSTEMS-PS-DA0404-02 Datasheet
175Kb / 4P
   DC-AC INVERTER UNIT 24 W QUAD OUTPUTS
PS-DA0412-014-B POWER-SYSTEMS-PS-DA0412-014-B Datasheet
174Kb / 2P
   DC-AC INVERTER UNIT 25 W QUAD OUTPUTS
PS-DA0408-01-B POWER-SYSTEMS-PS-DA0408-01-B Datasheet
221Kb / 4P
   DC-AC INVERTER UNIT 18 W QUAD OUTPUTS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com