Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DB15H141D Datasheet(PDF) 8 Page - Sanyo Semicon Device

Part # DB15H141D
Description  2-PHASE STEPPING SYSTEMS
Download  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

DB15H141D Datasheet(HTML) 8 Page - Sanyo Semicon Device

Back Button DB15H141D Datasheet HTML 4Page - Sanyo Semicon Device DB15H141D Datasheet HTML 5Page - Sanyo Semicon Device DB15H141D Datasheet HTML 6Page - Sanyo Semicon Device DB15H141D Datasheet HTML 7Page - Sanyo Semicon Device DB15H141D Datasheet HTML 8Page - Sanyo Semicon Device DB15H141D Datasheet HTML 9Page - Sanyo Semicon Device DB15H141D Datasheet HTML 10Page - Sanyo Semicon Device DB15H141D Datasheet HTML 11Page - Sanyo Semicon Device DB15H141D Datasheet HTML 12Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 68 page
background image
7
2-input modeCW, CCW
Timing of the command pulse
Input circuit configuration
Input interface
Input circuit configuration
Input signal specifications
• The internal photo coupler turns ON within the
and,
at its falling edge to OFF, the internal circuit
motoris
activated.
• When applying the pulse to CW, turn OFF the CCW side
internal photo coupler.
• When applying the pulse to CCW, turn OFF the CW side
internal photo coupler.
• The H level is input for
and, at its rising edge to H
level, the internal circuit
stepping motoris activated.
• Switching the input signal U/D should be performed
while the input level on the CK side is L .
Specifications
2-phase STEPPING SYSTEMS
Input signal
220
Ω
Rotation
to
to
to
to
Rotation
2μs MIN.
2μs MIN.
1μs MAX.
1μs MAX.
Approx. 15 mA
Pulse duty 50 % MAX.
Approx. 15mA
Pulse duty 50% MAX.
1μs MAX.
1μs MAX.
50μs MIN.
50μs MIN.
10μs MIN.
Pulse and direction modeCK, U/D
Negative logic
Positive logic


Similar Part No. - DB15H141D

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
DB15 DIOTEC-DB15 Datasheet
214Kb / 2P
   Three-Phase Si-Bridge-Rectifiers
DB15-005 DIOTEC-DB15-005 Datasheet
180Kb / 2P
   Three-Phase Si-Bridge Rectifiers
logo
Semikron International
DB15-005 SEMIKRON-DB15-005 Datasheet
227Kb / 2P
   Three-Phase Si-Bridge Rectifiers
logo
Diotec Semiconductor
DB15-005 DIOTEC-DB15-005 Datasheet
97Kb / 2P
   Three-Phase Si-Bridge-Rectifiers
logo
Semikron International
DB15-005 SEMIKRON-DB15-005 Datasheet
231Kb / 2P
   Three-Phase Si-Bridge Rectifiers
More results

Similar Description - DB15H141D

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
DS17H732S SANYO-DS17H732S Datasheet
815Kb / 10P
   3-PHASE STEPPING SYSTEMS
FSF781S-CX3.6 SANYO-FSF781S-CX3.6 Datasheet
2Mb / 10P
   5-PHASE STEPPING SYSTEMS
SM2861-5052 SANYO-SM2861-5052 Datasheet
109Kb / 2P
   2-Phase Stepping motor
SH1421-5041 SANYO-SH1421-5041 Datasheet
136Kb / 2P
   2-Phase Stepping Motor
SH1601-5240 SANYO-SH1601-5240 Datasheet
134Kb / 2P
   2-Phase Stepping Motor
103H3205-5040 SANYO-103H3205-5040 Datasheet
670Kb / 11P
   2-phase Stepping Motor
STK672-630A-E SANYO-STK672-630A-E_11 Datasheet
166Kb / 21P
   2-phase Stepping Motor Driver
STK672-432A-E SANYO-STK672-432A-E_11 Datasheet
165Kb / 21P
   2-phase Stepping Motor Driver
logo
ON Semiconductor
STK672-432A-E ONSEMI-STK672-432A-E Datasheet
150Kb / 21P
   2-phase Stepping Motor Driver
June, 2013
STK672-440A-E ONSEMI-STK672-440A-E Datasheet
150Kb / 21P
   2-phase Stepping Motor Driver
June, 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com