Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SK3176 Datasheet(PDF) 4 Page - Toshiba Semiconductor

Part # 2SK3176
Description  Switching Regulator, DC-DC Converter and Motor Drive Applications
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SK3176 Datasheet(HTML) 4 Page - Toshiba Semiconductor

  2SK3176_09 Datasheet HTML 1Page - Toshiba Semiconductor 2SK3176_09 Datasheet HTML 2Page - Toshiba Semiconductor 2SK3176_09 Datasheet HTML 3Page - Toshiba Semiconductor 2SK3176_09 Datasheet HTML 4Page - Toshiba Semiconductor 2SK3176_09 Datasheet HTML 5Page - Toshiba Semiconductor 2SK3176_09 Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
2SK3176
2009-09-29
4
0
0
100
250
200
80
50
150
200
40
120
160
30
0
Common source
Tc
= 25°C
Pulse test
5
10
VGS = 0 V
3
0.4
0.8
1.2
1.6
2.0
100
1
5
50
10
3
30
300
Common source
VGS = 0 V
f
= 1 MHz
Tc
= 25°C
1000
10000
3000
0.1
0.3
1
10
30
100
3
Crss
Coss
Ciss
100
0
−80
160
40
−40
80
120
Common source
VGS = 10 V
Pulse test
15
0
0.02
0.04
0.06
0.08
0.10
ID = 30 A
7.5
0
10
20
5
15
0
0
100
200
200
80
50
150
40
120
160
VDS
VGS
160
VDD = 40 V
80
Common source
ID = 30 A
Tc
= 25°C
Pulse test
−80
160
80
−40
40
0
120
Common source
VDS = 10 V
ID = 1 mA
Pulse test
0
5
3
1
2
4
RDS (ON) – Tc
IDR – VDS
Case temperature Tc (
°C)
Drain-source voltage VDS (V)
Capacitance – VDS
Vth – Tc
Drain-source voltage VDS (V)
Case temperature Tc (
°C)
PD – Tc
Dynamic Input/Output
Characteristics
Case temperature Tc (
°C)
Total gate charge Qg (nC)


Similar Part No. - 2SK3176_09

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SK3176 TOSHIBA-2SK3176_07 Datasheet
185Kb / 6P
   Silicon N Channel MOS Type Switching Regulator, DC-DC Converter and Motor Drive Applications
More results

Similar Description - 2SK3176_09

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SK3842 TOSHIBA-2SK3842_09 Datasheet
228Kb / 6P
   Switching Regulator Applications, DC-DC Converter and Motor Drive Applications
2SK3462 TOSHIBA-2SK3462_06 Datasheet
182Kb / 6P
   Switching Regulator, DC/DC Converter and Motor Drive Applications
2SK3499 TOSHIBA-2SK3499 Datasheet
224Kb / 6P
   Switching Regulator and DC-DC Converter Applications Motor Drive Applications
2SK3388 TOSHIBA-2SK3388_09 Datasheet
200Kb / 6P
   Switching Regulator and DC-DC Converter Applications Motor Drive Applications
2SJ619 TOSHIBA-2SJ619_09 Datasheet
185Kb / 6P
   Switching Regulator and DC-DC Converter Applications Motor Drive Applications
2SK4021 TOSHIBA-2SK4021 Datasheet
271Kb / 6P
   Switching Regulator and DC/DC Converter Applications Motor Drive Applications
2SJ620 TOSHIBA-2SJ620_09 Datasheet
185Kb / 6P
   Switching Regulator and DC-DC Converter Applications Motor Drive Applications
2SK2613 TOSHIBA-2SK2613_10 Datasheet
207Kb / 6P
   Switching Regulator Applications, DC-DC Converter and Motor Drive Applications
2SK3462 TOSHIBA-2SK3462_10 Datasheet
185Kb / 6P
   Switching Regulator, DC/DC Converter and Motor Drive Applications
2SK4022 TOSHIBA-2SK4022 Datasheet
208Kb / 6P
   Switching Regulator, DC/DC Converter and Motor Drive Applications
2SK3443 TOSHIBA-2SK3443 Datasheet
376Kb / 5P
   SWITCHING REGULATOR DC-DC CONVERTER AND MOTOR DRIVE APPLICATIONS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com