Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PS-DA0601-01 Datasheet(PDF) 2 Page - Power Systems GmbH+Co.KG

Part # PS-DA0601-01
Description  DC-AC INVERTER UNIT 30 W SEXTUPLE OUTPUTS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER-SYSTEMS [Power Systems GmbH+Co.KG]
Direct Link  http://www.power-systems.de
Logo POWER-SYSTEMS - Power Systems GmbH+Co.KG

PS-DA0601-01 Datasheet(HTML) 2 Page - Power Systems GmbH+Co.KG

  PS-DA0601-01 Datasheet HTML 1Page - Power Systems GmbH+Co.KG PS-DA0601-01 Datasheet HTML 2Page - Power Systems GmbH+Co.KG PS-DA0601-01 Datasheet HTML 3Page - Power Systems GmbH+Co.KG PS-DA0601-01 Datasheet HTML 4Page - Power Systems GmbH+Co.KG  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
DC-AC INVERTER UNIT
PS-DA0601-01(S) (30 W SEXTUPLE OUTPUTS)
Power Systems – The Power Solution
Web:
www.Power-Systems.de
Address: Hauptstr. 48 ; 74360 Ilsfeld-Auenstein / Germany
Email:
Info@Power-Systems.de
Tel. :
+ 49 / 70 62 / 67 59 - 6
Fax:
+ 49 / 70 62 / 67 59 - 800
All specifications are subject to change without notice.
Page (2)
Version 1.5.2, 16th April 2007
(PRELIMINARY INFORMATION)
ELECTRICAL CHARACTERISTICS :
TEST CIRCUIT :
Note 1 :
Please keep minimum of 2mm clearance (all directions) between inverter high voltage area as marked
on mechanical drawing and any conductors.
SW 1
a
b
Operation of unit
Operation
Non operation
Vin (V)
Vrmt
(V)
Tu (°C)
Min.
Typ.
Max.
Output Current
Iout
12±1.2
5±0.25
0 ~ +50
6.5
7.0
7.5
m Arm s
V b r = 0 V d c
Output Current
Iout
12±0.6
5±0.25
0 ~ +50
25
30
35
%
V b r = 3 .3 V d c
Input Current
Iin
12±1.2
5±0.25
0 ~ +50
-
2.4
3.12
Adc
Frequency
F
12±1.2
5±0.25
0 ~ +50
50
55
60
kHz
Open Circuit Voltage
Vopen
11.4
5±0.25
0 ~ +50
-
1.450
1.750
Vrm s
No load Shutdow n
Ts d
12±1.2
5±0.25
0 ~ +50
1.0
-
-
s ec
wit ho ut lo ad
Unit
Note
Parameters
Symbols
Conditions
Specification
A
V
1000:1
PROBE
V
~
Vin
12 V
Iin
Vopen
F
CN1-1
CN1-2
CN1-5
F
T1
V
a
b
SW1
CN1-4
CN1-3
Vrmt
0.4 / 5.5 Vdc
Vbr
0 ~ 3.3 Vdc
CN1-6
CN1-8
CN1-7
A
~
A
~
RL3
RL2
Iout3
Iout2
CN2-1 +
CN4-1
SW4
SW5
SW6
CL3
CL2
SW3
A
~
RL1
Iout1
CL1
SW7
SW8
CN2-2 +
CN4-2
CN2-3 +
CN4-3
CN3-1 +
CN5-1
CN3-2 +
CN5-2
CN3-3 +
CN5-3
Input side CN1:
Pin No.
Symbols
Ratings
CN 1-1+2+3
Vin
10.8 ~ 13.2 Vdc
CN 1-4+5+6
GND
-
CN 1-7
Vbr
0 ~ 3.3 Vdc
CN 1-8
Vrm t
0 ~ 0.4 = OFF / 4.0 ~ Vin = ON
Output side CN2 + CN4
Pin No.
Symbols
Ratings
CN 2-1
Vhigh
714 Vrm s (7 m Arm s )
CN 2-2
Vhigh
714 Vrm s (7 m Arm s )
CN 2-3
Vhigh
714 Vrm s (7 m Arm s )
Output side CN3 + CN5
Pin No.
Symbols
Ratings
CN 3-1
Vlow
(GND)
CN 3-2
Vlow
(GND)
CN 3-3
Vlow
(GND)


Similar Part No. - PS-DA0601-01

ManufacturerPart #DatasheetDescription
logo
Power Systems GmbH+Co.K...
PS-DA0602-01 POWER-SYSTEMS-PS-DA0602-01 Datasheet
151Kb / 2P
   DC-AC INVERTER UNIT 30 W SIXFOLD OUTPUTS
PS-DA0602-01S POWER-SYSTEMS-PS-DA0602-01S Datasheet
151Kb / 2P
   DC-AC INVERTER UNIT 30 W SIXFOLD OUTPUTS
PS-DA0602-057 POWER-SYSTEMS-PS-DA0602-057 Datasheet
159Kb / 2P
   DC-AC INVERTER UNIT 28.5 W SEXTUPLE OUTPUTS
PS-DA0602-057-B POWER-SYSTEMS-PS-DA0602-057-B Datasheet
151Kb / 2P
   DC-AC INVERTER UNIT 28.5 W SEXTUPLE OUTPUTS
PS-DA0602-057-BS POWER-SYSTEMS-PS-DA0602-057-BS Datasheet
151Kb / 2P
   DC-AC INVERTER UNIT 28.5 W SEXTUPLE OUTPUTS
More results

Similar Description - PS-DA0601-01

ManufacturerPart #DatasheetDescription
logo
Power Systems GmbH+Co.K...
PS-DA0602-057-B POWER-SYSTEMS-PS-DA0602-057-B Datasheet
151Kb / 2P
   DC-AC INVERTER UNIT 28.5 W SEXTUPLE OUTPUTS
PS-DA0602-057 POWER-SYSTEMS-PS-DA0602-057 Datasheet
159Kb / 2P
   DC-AC INVERTER UNIT 28.5 W SEXTUPLE OUTPUTS
PS-DA0602-01 POWER-SYSTEMS-PS-DA0602-01 Datasheet
151Kb / 2P
   DC-AC INVERTER UNIT 30 W SIXFOLD OUTPUTS
PS-DA0403-01 POWER-SYSTEMS-PS-DA0403-01 Datasheet
150Kb / 4P
   DC-AC INVERTER UNIT 30 W QUAD OUTPUTS
CXA-0379 POWER-SYSTEMS-CXA-0379 Datasheet
464Kb / 3P
   DC-AC INVERTER UNIT 30 W SIXFOLD OUTPUTS WITH DIMMING FUNCTION
PS-DA0276-01-B POWER-SYSTEMS-PS-DA0276-01-B Datasheet
252Kb / 4P
   DC-AC INVERTER UNIT 10 W DUAL OUTPUTS
PS-DA0288-02-X POWER-SYSTEMS-PS-DA0288-02-X Datasheet
204Kb / 4P
   DC-AC INVERTER UNIT 8 W DUAL OUTPUTS
PS-DA0401-01 POWER-SYSTEMS-PS-DA0401-01 Datasheet
473Kb / 4P
   DC-AC INVERTER UNIT 20 W QUAD OUTPUTS
PS-DA0203-01 POWER-SYSTEMS-PS-DA0203-01 Datasheet
404Kb / 4P
   DC-AC INVERTER UNIT 9 W DUAL OUTPUTS
PS-M05D05S3-NJ4L-011 POWER-SYSTEMS-PS-M05D05S3-NJ4L-011 Datasheet
786Kb / 2P
   DC-AC INVERTER UNIT 6,5 W DUAL OUTPUTS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com