Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1N5402 Datasheet(PDF) 2 Page - Zowie Technology Corporation

Part # 1N5402
Description  SILICON RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZOWIE [Zowie Technology Corporation]
Direct Link  http://www.zowie.com.tw
Logo ZOWIE - Zowie Technology Corporation

1N5402 Datasheet(HTML) 2 Page - Zowie Technology Corporation

  1N5402 Datasheet HTML 1Page - Zowie Technology Corporation 1N5402 Datasheet HTML 2Page - Zowie Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATINGS AND CHARACTERISTIC CURVES 1N5400 THRU 1N5408
Zowie Technology Corporation
REV. : 0
FIG.1 - FORWARD CURRENT DERATING CURVE
FIG.3 - TYPICAL INSTANTANEOUS
FORWARD CHARACTERISTICS
3.0
2.5
2.0
1.5
1.0
0.5
0.1
1.0
10
100
0.01
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
0
0
25
50
75
100
125
150
175
AMBIENT TEMPERATURE,
oC
INSTANTANEOUS FORWARD VOLTAGE,
VOLTS
Single Phase
Half Wave 60Hz
Resistive or
Inductive Load
0.375" (9.5mm) LEAD LENGTH
FIG.2 - MAXIMUM NON-REPETITIVE
PEAK FORWARD SURGE CURRENT
NUMBER OF CYCLES AT 60Hz
8.3ms SINGLE HALF SINE-WAVE
(JEDEC Method)
0
50
100
200
1
10
100
FIG.4 - TYPICAL REVERSE CHARACTERISTICS
PERCENT OF RATED PEAK REVERSE VOLTAGE,%
0.01
0.1
1
10
100
0
20
0.1
1.0
10
TJ=25
oC
TJ=25
oC
40
60
80
100
120
140
FIG.5 - TYPICAL JUNCTION CAPACITANCE
FIG.6 - TYPICAL TRANSIENT THERMAL IMPEDANCE
TJ = 25
oC
REVERSE VOLTAGE, VOLTS
.1
1
40
200
.2
.4
1.0
2
4
10
20
40
100
t , PULSE DURATION, sec
100
10
1.0
0.10
0.01
2
4
10
6
20
60
100
NON-R
EPETIT
IVE
REPET
ITIVE
TJ=25
oC
PULSE WIDTH=300uS
1% DUTY CYCLE


Similar Part No. - 1N5402

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
1N5402 MOTOROLA-1N5402 Datasheet
44Kb / 2P
   STANDARD RECOVERY RECTIFIERS 50-1000 VOLTS 3.0 AMPERE
logo
Taiwan Semiconductor Co...
1N5402 TSC-1N5402 Datasheet
228Kb / 2P
   3.0 AMPS. Silicon Rectifiers
logo
Pan Jit International I...
1N5402 PANJIT-1N5402 Datasheet
43Kb / 2P
   HIGH CURRENT PLASTIC SILICON RECTIFIER
logo
Yangzhou yangjie electr...
1N5402 YANGJIE-1N5402 Datasheet
210Kb / 4P
   General Purpose Rectifier
logo
Shanghai Lunsure Electr...
1N5402 CHENYI-1N5402 Datasheet
159Kb / 2P
   GENERAL PURPOSE PLASTIC RECTIFIER
More results

Similar Description - 1N5402

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
1N647-1 MICROSEMI-1N647-1 Datasheet
86Kb / 1P
   SILICON RECTIFIER
1N649-1 MICROSEMI-1N649-1 Datasheet
86Kb / 1P
   SILICON RECTIFIER
logo
Rectron Semiconductor
1N4001 RECTRON-1N4001 Datasheet
225Kb / 2P
   SILICON RECTIFIER
logo
New Jersey Semi-Conduct...
IN3569-74 NJSEMI-IN3569-74 Datasheet
56Kb / 1P
   Silicon Rectifier
logo
Yangzhou yangjie electr...
ARS35A YANGJIE-ARS35A Datasheet
148Kb / 2P
   Silicon Rectifier
logo
New Jersey Semi-Conduct...
1N442 NJSEMI-1N442 Datasheet
88Kb / 1P
   Silicon Rectifier
logo
Zowie Technology Corpor...
RL201 ZOWIE-RL201 Datasheet
44Kb / 2P
   SILICON RECTIFIER
logo
Chenmko Enterprise Co. ...
RL151PT CHENMKO-RL151PT Datasheet
81Kb / 2P
   SILICON RECTIFIER
logo
Yangzhou yangjie electr...
15A YANGJIE-15A Datasheet
146Kb / 2P
   Silicon Rectifier
logo
Zowie Technology Corpor...
1N4001E ZOWIE-1N4001E Datasheet
45Kb / 2P
   SILICON RECTIFIER
logo
Rectron Semiconductor
1N5391 RECTRON-1N5391 Datasheet
22Kb / 2P
   SILICON RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com