Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TRF370417IRGER Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TRF370417IRGER
Description  50-MHz TO 6-GHz QUADRATURE MODULATOR
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TRF370417IRGER Datasheet(HTML) 9 Page - Texas Instruments

Back Button TRF370417IRGER Datasheet HTML 5Page - Texas Instruments TRF370417IRGER Datasheet HTML 6Page - Texas Instruments TRF370417IRGER Datasheet HTML 7Page - Texas Instruments TRF370417IRGER Datasheet HTML 8Page - Texas Instruments TRF370417IRGER Datasheet HTML 9Page - Texas Instruments TRF370417IRGER Datasheet HTML 10Page - Texas Instruments TRF370417IRGER Datasheet HTML 11Page - Texas Instruments TRF370417IRGER Datasheet HTML 12Page - Texas Instruments TRF370417IRGER Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 29 page
background image
f − Frequency − MHz
5
10
15
20
25
30
35
40
0
1000
2000
3000
4000
5000
6000
G009
5 V
4.5 V
5.5 V
fBB = 4.5, 5.5 MHz
POUT = −8 dBm Per Tone
LO = 4 dBm
TA = 25°C
5
10
15
20
25
30
35
40
0
1000
2000
3000
4000
5000
6000
f − Frequency − MHz
G010
–5 dBm
8 dBm
fBB = 4.5, 5.5 MHz
POUT = −8 dBm Per Tone
VCC = 5 V
TA = 25°C
4 dBm
0 dBm
20
30
40
50
60
70
80
90
100
0
1000
2000
3000
4000
5000
6000
f − Frequency − MHz
G011
–40
°C
25
°C
85
°C
fBB = 4.5, 5.5 MHz
POUT = −8 dBm Per Tone
LO = 4 dBm
VCC = 5 V
f − Frequency − MHz
20
30
40
50
60
70
80
90
100
0
1000
2000
3000
4000
5000
6000
G012
4.5 V
5.5 V
5 V
fBB = 4.5, 5.5 MHz
POUT = −8 dBm Per Tone
LO = 4 dBm
TA = 25°C
TRF370417
www.ti.com
SLWS213 – JANUARY 2010
TYPICAL CHARACTERISTICS (continued)
VCM = 1.7 V, VinBB = 98 mVrms single-ended sine wave in quadrature, VCC = 5 V, LO power = 4 dBm (single-ended), fBB = 50
kHz (unless otherwise noted).
OIP3
OIP3
vs
vs
FREQUENCY AND SUPPLY VOLTAGE
FREQUENCY AND LO POWER
Figure 9.
Figure 10.
OIP2
OIP2
vs
vs
FREQUENCY AND TEMPERATURE
FREQUENCY AND SUPPLY VOLTAGE
Figure 11.
Figure 12.
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): TRF370417


Similar Part No. - TRF370417IRGER

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TRF370417IRGER TI1-TRF370417IRGER Datasheet
1Mb / 34P
[Old version datasheet]   50-MHz to 6-GHz Quadrature Modulator
More results

Similar Description - TRF370417IRGER

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TRF370417_15 TI-TRF370417_15_15 Datasheet
1Mb / 31P
[Old version datasheet]   50-MHz TO 6-GHz QUADRATURE MODULATOR
TRF370417 TI1-TRF370417 Datasheet
1Mb / 34P
[Old version datasheet]   50-MHz to 6-GHz Quadrature Modulator
logo
Analog Devices
ADL5375 AD-ADL5375_13 Datasheet
926Kb / 36P
   400 MHz to 6 GHz Broadband Quadrature Modulator
REV. C
ADL5375 AD-ADL5375 Datasheet
2Mb / 32P
   400 MHz to 6 GHz Broadband Quadrature Modulator
REV. 0
ADL5375ACPZ-R7 AD-ADL5375ACPZ-R7 Datasheet
926Kb / 36P
   400 MHz to 6 GHz Broadband Quadrature Modulator
REV. C
ADL5385 AD-ADL5385 Datasheet
1Mb / 24P
   50 MHz to 2200 MHz Quadrature Modulator
REV. 0
logo
Texas Instruments
TRF3705 TI1-TRF3705 Datasheet
890Kb / 37P
[Old version datasheet]   300-MHz to 4-GHz Quadrature Modulator
TRF37T05_15 TI-TRF37T05_15_15 Datasheet
1,000Kb / 37P
[Old version datasheet]   300-MHz to 4-GHz Quadrature Modulator
TRF3705_15 TI-TRF3705_15_15 Datasheet
994Kb / 38P
[Old version datasheet]   300-MHz to 4-GHz Quadrature Modulator
TRF37T05 TI1-TRF37T05 Datasheet
1Mb / 40P
[Old version datasheet]   300-MHz to 4-GHz Quadrature Modulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com