Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PS-LD0101-2-080 Datasheet(PDF) 1 Page - Power Systems GmbH+Co.KG

Part # PS-LD0101-2-080
Description  LED-CONVERTER UNIT 9 W
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER-SYSTEMS [Power Systems GmbH+Co.KG]
Direct Link  http://www.power-systems.de
Logo POWER-SYSTEMS - Power Systems GmbH+Co.KG

PS-LD0101-2-080 Datasheet(HTML) 1 Page - Power Systems GmbH+Co.KG

  PS-LD0101-2-080 Datasheet HTML 1Page - Power Systems GmbH+Co.KG PS-LD0101-2-080 Datasheet HTML 2Page - Power Systems GmbH+Co.KG PS-LD0101-2-080 Datasheet HTML 3Page - Power Systems GmbH+Co.KG  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
LED-CONVERTER UNIT
PS-LD0101-x-yyy(S) (9 W)
Power Systems – The Power Solution
Web:
www.Power-Systems.de
Address: Hauptstr. 48 ; 74360 Ilsfeld-Auenstein / Germany
Email:
Info@Power-Systems.de
Tel. :
+ 49 / 70 62 / 67 59 - 6
Fax:
+ 49 / 70 62 / 67 59 - 800
All specifications are subject to change without notice.
Page (1)
Version 1.387, 21st May 2010
(PRELIMINARY INFORMATION)
DESCRIPTION :
This low profile LED-Converter is developed for max. 1 LED-line
APPLICABLE:
1 LED line
Pout
max. 9 Watt
LED Voltage
max. 35V
Lamp Current
max. 300 mAdc
Input Voltage
10.8 ~ 13.2 Vdc
FEATURES :
Independent Open LED Detection
Voltage or Ext. PWM Dimming
1000:1 dimming ratio with external PWM
Remote ON / OFF
Wide Input Voltage Range
RoHS compliant (S)
TEMPERATURE & HUMIDITY :
Operating Temperature Range
-20°C ~ +70°C
Storage Temperature Range
-20°C ~ +85°C
Humidity
95 %RH max
DIMENSIONS :
L x W x H
64 x 32 x 10.5 mm
Weight :5 (g) typ.
Tolerance: ±0.3mm
Note: Please use plastic screw in case of a non-insulating mounting base!
Components
No.
Part Description
Qty.
Material
Note
1
PCB
1
UL94V-0 (FR-4 or CEM-3)
t=1.0m m
2
Connector CN1
1
53261-0890
Molex
3
Connector CN2
1
53261-0590
Molex
Connector style


Similar Part No. - PS-LD0101-2-080

ManufacturerPart #DatasheetDescription
logo
Power Systems GmbH+Co.K...
PS-LD0301-020-B POWER-SYSTEMS-PS-LD0301-020-B Datasheet
99Kb / 3P
   LED-CONVERTER UNIT
PS-LD0301-020-BS POWER-SYSTEMS-PS-LD0301-020-BS Datasheet
99Kb / 3P
   LED-CONVERTER UNIT
PS-LD0301-027-B POWER-SYSTEMS-PS-LD0301-027-B Datasheet
108Kb / 2P
   LED-CONVERTER UNIT
PS-LD0301-027-BS POWER-SYSTEMS-PS-LD0301-027-BS Datasheet
108Kb / 2P
   LED-CONVERTER UNIT
PS-LD0301-028-B POWER-SYSTEMS-PS-LD0301-028-B Datasheet
108Kb / 2P
   LED-CONVERTER UNIT
More results

Similar Description - PS-LD0101-2-080

ManufacturerPart #DatasheetDescription
logo
Power Systems GmbH+Co.K...
PS-LPL0801-01 POWER-SYSTEMS-PS-LPL0801-01 Datasheet
109Kb / 3P
   LED-CONVERTER UNIT 9 W
PS-LD0605-01 POWER-SYSTEMS-PS-LD0605-01 Datasheet
118Kb / 3P
   LED-CONVERTER UNIT 4.5 W
PS-LD0605-02 POWER-SYSTEMS-PS-LD0605-02 Datasheet
104Kb / 3P
   LED-CONVERTER UNIT 7 W
PS-LD0301-038 POWER-SYSTEMS-PS-LD0301-038 Datasheet
97Kb / 2P
   LED-CONVERTER UNIT
PS-LD0302-1 POWER-SYSTEMS-PS-LD0302-1 Datasheet
111Kb / 3P
   LED-CONVERTER UNIT
PS-LD0301-020-B POWER-SYSTEMS-PS-LD0301-020-B Datasheet
99Kb / 3P
   LED-CONVERTER UNIT
CE-1077 POWER-SYSTEMS-CE-1077 Datasheet
209Kb / 3P
   LED CONVERTER UNIT
PS-LD0301-027-B POWER-SYSTEMS-PS-LD0301-027-B Datasheet
108Kb / 2P
   LED-CONVERTER UNIT
PS-LD0301-032 POWER-SYSTEMS-PS-LD0301-032 Datasheet
97Kb / 2P
   LED-CONVERTER UNIT
PS-LD0301-1 POWER-SYSTEMS-PS-LD0301-1 Datasheet
313Kb / 3P
   LED-CONVERTER UNIT
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com