Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PS-LD0302-2 Datasheet(PDF) 1 Page - Power Systems GmbH+Co.KG

Part # PS-LD0302-2
Description  LED-CONVERTER UNIT
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER-SYSTEMS [Power Systems GmbH+Co.KG]
Direct Link  http://www.power-systems.de
Logo POWER-SYSTEMS - Power Systems GmbH+Co.KG

PS-LD0302-2 Datasheet(HTML) 1 Page - Power Systems GmbH+Co.KG

  PS-LD0302-2 Datasheet HTML 1Page - Power Systems GmbH+Co.KG PS-LD0302-2 Datasheet HTML 2Page - Power Systems GmbH+Co.KG PS-LD0302-2 Datasheet HTML 3Page - Power Systems GmbH+Co.KG  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
LED-CONVERTER UNIT
PS-LD0302-x-y(S)
Power Systems – The Power Solution
Web:
www.Power-Systems.de
Address: Hauptstr. 48 ; 74360 Ilsfeld-Auenstein / Germany
Email:
Info@Power-Systems.de
Tel. :
+ 49 / 70 62 / 67 59 - 6
Fax:
+ 49 / 70 62 / 67 59 - 800
All specifications are subject to change without notice.
Page (1)
Version 1.0.3, 18th March 2010
(PRELIMINARY INFORMATION)
Weight :13 (g) typ.
DESCRIPTION :
This low profile LED-Converter is developed for max. 3 LED-lines
Optimized for Sharp: LQ104V1DG62
APPLICABLE:
1~3 LED lines (Serial Mode)
Pout
max. 9W
LED Voltage
max. 25Vdc
Lamp Current
max. 80mAdc
FEATURES :
Internal Open LED Detection for every Line
Ext. PWM Dimming
1000:1 dimming ratio with external PWM
Remote ON / OFF (If you want)
RoHS compliant (S)
TEMPERATURE & HUMIDITY :
Operating Temperature Range
-20°C ~ +70°C
Storage Temperature Range
-20°C ~ +85°C
Humidity
95 %RH max
DIMENSIONS :
L x W x H
105 x 23 x 7.5 mm
Pin 1
Pin 1
Components
No.
Part Description
Qty.
Material
Note
1
PCB
1
UL94V-0 (FR-4 or CEM-3)
t=1.0mm
2
Connector CN1
1
S5B-PH-SM3-1-TB
Molex
3
Connector CN3
1
53261-0690 / PBD
Molex


Similar Part No. - PS-LD0302-2

ManufacturerPart #DatasheetDescription
logo
Power Systems GmbH+Co.K...
PS-LD0301-020-B POWER-SYSTEMS-PS-LD0301-020-B Datasheet
99Kb / 3P
   LED-CONVERTER UNIT
PS-LD0301-020-BS POWER-SYSTEMS-PS-LD0301-020-BS Datasheet
99Kb / 3P
   LED-CONVERTER UNIT
PS-LD0301-027-B POWER-SYSTEMS-PS-LD0301-027-B Datasheet
108Kb / 2P
   LED-CONVERTER UNIT
PS-LD0301-027-BS POWER-SYSTEMS-PS-LD0301-027-BS Datasheet
108Kb / 2P
   LED-CONVERTER UNIT
PS-LD0301-028-B POWER-SYSTEMS-PS-LD0301-028-B Datasheet
108Kb / 2P
   LED-CONVERTER UNIT
More results

Similar Description - PS-LD0302-2

ManufacturerPart #DatasheetDescription
logo
Power Systems GmbH+Co.K...
PS-LD0301-038 POWER-SYSTEMS-PS-LD0301-038 Datasheet
97Kb / 2P
   LED-CONVERTER UNIT
PS-LD0301-020-B POWER-SYSTEMS-PS-LD0301-020-B Datasheet
99Kb / 3P
   LED-CONVERTER UNIT
CE-1077 POWER-SYSTEMS-CE-1077 Datasheet
209Kb / 3P
   LED CONVERTER UNIT
PS-LD0301-027-B POWER-SYSTEMS-PS-LD0301-027-B Datasheet
108Kb / 2P
   LED-CONVERTER UNIT
PS-LD0301-032 POWER-SYSTEMS-PS-LD0301-032 Datasheet
97Kb / 2P
   LED-CONVERTER UNIT
PS-LD0301-1 POWER-SYSTEMS-PS-LD0301-1 Datasheet
313Kb / 3P
   LED-CONVERTER UNIT
PS-LD0602-1 POWER-SYSTEMS-PS-LD0602-1 Datasheet
146Kb / 3P
   LED-CONVERTER UNIT
PS-LD0301-028-B POWER-SYSTEMS-PS-LD0301-028-B Datasheet
108Kb / 2P
   LED-CONVERTER UNIT
PS-LD0304-1 POWER-SYSTEMS-PS-LD0304-1 Datasheet
313Kb / 3P
   LED-CONVERTER UNIT
PS-LD0301-031 POWER-SYSTEMS-PS-LD0301-031 Datasheet
272Kb / 2P
   LED-CONVERTER UNIT
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com