Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPC8403 Datasheet(PDF) 4 Page - Toshiba Semiconductor

Part # TPC8403
Description  Motor Drive Applications Notebook PC Applications Portable Equipment Applications
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TPC8403 Datasheet(HTML) 4 Page - Toshiba Semiconductor

  TPC8403_06 Datasheet HTML 1Page - Toshiba Semiconductor TPC8403_06 Datasheet HTML 2Page - Toshiba Semiconductor TPC8403_06 Datasheet HTML 3Page - Toshiba Semiconductor TPC8403_06 Datasheet HTML 4Page - Toshiba Semiconductor TPC8403_06 Datasheet HTML 5Page - Toshiba Semiconductor TPC8403_06 Datasheet HTML 6Page - Toshiba Semiconductor TPC8403_06 Datasheet HTML 7Page - Toshiba Semiconductor TPC8403_06 Datasheet HTML 8Page - Toshiba Semiconductor TPC8403_06 Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
TPC8403
2006-11-13
4
N-channel
Electrical Characteristics (Ta = 25°C)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Gate leakage current
IGSS
VGS = ±16 V, VDS = 0 V
±10
μA
Drain cut-OFF current
IDSS
VDS = 30 V, VGS = 0 V
10
μA
V (BR) DSS
ID = 10 mA, VGS = 0 V
30
Drain-source breakdown voltage
V (BR) DSX
ID = 10 mA, VGS = −20 V
15
V
Gate threshold voltage
Vth
VDS = 10 V, ID = 1 mA
1.3
2.5
V
VGS = 4.5 V, ID = 3 A
38
46
Drain-source ON resistance
RDS (ON)
VGS = 10 V, ID = 3 A
25
33
m
Ω
Forward transfer admittance
|Yfs|
VDS = 10 V, ID = 3 A
3.9
7.8
S
Input capacitance
Ciss
850
Reverse transfer capacitance
Crss
180
Output capacitance
Coss
VDS = 10 V, VGS = 0 V, f = 1 MHz
270
pF
Rise time
tr
11
Turn-ON time
ton
18
Fall time
tf
6.5
Switching time
Turn-OFF time
toff
Duty <= 1%, tw = 10 μs
27
ns
Total gate charge
(gate-source plus gate-drain)
Qg
17
Gate-source charge 1
Qgs1
3
Gate-drain (“miller”) charge
Qgd
VDD ∼− 24 V, VGS = 10 V,
ID = 6 A
4
nC
Source-Drain Ratings and Characteristics (Ta = 25°C)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Drain reverse current
Pulse (Note 1)
IDRP
24
A
Forward voltage (diode)
VDSF
IDR = 6 A, VGS = 0 V
−1.2
V
RL =
5.0
Ω
VDD ∼− 15 V
0 V
VGS
10 V
ID = 3.0 A
VOUT


Similar Part No. - TPC8403_06

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TPC8403 TOSHIBA-TPC8403 Datasheet
309Kb / 11P
   Field Effect Transistor Silicon P/N Channel MOS Type (P Channel U-MOSII/N Channel U-MOSII)
More results

Similar Description - TPC8403_06

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TPC6011 TOSHIBA-TPC6011 Datasheet
219Kb / 7P
   Notebook PC Applications Portable Equipment Applications
TPCP8006 TOSHIBA-TPCP8006_1 Datasheet
221Kb / 7P
   Notebook PC Applications Portable Equipment Applications
TPC6004 TOSHIBA-TPC6004_07 Datasheet
236Kb / 7P
   Notebook PC Applications Portable Equipment Applications
TPC6104 TOSHIBA-TPC6104_06 Datasheet
239Kb / 7P
   Notebook PC Applications Portable Equipment Applications
TPCF8B01 TOSHIBA-TPCF8B01_09 Datasheet
312Kb / 9P
   Notebook PC Applications Portable Equipment Applications
TPC6102 TOSHIBA-TPC6102_06 Datasheet
198Kb / 7P
   Notebook PC Applications Portable Equipment Applications
TPC6001 TOSHIBA-TPC6001 Datasheet
200Kb / 7P
   Notebook PC Applications Portable Equipment Applications
TPCF8A01 TOSHIBA-TPCF8A01 Datasheet
329Kb / 9P
   Notebook PC Applications Portable Equipment Applications
TPC6101 TOSHIBA-TPC6101 Datasheet
155Kb / 6P
   Notebook PC Applications Portable Equipment Applications
TPC6103 TOSHIBA-TPC6103_06 Datasheet
282Kb / 7P
   Notebook PC Applications Portable Equipment Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com