Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PS-M06D05S6-NJ1LS Datasheet(PDF) 2 Page - Power Systems GmbH+Co.KG

Part # PS-M06D05S6-NJ1LS
Description  DC-AC INVERTER UNIT 6,5 W DUAL OUTPUTS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER-SYSTEMS [Power Systems GmbH+Co.KG]
Direct Link  http://www.power-systems.de
Logo POWER-SYSTEMS - Power Systems GmbH+Co.KG

PS-M06D05S6-NJ1LS Datasheet(HTML) 2 Page - Power Systems GmbH+Co.KG

  PS-M06D05S6-NJ1LS Datasheet HTML 1Page - Power Systems GmbH+Co.KG PS-M06D05S6-NJ1LS Datasheet HTML 2Page - Power Systems GmbH+Co.KG  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
DC-AC INVERTER UNIT
PS-M06D05S6-NJ1L(S) (6,5 W DUAL OUTPUTS)
Power Systems – The Power Solution
Web:
www.Power-Systems.de
Address: Hauptstr. 48 ; 74360 Ilsfeld-Auenstein / Germany
Email:
Info@Power-Systems.de
Tel. :
+ 49 / 70 62 / 67 59 - 6
Fax:
+ 49 / 70 62 / 67 59 - 800
All specifications are subject to change without notice.
Page (2)
Version 1.0.5, 12th February 2010
(PRELIMINARY INFORMATION)
ELECTRICAL CHARACTERISTICS :
TEST CIRCUIT :
Note 1 :
Please keep minimum of 2mm clearance (all directions) between inverter high voltage area as marked
on mechanical drawing and any conductors.
Note 2:
Remote ON/OFF (CN1-5) has priority and can not be used in combination with External PWM Dimming
(CN1-3). When 'Ext.PWM' (CN1-3) is used 'Vrmt' (CN1-5) should not be connected.
Note 3:
The external PWM frequency should be in a range of 100 ~ 500 Hz. For other frequency please request.
The optimum is normally at 250 Hz, and minimizes the interference disturbances of the vertical sync.
frequency.
Note 4:
Please contact us for 24V input voltage..
SW 1
a
b
Operation of unit
Operation
Non operation
EXTERNAL PWM-DIMMING ( Remote ON / OFF Detailed Circuit Diagram ):
A
~
RL1
Iout1
A
V
1000:1
PROBE
V
~
Vin
5 V
Iin
Vopen
F
CN1-1
CN1-2
CN1-5
CN2-1
CN3-1
F
CN2-2
T1
SW3
SW5
SW6
CL1
V
a
b
SW1
Vrmt
2.5 Vdc ~ Vin
CN1-4
Ext. PWM*
0 ~ 5 V
NC
CN1-3
*) Only active when Vrmt is 0 Vdc or floating
SW4
A
~
RL2
Iout2
CL2
CN3-2
Vin (V)
Vrmt
(V)
Tu (°C)
Min.
Typ.
Max.
Output Current
Iout
5±0.05
5±0.25
0 ~ +60
6.0
6.5
7.0
m Arm s
Vb r = 0 Vd c
Output Current
Iout
5±0.5
5±0.25
0 ~ +60
5.5
6.5
7.5
m Arm s
Vb r = 5 Vd c
Input Current
Iin
5±0.5
5±0.25
0 ~ +60
-
1.6
2.5
Adc
Frequency
F
5±0.5
5±0.25
0 ~ +60
50
60
70
kHz
Open Circuit Voltage
Vopen
4.75
5±0.25
0 ~ +60
1.450
1.500
-
Vrm s
Unit
Note
Parameters
Symbols
Conditions
Specification


Similar Part No. - PS-M06D05S6-NJ1LS

ManufacturerPart #DatasheetDescription
logo
Power Systems GmbH+Co.K...
PS-M06D05S6-NJ4L POWER-SYSTEMS-PS-M06D05S6-NJ4L Datasheet
68Kb / 2P
   DC-AC INVERTER UNIT 6,5 W DUAL OUTPUTS
PS-M06D05S6-NJ4LS POWER-SYSTEMS-PS-M06D05S6-NJ4LS Datasheet
68Kb / 2P
   DC-AC INVERTER UNIT 6,5 W DUAL OUTPUTS
More results

Similar Description - PS-M06D05S6-NJ1LS

ManufacturerPart #DatasheetDescription
logo
Power Systems GmbH+Co.K...
PS-M06D12S6-NJ1L POWER-SYSTEMS-PS-M06D12S6-NJ1L Datasheet
64Kb / 2P
   DC-AC INVERTER UNIT 6,5 W DUAL OUTPUTS
PS-M07D12S4-NJ5R-137 POWER-SYSTEMS-PS-M07D12S4-NJ5R-137 Datasheet
145Kb / 2P
   DC-AC INVERTER UNIT 6,5 W DUAL OUTPUTS
PS-M05D05S3-NJ4L-011 POWER-SYSTEMS-PS-M05D05S3-NJ4L-011 Datasheet
786Kb / 2P
   DC-AC INVERTER UNIT 6,5 W DUAL OUTPUTS
PS-M06D05S3-NJ4L-015 POWER-SYSTEMS-PS-M06D05S3-NJ4L-015 Datasheet
786Kb / 2P
   DC-AC INVERTER UNIT 6,5 W DUAL OUTPUTS
PS-M05D12S3-NJ4L-012 POWER-SYSTEMS-PS-M05D12S3-NJ4L-012 Datasheet
89Kb / 2P
   DC-AC INVERTER UNIT 6,5 W DUAL OUTPUTS
PS-M04D12S3-NJ1L-142 POWER-SYSTEMS-PS-M04D12S3-NJ1L-142 Datasheet
108Kb / 2P
   DC-AC INVERTER UNIT 6,5 W DUAL OUTPUTS
PS-M06D12S3-NJ4L-016 POWER-SYSTEMS-PS-M06D12S3-NJ4L-016 Datasheet
780Kb / 2P
   DC-AC INVERTER UNIT 6,5 W DUAL OUTPUTS
PS-M06D12S6-NJ4L POWER-SYSTEMS-PS-M06D12S6-NJ4L Datasheet
63Kb / 2P
   DC-AC INVERTER UNIT 6,5 W DUAL OUTPUTS
PS-M06D05S6-NJ4L POWER-SYSTEMS-PS-M06D05S6-NJ4L Datasheet
68Kb / 2P
   DC-AC INVERTER UNIT 6,5 W DUAL OUTPUTS
PS-DA0276-01-B POWER-SYSTEMS-PS-DA0276-01-B Datasheet
252Kb / 4P
   DC-AC INVERTER UNIT 10 W DUAL OUTPUTS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com